Part Number Hot Search : 
MMSZ5250 93010 001JP 74ADWR 87758 TA78L OM8507SF R3211425
Product Description
Full Text Search
 

To Download FWS-200011100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COMMUNICATIONS COMPONENTS
Amplified Spontaneous Emission Noise Rejection Filter
Key Features
* Thin film filter based * Wideband signal transmission * High level ASE noise rejection * Low temperature dependent loss * Epoxy-free optical path
Applications
* Pre-amplifiers * WDM in-line amplifiers
The JDSU amplified spontaneous emission (ASE) noise rejection filter uses interference filter technology to achieve wideband signal transmission and high level ASE noise rejection in erbium doped fiber amplifiers. Stable and reliable, these high performance filters are ideal for pre-amplifier and wavelength division multiplexing (WDM) in-line amplifier applications.
Compliance
* Telcordia GR-1221
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com
AMPLIFIED SPONTANEOUS EMISSION NOISE REJECTION FILTER
2
Performance (Model 1)
5 0 -5 -10 -15 -20 -25 -30 -35 -40
15 1520
1530
1540
1550
1560
1570
WAVELENGTH (nm)
Specifications
Parameter Pass wavelength range P Rejection wavelength range R Insertion loss at P Flatness at P Isolation at R Optical return loss Polarization dependent loss Polarization mode dispersion Temperature dependent loss Optical Power Tensile load Operating temperature Storage temperature Package dimensions (D x L) 250 m 900 m Fiber length
Model 1 1535 to 1565 nm 1510 to 1530 nm 0.6 dB 0.3 dB 20 dB 50 dB 0.05 dB 0.1 ps 0.1 dB 500mW 5N -5 to 75 C -40 to 85 C 5.5 x 30 mm (Standard) 3.2 x 30 mm (Miniature) 5.5 x 40 mm (Standard) 3.2 x 40 mm (Miniature) >1.0 m
Model 2 1537 to 1565 nm 1510 to 1532 nm 0.6 dB 0.3 dB 20 dB 50 dB 0.05 dB 0.1 ps 0.1 dB 500mW 5N -5 to 75 C -40 to 85 C 5.5 x 30 mm (Standard) 3.2 x 30 mm (Miniature) 5.5 x 40 mm (Standard) 3.2 x 40 mm (Miniature) >1.0 m
Model 3 1544 to 1565 nm 1510 to 1538 nm 0.6 dB 0.3 dB 20 dB 50 dB 0.05 dB 0.1 ps 0.1 dB 500mW 5N -5 to 75 C -40 to 85 C 5.5 x 30 mm (Standard) 3.2 x 30 mm (Miniature) 5.5 x 40 mm (Standard) 3.2 x 40 mm (Miniature) >1.0 m
Maximum Maximum Minimum Minimum Maximum Maximum Maximum Maximum Maximum
AMPLIFIED SPONTANEOUS EMISSION NOISE REJECTION FILTER
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at customer.service@jdsu.com.
Sample: FWS-200011000
FWS-2000
Code 1 2 3 Model 1535 to 1565 nm 1537 to 1565 nm 1544 to 1565 nm Code 0 1 Optical Power Standard power, 500 mW High power, 2 W Code 0 1 2 3 4 5 6 Connector Type1, 2 No connector FC/SPC FC/APC SC/SPC SC/APC ST LC/SPC
Code 1 2
Fiber Type 250 m fiber 900 m fiber
Code 0 1
Package Standard Miniature
1. Connectors available only with 900 m fiber option. 2. Other connectors available upon request.
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com July 2008
Product specifications and descriptions in this document subject to change without notice. (c) 2008 JDS Uniphase Corporation 21021899 005 0708 ASEFFWS.DS.CC.AE SMF-28 is a registered trademark of Corning Incorporated. Telcordia is a registered trademark of Telcordia Technologies Incorporated.


▲Up To Search▲   

 
Price & Availability of FWS-200011100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X