Part Number Hot Search : 
NTE2302 KA220 ULA6111 BDT29DF CHV21H28 CY7C6801 SM4004 HCT40
Product Description
Full Text Search
 

To Download FMV-603 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FMV-603 Duplex V /Duplex 2A & D
Two-way Video with Two Audio and One Data for PTZ Control
The FMV-603 is a duplex Video transmission system with two duplex Audio ports and a single duplex Data port, ideal for CCTV cameras, PTZ video conferencing, and ITS. Status indicators on Video, Sync, FM Data, carrier detect, voltage, temperature, and optical levels are monitored via LEDs.
Video
Audio
Data
System Design
All of our units come as an Insert Card version. The cards can be inserted into our 18-slot, 19" rackmountable card cage (CC-18-80W), or one of our smaller Desk Top Card Racks (DTCR series). The Desk Top Card Racks can handle one, two, four, or seven cards, allowing for greater flexibility and future expansion. They can sit on a flat surface as a larger stand-alone unit, or can be surface mounted with the flanges provided. Each one of our card housings operates with an appropriate power supply. The regulated switching power supply has short circuit protection and an input operating voltage of 87- 264 VAC.
Features
* Multimode or singlemode operation over one fiber * 8 MHz video bandwidth * 10 Hz to 20 KHz audio bandwidth * True DC restoration * Flat frequency response * Complies with RS-170 and RS-170A EIA video standards * Compatible with NTSC, PAL and SECAM * No EMI or RFI and no ground loops * Stand Alone or Rack Mount * Ideal for CCTV cameras, PTZ video conferencing, and ITS
865
q q
1310
q q
1550
Type LED
Mode MM
Wavelength Suffix L0/L1
Fiber Type 50 /125 62.5/125
Output Power -16 dBm
Receiver Sensitivity -34 dBm
Optical Loss Budget 18 dB
Range* 3 km
Conn Type ST
q
q
Laser
SM
L2/L3
09/125
-10 dBm
-34 dBm
24 dB
25 km
FC
* Chromatic dispersion should be taken into account.
98
800-867-8426 * info@opticomm.com * www.opticomm.com * Contact factory for higher requirement.
CCTV Security Networking
Video Video in/out impedance Video in/out level Video bandwidth Differential gain Differential phase Linearity/Tilt Compatibility Signal to noise ratio FM carrier frequency Connector type Audio Audio in/out impedance Audio in/out level Frequency response Signal to noise ratio Total harmonic distortion Connector type Data Data rate Bit error rate Data formats available
Connector type
75 1 volt peak to peak, 1.5 volts max 5 Hz to 8 MHz @ -3dB < 1.0 % typical < 1.0 typical 1.1 % typical/ 0.5 % typical NTSC, PAL, SECAM, RS-170, RS-170A >67 dB using RS-250C standards @ 1 km 70 MHz BNC 600 (balanced) or 10 k (unbalanced) -6 to +6 dBm 10 Hz to 20 KHz > 60 dB < 1.0 %, 1 KHz at maximum modulation Hi-density 15 pin DB9 (DE15)
Selection Guide Digital Broadcast AM/IM Analog SWFM Analog SWFM Analog Analog-to-Digital RGB Video Datacom RF CATV Appendix
DC to 300 Kbps 10-9 Async Rs-232, RS-422, RC-485/2W, Glenlock, Manchester, 20 mA current loop, TTL, or six Contact Closures Hi-density 15 pin DB9 (DE15)
General Dimensions & Weight
Temperature Humidity Operating voltage Vibration/Shock
Stand Alone (SA): 7.16" L x 6.51" W x 1.75" H 53 oz Insert Card (IC): 6.3" L x 1.7" W x 4.0" H 29 oz Operating: -40 C to +74 C; Storage; -55 C to +85 C 0 to 95% non-condensing 9 VDC (300 mA) or 110/220 VAC Up to 5 g's/Up to 12 g's
Opticomm reserves the right to change product specifications without notice.
Diagnostics Status monitoring
LED indicator
Emissions: FCC Part 15, ICES-003, AS/NZS, 3548, EN55022 Immunity: ENVS0204, EN61000-4-2,3,4,5,6,11 Safety: UL1950, CAN/CSA 22.2, NO.950-95
MADE IN THE USA
Sample Configuration
99


▲Up To Search▲   

 
Price & Availability of FMV-603

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X