|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
FFPF10H60S Hyperfast 2 Rectifier April 2007 FFPF10H60S Hyperfast 2 Rectifier Features * High Speed Switching ( trr=25ns(Typ.) @ IF=10A ) * High Reverse Voltage and High Reliability * Avalanche Energy Rated * Low Forward Voltage( VF=2.1V(Typ.) @ IF=10A ) tm 10A, 600V Hyperfast 2 Rectifier The FFPF10H60S is hyperfast2 rectifier (trr=25ns(Typ.) @ IF=10A). it has half the recovery time of ultrafast rectifier and is silicon nitride passivated ion-implanted epitaxial planar construction. This device is intended for use as freewheeling/clamping rectifiers in a variety of switching power supplies and other power swithching applications. Its low stored charge and hyperfast soft recovery minimize ringing and electrical noise in many power switching circuits reducing power loss in the switching transistors. Applications * General Purpose * Switching Mode Power Supply * Free-wheeling diode for motor application * Power switching circuits Pin Assignments TO-220F-2L 1. Cathode 2. Anode 1 1. Cathode 2 2. Anode Absolute Maximum Ratings Symbol VRRM VRWM VR IF(AV) IFSM TJ, TSTG TC = 25C unless otherwise noted Parameter Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current Non-repetitive Peak Surge Current 60Hz Single Half-Sine Wave Operating Junction and Storage Temperature = 25C unless otherwise noted Value 600 600 600 @ TC = 85 C 10 100 - 65 to +150 Units V V V A A C Thermal Characteristics T Symbol RJC C Parameter Maximum Thermal Resistance, Junction to Case Max 3.4 Units C/W Package Marking and Ordering Information Device Marking F10H60S Device FFPF10H60STU Package TO-220F Reel Size - Tape Width - Quantity 50 (c)2006 Fairchild Semiconductor Corporation 1 www.fairchildsemi.com FFPF10H60S Rev. A FFPF10H60S Hyperfast 2 Rectifier Electrical Characteristics T Parameter VFM 1 C = 25C unless otherwise noted Conditions IF = 10A IF = 10A VR = 600V VR = 600V IF =1A, di/dt = 100A/s, VCC = 30V IF =10A, di/dt = 50A/s, VCC = 390V IF =10A, di/dt = 200A/s, VCC = 390V IF =10A, di/dt = 50A/s, VCC = 390V TC = 25 C TC = 125 C TC = 25 C TC = 125 C TC = 25 C TC = 25 C TC = 25 C TC = 25 C TC = 25 C TC = 25 C Min. 20 Typ. 2.1 25 21 15 10 9.0 - Max 2.5 2.2 1 2 35 40 - Units V V mA mA ns ns ns ns ns nC mJ IRM1 trr ta tb Qrr WAVL Avalanche Energy (L = 40mH) Notes: 1. Pulse : Test Pulse width = 300s, Duty Cycle = 2% Test Circuit and Waveforms 2 FFPF10H60S Rev. A www.fairchildsemi.com FFPF10H60S Hyperfast 2 Rectifier Typical Performance Characteristics T Figure 1. Typical Forward Voltage Drop 100 C = 25C unless otherwise noted Figure 2. Typical Reverse Current 1E-4 FPRWARD CURRENT, IF [A] REVERSE CURRENT, IR [A] 1E-5 TC = 125 C o o 10 TC=125 C o TC=25 C o 1E-6 TC = 75 C 1E-7 1 TC=75 C o 1E-8 TC = 25 C o 0.1 0.0 1E-9 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 0 100 200 300 400 500 600 FORWARD VOLTAGE, VF [V] REVERSE VOLTAGE, VR [V] Figure 3. Typical Junction Capacitance 70 Figure 4. Typical Reverse Recovery Time 100 REVERSE RECOVERY TIME, trr [ns] f = 1MHz JUNCTION CAPACITANCE, CJ [pF] 60 90 80 70 60 50 40 30 20 10 0 50 IF = 10A 50 TC = 125 C o 40 30 TC = 75 C o 20 10 TC = 25 C o 0 1 10 100 1000 100 150 200 250 300 350 400 450500 REVERSE VOLTAGE, VR [V] di/dt [A/s] Figure 5. Typical Reverse Recovery Current REVERSE RECOVERY CURRENT, Irr [A] 10 9 8 7 6 5 4 3 2 1 0 50 Figure 6. Forward Current Deration Curve AVERAGE FORWARD CURRENT, IF(AV) [A] 16 14 12 10 8 IF = 10A TC = 125 C o o DC 6 4 2 0 50 TC = 25 C TC = 75 C 100 150 200 250 300 350 400 450500 o 60 70 80 90 100 110 120 o 130 140 150 di/dt [A/s] CASE TEMPERATURE, TC [ C] 3 FFPF10H60S Rev. A www.fairchildsemi.com FFPF10H60S Hyperfast 2 Rectifier Mechanical Dimensions TO-220F 2L 10.16 0.20 o3.18 0.10 2.54 0.20 (0.70) 3.30 0.10 6.68 0.20 15.80 0.20 (1.00x45) (6.50) (1.80) 9.75 0.30 12.00 0.20 MAX1.47 0.80 0.10 2.76 0.20 0.35 0.10 2.54TYP [2.54 0.20] 2.54TYP [2.54 0.20] +0.10 0.50 -0.05 9.40 0.20 4.70 0.20 Dimensions in Millimeters 4 FFPF10H60S Rev. A 15.87 0.20 www.fairchildsemi.com tm TRADEMARKS The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACEx(R) Across the board. Around the world.TM ActiveArrayTM BottomlessTM Build it NowTM CoolFETTM CROSSVOLTTM CTLTM Current Transfer LogicTM DOMETM E2CMOSTM EcoSPARK(R) EnSignaTM FACT Quiet SeriesTM FACT(R) FAST(R) FASTrTM FPSTM FRFET(R) GlobalOptoisolatorTM GTOTM HiSeCTM i-LoTM ImpliedDisconnectTM IntelliMAXTM ISOPLANARTM MICROCOUPLERTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANAR(R) PACMANTM POPTM Power220(R) Power247(R) PowerEdgeTM PowerSaverTM PowerTrench(R) Programmable Active DroopTM QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM ScalarPumpTM SMART STARTTM SPM(R) STEALTHTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TCMTM The Power Franchise(R) TM tm TinyBoostTM TinyBuckTM TinyLogic(R) TINYOPTOTM TinyPowerTM TinyWireTM TruTranslationTM SerDesTM UHC(R) UniFETTM VCXTM WireTM DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data; supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only. Rev. I24 Preliminary First Production No Identification Needed Full Production Obsolete Not In Production |
Price & Availability of FFPF10H60S |