Part Number Hot Search : 
TN003 618821 2010A MC2310 MMBT540 TR100 TCXNL 24VDC
Product Description
Full Text Search
 

To Download FFP-5F3145 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COMMUNICATIONS COMPONENTS
Fused Coupler, Polarization Maintaining (PM)
Key Features
* All PM fiber construction * Low excess loss * High power handling * 980, 1064, C, L and S bands available * Slow axis operation (standard), fast axis operation also available
Applications
* * * * *
Power monitoring of PM sources Coherent communications Fiber gyroscopes High power fiber lasers Fiber amplifiers
The JDSU polarization maintaining (PM) fused coupler, enables the accurate monitoring and splitting of optical signals in polarization maintaining fiber. Manufactured using industry-standard PM fiber, the component is available in any coupling ratio from 1 to 50%. Based on fused fiber technology, the PM Coupler demonstrates very low loss, high power handling and there is no price penalty for adding a second input port. The center operating wavelength may be chosen from within a wide variety of operating passbands, including 980, 1064, 1310, 14xx, 15xx and 16xx. In common with all PM components, it is necessary to launch into either the slow or the fast axis to maintain polarization. For the JDSU polarization maintaining (PM) fused coupler, specifications are based on slow axis launch, although fast axis versions are also available upon requested.
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com
FUSED COUPLER, PM TAP
2
Configuration
1x2
P1 (Red) COMMON (Input) P3 (Red) TAP (Output)
P2 (Blue) SIGNAL (Output)
2x2
P1 (Red) COMMON (Input) P3 (Red) TAP (Output)
P4 (Blue)
P2 (Blue) SIGNAL (Output)
Specifications1
Parameter
980 nm
1064 nm
1310 nm
14xx nm
15xx nm
16xx nm 16xx nm 1600 to 1650 nm 20 dB 17 dB 20 dB 17 dB 20 dB 17 dB 20 dB 17 dB 20 dB 17 dB
Center wavelength range 980 nm 1064 nm 1310 nm 14xx nm 15xx nm Available wavelength2 980 nm 1064 nm 1310 nm 1425 to 1499 nm 1500 to 1599 nm Extinction ratio3 (coupling ratio = 1/99, coupling ratio tolerance = 0.5%) Grade A 20 dB 20 dB 20 dB 20 dB 20 dB Grade B 17 dB 17 dB 17 dB 17 dB 17 dB Extinction ratio3 (coupling ratio = 5/95, coupling ratio tolerance = 1.5%) Grade A 20 dB 20 dB 20 dB 20 dB 20 dB Grade B 17 dB 17 dB 17 dB 17 dB 17 dB Extinction ratio3 (coupling ratio = 10/90, coupling ratio tolerance = 3.0%) Grade A 20 dB 20 dB 20 dB 20 dB 20 dB Grade B 17 dB 17 dB 17 dB 17 dB 17 dB Extinction ratio3 (coupling ratio = 33/67, coupling ratio tolerance = 4.0%) Grade A 17 dB 17 dB 20 dB 20 dB 20 dB Grade B 15 dB 15 dB 17 dB 17 dB 17 dB Extinction ratio4 (coupling ratio = 50/50, coupling ratio tolerance = 5.0%) Grade A 17 dB 17 dB 20 dB 20 dB 20 dB Grade B 15 dB 15 dB 17 dB 17 dB 17 dB Excess loss Grade A 0.3 dB Grade B 0.5 dB Return loss/Directivity 50 dB Pigtail tensile load 5N Operating temperature -5 to 75 C Storage temperature -40 to 85 C Fiber type Polarization maintaining fiber (industry-standard profile)
1. All specifications are for operation at room temperature. 2. The center wavelength may be selected from within the available wavelength ranges supplied. 3. Defined for signal path P1-P2. 4. Defined for both signal path P1-P2 and tap path P1-P3.
FUSED COUPLER, PM TAP
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at customer.service@jdsu.com.
Sample: FFP-C53150A10 (C-band, 5% Tap, regular housing, 1x2, Channel Center = 1550 nm, A grade, 1 m pigtail, no connector)
FFPCode 5 8 4 S C L Passband Wavelength 980nm 1060nm 1310 14xx 15xx 16xx Code 3 5 Housing Regular O 3x60 mm O 0.9 mm fiber O 3x76 mm Code Channel Center2 Last two digits of center wavelength For example, 45 xx45 nm 50 xx50 nm Code 0 P R Connectors4 NONE FC-APC/PM FC-PC/PM
Code 1 2
Configuration 1x2 2x2
Code A B
Grade Grade A Grade B
Code 1 5 A F K
Coupling Ratio1 1/99 5/95 10/90 33/67 50/50
Code 0 1
Pigtail Length3 0.5 meter 1 meter
1. 2. 3. 4.
Other coupling ratios available on request. Channel center must be within the wavelength ranges shown in the specifications table. Minimum pigtail length. Other pigtail lengths are available on request. Optical specifications in specification table do not include connector loss. Other connectors available on request.
Telcordia is a registered trademark of Telcordia Technologies Incorporated.
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com
Product specifications and descriptions in this document subject to change without notice. (c) 2007 JDS Uniphase Corporation 10135720 Rev. 008 11/05 FFP.DS.CC.AE
March 2007


▲Up To Search▲   

 
Price & Availability of FFP-5F3145

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X