Part Number Hot Search : 
5C28T TB1125A 2SK1952 D103C HD6417 AM7303 319211A HEF4510
Product Description
Full Text Search
 

To Download F18107SD600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 series F18
25-100Amp * Diode, SCR/Diode Modules
Modules come in an industry standard package, offering nine circuits that can be used singly or as power control building blocks. All models feature highly efficient thermal management for greatly extended cycle life and are UL recognized E72445.
# Standard Package and Circuits # Power Control Building Blocks
Electrical Specifications
ID VF Maximum Voltage Drop @ Amps Peak Operating Junction Temperature Range
27
42 40
RATINGS 57 92 55 90
107 105
Maximum DC Output Current @ Tc = 85C (A) 25
1.55V@75A 1.4@120A 1.4V@165A 1.4V@270A 1.65@V300A -40C to +125C 100 500 400 (120Vac) 600 (240Vac) 1000 (380Vac) 1200 (480Vac) 1400 (530Vac) 1600 (600Vac) 400 670 1000 4150 1500 9350 150 3.0 0.5W 5.0V 0.4 0.28 0.25 2500 VRMS 0.14 0.135 1950 15800 2250 25000
Mechanical Dimensions
All dimensions are in inches (millimeters)
TJ
di/dt Critical Rate of Rise of On-State Current @ TJ=125C (A/s) dv/dt Critical Rate of Rise of Off-State Voltage
.550 (14.0) .787 (20.0) .393 (10.0) M5 SCREW 3 PLCS
.787 (20.0)
.787 (20.0)
.590 (15.0)
.244 DIA. (6.2)
VRMS
.500 (12.7) 3.150 (79.9) .393 (10.0) .110 X .036 FASTON TERMINALS
Repetitive Peak Reverse Voltage AC Line Input Voltage
ITSM I2T IGT
Maximum Non-Repetitive Surge Current (A) [ 1/2Cycle, 60Hz] Maximum I2T for Fusing (A2sec) [t=8.3ms] Maximum Required Gate Current to Trigger @ 25C (mA) Maximum Required Gate Voltage to Trigger @ 25C (V)
1.180 (29.9)
1.195 (30.3)
VGT
3.620 (91.9)
.12 (3.0)
PG(AV) Average Gate Power VGM ROJC VISOL Maximum Peak Gate Voltage (Reverse) Maximum Thermal Resistance Junction to Ceramic Base per Chip Isolation Voltage
Mechanical Specifications
Weight (Typical) Torque Required 4.75 oz. (135g) Terminal Stud Screw : 30 inch lb Mounting Screw : 20 inch lb
ISO9001 C E R T I F I E D
Competitive part number cross-reference available at:
www.cynergy3.com
ASIA - Thailand Telephone +66 (0)2 665 2517 Fax +66 (0)2 665 2588 Cynergy 3 Components, Asia 18/8 Fico Place 12th Floor Soi Sukhumvit 21 (Asoke) Klongtoey Nua, Wattana Bangkok, Thailand 10110
Approvals
UL - E72445
USA Sales & Tech Support (866) 258-5057 Email: sales@cynergy3.com Cynergy3 Components 2320 Paseo de las Americas, Suite 104 San Diego, CA 92154
EUROPE - UK Telephone +44 (0) 1202 897969 Fax +44 (0) 1202 891918 Email: sales@cynergy3.com Cynergy3 Components Ltd. 7 Cobham Road Ferndown Industrial Estate Wimborne, Dorset BH21 7PE
(c) 2006 Cynergy3 components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 components and the Cynergy3 components logo are trademarks of Cynergy3 components Corp.
series F18
25-100Amp * Diode, SCR/Diode Modules
Part Number Indentification
Series F18 Current 27 - 25 Amps 42 - 40 Amps 57 - 55 Amps 92 - 90 Amps 107 - 105 Amps Circuit Type (see schematic diagrams) Example:SD AC Line Voltage 400 - 120 Vac 600 - 240 Vac 1000 - 380 Vac 1200 - 480 Vac 1400 - 530 Vac 1600 - 600 Vac
Example: : F1892SD1200
SD
AC
AC
+
--
G2 K2 K1 G1
DH
AC
AC
+
--
G2 K2
CAD
1 2
1
2
3
+
--
G2 K2 K1 G1
G2 K2
+
-AC
3
SDK
AC
AC
+
--
K2 G2 K1 G1
HD
AC
+
--
K1 G1
CCH
1 2
1
2
3
G2 K2
+
--
K2 G2 K1 G1
+
-K1 G1
3
G2 K2
CCD
1 2
1
2
3
CAH
3 1 2
1
2
3
K1 G1
RD
AC
AC
+
--
3 K1 G1
+
--
D
+
+
--
--
ISO9001 C E R T I F I E D
Competitive part number cross-reference available at:
www.cynergy3.com
ASIA - Thailand Telephone +66 (0)2 665 2517 Fax +66 (0)2 665 2588 Cynergy 3 Components, Asia 18/8 Fico Place 12th Floor Soi Sukhumvit 21 (Asoke) Klongtoey Nua, Wattana Bangkok, Thailand 10110
Approvals
UL - E72445
USA Sales & Tech Support (866) 258-5057 Email: sales@cynergy3.com Cynergy3 Components 2320 Paseo de las Americas, Suite 104 San Diego, CA 92154
EUROPE - UK Telephone +44 (0) 1202 897969 Fax +44 (0) 1202 891918 Email: sales@cynergy3.com Cynergy3 Components Ltd. 7 Cobham Road Ferndown Industrial Estate Wimborne, Dorset BH21 7PE
(c) 2006 Cynergy3 components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 components and the Cynergy3 components logo are trademarks of Cynergy3 components Corp.


▲Up To Search▲   

 
Price & Availability of F18107SD600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X