Part Number Hot Search : 
3154A SZ455G 6L1CA TCR2EF18 1C101MR 2SK35 G150N50W MX7847BQ
Product Description
Full Text Search
 

To Download EMVA401ASS4R7MKE0S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
MVA
@F4 through F18 case sizes are fully lined up @Endurance : 85C 2000 hours @Suitable to fit for downsized equipment @Solvent-proof type except 100 to 450Vdc (see PRECAUTIONS AND GUIDELINES) @Pb-free design
downsized size extended MV
Downsized, 85C
?SPECIFICATIONS
Items
Category Temperature Range Rated Voltage Range Capacitance Tolerance Leakage Current -40 to +85C 4 to 450Vdc P20% (M) (at 20C, 120Hz) Rated voltage (Vdc) 4 to 100V 160 to 450V D55 to JA0 I=0.01CV or 3MA, whichever is greater.(after 2 minutes) KE0 to MN0 I=0.03CV or 4MA, whichever is greater.(after 1 minute) I=0.04CV+100MA max.(after 1 minute) Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V) (at 20C) Rated voltage (Vdc) 4V 6.3V 10V 16V 25V 35V 50V 63V 100V 160 to 250V 400 & 450V D55 to JA0 0.42 0.35 0.30 0.26 0.16 0.14 0.12 0.12 0.12 tanE (Max.) KE0 to MN0 0.38 0.34 0.30 0.26 0.22 0.18 0.14 0.10 0.20 0.25 When nominal capacitance exceeds 1000MF, add 0.02 to the value above for each 1000MF increase. (at 20C, 120Hz) Rated voltage (Vdc) 4V 6.3V 10V 16V 25V 35V 50V 63V 100V 160 to 250V 400 & 450V Z(-25C)/Z(+20C) 3 2 2 2 2 2 3 4 7 D55 to JA0 Z(-40C)/Z(+20C) 4 3 3 3 4 6 8 10 17 Z(-25C)/Z(+20C) 2 2 2 2 2 3 4 5 3 6 KE0 to MN0 Z(-40C)/Z(+20C) (at 120Hz) 3 3 3 4 5 8 10 12 6 10 The following specifications shall be satisfied when the capacitors are restored to 20C after the rated voltage is applied for 2000 hours at 85C. Size code D55 to JA0 D55 to JA0 KE0 to MN0 Rated voltage (Vdc) 4V & 6.3V 10 to 100V 6.3 to 450V Capacitance change [P30% of the initial value [P20% of the initial value DF (tanE) [200% of the initial specified value [200% of the initial specified value Leakage current [The initial specified value [The initial specified value The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1000 hours at 85C without voltage applied. Size code D55 to JA0 D55 to JA0 KE0 to MN0 Rated voltage 4V & 6.3V 10 to 100V 6.3 to 450V Capacitance change [P30% of the initial value [P20% of the initial value DF (tanE) [200% of the initial specified value [200% of the initial specified value Leakage current [The initial specified value [The initial specified value
Characteristics
Dissipation Factor (tane)
Low Temperature Characteristics (Max. Impedance Ratio)
Endurance
Shelf Life
?DIMENSIONS [mm]
@Terminal Code : A @Size code : D55 to KG5
W FDP0.5 FDP0.5 P CP0.2 BP0.2 BP0.2 P CP0.2
@Terminal Code : G @Size code : LH0 to MN0
0.3max. W
0.3max. LP0.3(Note)
AP0.2
LP0.5
AP0.2
Note : LP0.5 for HA0 to KG5
: Dummy terminals
C B A L Size code D 5.2 4.3 4.3 5.1 4 D55 5.2 5.3 5.3 5.9 5 E55 6.3 5.2 6.6 6.6 7.2 F55 6.3 5.7 6.6 6.6 7.2 F60 6.3 7.7 6.6 6.6 7.2 F80 8 10.0 8.3 8.3 9.0 HA0 10 10.0 10.3 10.3 11.0 JA0 12.5 13.5 13.0 13.0 13.7 KE0 12.5 16.0 13.0 13.0 13.7 KG5 16 16.5 17.0 17.0 18.0 LH0 16 21.5 17.0 17.0 18.0 LN0 18 16.5 19.0 19.0 20.0 MH0 18 21.5 19.0 19.0 20.0 MN0
W 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.7 to 1.1 0.7 to 1.1 1.0 to 1.3 1.0 to 1.3 1.0 to 1.3 1.0 to 1.3 1.0 to 1.3 1.0 to 1.3
P 1.0 1.4 1.9 1.9 1.9 3.1 4.5 4.2 4.2 6.5 6.5 6.5 6.5
?PART NUMBERING SYSTEM
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
?MARKING
D55 to JA0 EX) 16V47MF
7hA
E MV A AAA A AA AAA M AAA N
Supplement code Size code Capacitance tolerance code Capacitance code (ex. 0.1MF:R10,100MF:101) Taping*Tray code Terminal code (A, G) Voltage code (ex. 6.3V:6R3,100V:101,450V:451) Series code Category
KE0 to HN0 EX) 25V1000MF
0V MVA
47 16V
1000 25V
Please refer to "A guide to global code (surface mount type)"
(1/2)
CAT. No. E1001E
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
Downsized, 85C
?STANDARD RATINGS
WV (Vdc) Cap (mF)
33 47 100 220 330 470 1000 33 47 100 220 330 470 680 820 1000 1500 2200 3300 3300 4700 6800 6800 10000 22 33 47 100 150 220 330 470 1000 2200 3300 4700 4700 6800 22 33 47 100 150 220 330 470 680 1000 2200 3300 3300 4700 10 22 33 47 56 100 150 220 330 470 1000 2200 2200 3300 4.7 10 22 33 47 100
is non solvent-proof.
WV (Vdc) Cap (mF)
150 220 330 470 1000 2200 3.3 4.7 10 22 33 47 100 220 330 470 470 1000 1000 0.10 0.22 0.33 0.47 1.0 2.2 3.3 4.7 10 22 33 47 56 68 100 220 330 330 470 470 22 33 68 100 220 220 330 47 68 100 100 22 33 47 68 68 100 10 22 33 47 47 68 4.7 10 22 22 33 4.7 10 22 33
Size code
Rated ripple current tane (mArms/ 85c,120Hz)
0.42 0.42 0.42 0.42 0.42 0.42 0.42 0.35 0.35 0.35 0.35 0.35 0.35 0.35 0.35 0.35 0.35 0.40 0.42 0.42 0.44 0.48 0.48 0.56 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.36 0.38 0.40 0.40 0.44 0.26 0.26 0.26 0.26 0.26 0.26 0.26 0.26 0.26 0.30 0.32 0.34 0.34 0.36 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.26 0.28 0.28 0.30 0.14 0.14 0.14 0.14 0.14 0.14 25 30 50 80 135 150 320 30 33 55 88 135 280 290 320 430 480 890 1000 1200 1400 1750 1700 2000 26 30 44 70 79 130 270 280 430 960 1300 1550 1600 1850 26 37 44 70 110 130 270 280 380 710 1150 1450 1450 1750 24 41 47 60 66 120 210 260 300 400 820 1450 1400 1800 18 24 41 54 64 120
Part No.
Size code
Rated ripple current tane (mArms/ 85c,120Hz)
0.14 0.14 0.14 0.22 0.22 0.24 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.18 0.18 0.18 0.18 0.18 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.14 0.14 0.14 0.14 0.14 0.14 0.12 0.12 0.10 0.10 0.10 0.10 0.10 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 210 260 360 600 1100 1700 15 18 30 47 70 85 190 320 600 740 850 1300 1400 1.3 3.0 4.0 5.0 8.0 12 17 20 32 60 110 130 160 170 380 580 720 820 950 1000 90 120 380 440 850 800 1000 370 500 590 590 240 310 420 510 510 590 150 240 340 420 420 490 120 140 280 280 350 120 140 280 350
Part No.
4
6.3
10
16
25
35
D55 D55 E55 F55 F80 F80 HA0 D55 D55 E55 F55 F80 HA0 HA0 HA0 JA0 JA0 KE0 KG5 LH0 LH0 LN0 MH0 MN0 D55 D55 E55 F55 F55 F80 HA0 HA0 JA0 KE0 LH0 LN0 MH0 MN0 D55 E55 E55 F55 F80 F80 HA0 HA0 JA0 KE0 LH0 LN0 MH0 MN0 D55 E55 E55 F55 F55 F80 HA0 HA0 HA0 JA0 KE0 LN0 MH0 MN0 D55 D55 E55 F55 F60 F80
EMVA4R0ADA330MD55G EMVA4R0ADA470MD55G EMVA4R0ADA101ME55G EMVA4R0ADA221MF55G EMVA4R0ADA331MF80G EMVA4R0ADA471MF80G EMVA4R0ADA102MHA0G EMVA6R3ADA330MD55G EMVA6R3ADA470MD55G EMVA6R3ADA101ME55G EMVA6R3ADA221MF55G EMVA6R3ADA331MF80G EMVA6R3ADA471MHA0G EMVA6R3ADA681MHA0G EMVA6R3ADA821MHA0G EMVA6R3ADA102MJA0G EMVA6R3ADA152MJA0G EMVA6R3ASS222MKE0S EMVA6R3ASS332MKG5S EMVA6R3GTR332MLH0S EMVA6R3GTR472MLH0S EMVA6R3GTR682MLN0S EMVA6R3GTR682MMH0S EMVA6R3GTR103MMN0S EMVA100ADA220MD55G EMVA100ADA330MD55G EMVA100ADA470ME55G EMVA100ADA101MF55G EMVA100ADA151MF55G EMVA100ADA221MF80G EMVA100ADA331MHA0G EMVA100ADA471MHA0G EMVA100ADA102MJA0G EMVA100ASS222MKE0S EMVA100GTR332MLH0S EMVA100GTR472MLN0S EMVA100GTR472MMH0S EMVA100GTR682MMN0S EMVA160ADA220MD55G EMVA160ADA330ME55G EMVA160ADA470ME55G EMVA160ADA101MF55G EMVA160ADA151MF80G EMVA160ADA221MF80G EMVA160ADA331MHA0G EMVA160ADA471MHA0G EMVA160ADA681MJA0G EMVA160ASS102MKE0S EMVA160GTR222MLH0S EMVA160GTR332MLN0S EMVA160GTR332MMH0S EMVA160GTR472MMN0S EMVA250ADA100MD55G EMVA250ADA220ME55G EMVA250ADA330ME55G EMVA250ADA470MF55G EMVA250ADA560MF55G EMVA250ADA101MF80G EMVA250ADA151MHA0G EMVA250ADA221MHA0G EMVA250ADA331MHA0G EMVA250ADA471MJA0G EMVA250ASS102MKE0S EMVA250GTR222MLN0S EMVA250GTR222MMH0S EMVA250GTR332MMN0S EMVA350ADA4R7MD55G EMVA350ADA100MD55G EMVA350ADA220ME55G EMVA350ADA330MF55G EMVA350ADA470MF60G EMVA350ADA101MF80G
35
50
63
100
160
200
250
400
450
HA0 HA0 JA0 KE0 LH0 MN0 D55 D55 E55 F55 F80 F80 HA0 JA0 KE0 KG5 LH0 LN0 MN0 D55 D55 D55 D55 D55 D55 E55 E55 F55 F80 HA0 HA0 JA0 JA0 KE0 KE0 KG5 LH0 LH0 MH0 HA0 JA0 KE0 KE0 LN0 MH0 MN0 KG5 LH0 LN0 MH0 KE0 KG5 LH0 LN0 MH0 MN0 KE0 KG5 LH0 LN0 MH0 MN0 KE0 LH0 LN0 MH0 MN0 KE0 LH0 LN0 MN0
EMVA350ADA151MHA0G EMVA350ADA221MHA0G EMVA350ADA331MJA0G EMVA350ASS471MKE0S EMVA350GTR102MLH0S EMVA350GTR222MMN0S EMVA500ADA3R3MD55G EMVA500ADA4R7MD55G EMVA500ADA100ME55G EMVA500ADA220MF55G EMVA500ADA330MF80G EMVA500ADA470MF80G EMVA500ADA101MHA0G EMVA500ADA221MJA0G EMVA500ASS331MKE0S EMVA500ASS471MKG5S EMVA500GTR471MLH0S EMVA500GTR102MLN0S EMVA500GTR102MMN0S EMVA630ADAR10MD55G EMVA630ADAR22MD55G EMVA630ADAR33MD55G EMVA630ADAR47MD55G EMVA630ADA1R0MD55G EMVA630ADA2R2MD55G EMVA630ADA3R3ME55G EMVA630ADA4R7ME55G EMVA630ADA100MF55G EMVA630ADA220MF80G EMVA630ADA330MHA0G EMVA630ADA470MHA0G EMVA630ADA560MJA0G EMVA630ADA680MJA0G EMVA630ASS101MKE0S EMVA630ASS221MKE0S EMVA630ASS331MKG5S EMVA630GTR331MLH0S EMVA630GTR471MLH0S EMVA630GTR471MMH0S EMVA101ADA220MHA0G EMVA101ADA330MJA0G EMVA101ASS680MKE0S EMVA101ASS101MKE0S EMVA101GTR221MLN0S EMVA101GTR221MMH0S EMVA101GTR331MMN0S EMVA161ASS470MKG5S EMVA161GTR680MLH0S EMVA161GTR101MLN0S EMVA161GTR101MMH0S EMVA201ASS220MKE0S EMVA201ASS330MKG5S EMVA201GTR470MLH0S EMVA201GTR680MLN0S EMVA201GTR680MMH0S EMVA201GTR101MMN0S EMVA251ASS100MKE0S EMVA251ASS220MKG5S EMVA251GTR330MLH0S EMVA251GTR470MLN0S EMVA251GTR470MMH0S EMVA251GTR680MMN0S EMVA401ASS4R7MKE0S EMVA401GTR100MLH0S EMVA401GTR220MLN0S EMVA401GTR220MMH0S EMVA401GTR330MMN0S EMVA451ASS4R7MKE0S EMVA451GTR100MLH0S EMVA451GTR220MLN0S EMVA451GTR330MMN0S
SS : Taping / Tray code
(2/2)
CAT. No. E1001E


▲Up To Search▲   

 
Price & Availability of EMVA401ASS4R7MKE0S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X