Part Number Hot Search : 
EP120660 PAC7302 G106M MN347H 5KE40 3055EL ITA6V5B1 FCM1005
Product Description
Full Text Search
 

To Download EIM6472-4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EIM6472-4
UPDATED: 01/15/2008
6.4-7.2 GHz Multi-Stage Power Amplifier
FEATURES
* * * * * * * 6.4-7.2GHz Operating Frequency Range 35.5dBm Output Power @ 1dB Compression 28.0 dB Typical Power Gain @1dB gain compression -45dBc Typical OIM3@ each tone Pout 22.5dBm Non-Hermetic Metal Flange Package Point-to-point and point-to-multipoint radio Military Radar Systems Caution! ESD sensitive device.
VD1 RF IN
EXCELICS
EIM6472-4
VD2 RF OUT
-5V
N/C
GND
APPLICATIONS
ELECTRICAL CHARACTERISTICS (Tb = 25 C, 50 ohm, VD1=7V, VD2=10V, Vgg=-5V)
SYMBOL F P1dB G1dB Gain OIMD3 Input RL Output RL VD1 VD2 IDQ1 IDQ2 Vgg Rth Tb PARAMETER/TEST CONDITIONS Operating Frequency Range Output Power @1dB Gain Compression Gain @1dB gain compression Gain Flatness Output 3 Order Intermodulation Distortion @f=10MHz, Each Tone Pout 22.5dBm Input Return Loss Output Return Loss Drain Supply Voltage 1 Drain Supply Voltage 2 Quiescent Drain Current 1 Quiescent Drain Current 2 Gate Supply Voltage Thermal Resistance Operating Base Plate Temperature - 30
rd
MIN 6.4 34.5 24
TYP
MAX 7.2
UNITS GHz dBm dB dB dBc
35.5 28 1.5
-42
-45 -12 -15 7 10 800 1100 -5 4.2 + 80 1300 -8 -10
dB dB V V mA mA V
o
C/W C
Note: Turn on/off sequence is required: ---to turn on: apply -5V on both Vgg first, then +7V and +10V. ---to turn off: turn +7V and +10V off first, then turn -5V off
Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
page 1 of 4 Revised February 2008
EIM6472-4
UPDATED: 01/15/2008
6.4-7.2 GHz Multi-Stage Power Amplifier
CHARACTERISTIC ABSOLUTE 12V 14V -10V 150mA 20dBm 175C -65/175C 29.8W CONTINUOUS 8V 10V -6 V 50 mA @ 3dB compression 150C -65/150C 25W
1,2
MAXIMUM RATINGS @25C1,2
SYMBOL VD1 VD2 Vgg Igg PIN TCH TSTG PT Drain Supply Voltage 1 Drain Supply Voltage 2 Gate Supply Voltage Gate Current Input Power Channel Temperature Storage Temperature Total Power Dissipation
Notes: 1. Operating the device beyond any of the above rating may reduce MTTF and cause permanent damage. 2. Bias conditions must also satisfy the following equation Vdd*Idd < (TCH -Tb)/RTH
Typical Performance: 1. Small Signal Performance (@Vd1 = 7V, Vd2 = 10V, Id1 = 800mA, Id2 = 1100mA)
Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
page 2 of 4 Revised February 2008
EIM6472-4
UPDATED: 01/15/2008
6.4-7.2 GHz Multi-Stage Power Amplifier
2. P1-dB & G1-dB (@Vd1 = 7V, Vd2 = 10V, Id1 = 800mA, Id2 = 1100mA)
38 37 36 35 35 34 33 32 31 30 29 28 27 26 25 6.4 6.5 6.6 6.7 6.8 6.9 7 7.1 7.2 7.3
P1dB(dBm)
34 33 32 31 30 29 28 6.3
Frequency(GHz)
P1-dB G1-dB
Package Dimensions and Pin Assignments
.920 .412 .120 MIN .206 R0.063 (4 PLCS) 0.060X0.060
VD1
EXCELICS
EIM6472-4
VD2 RF OUT N/C
.100
.827 .669
RF IN
-5V
.020
GND
.412 .920 .004 .105 .177
Dimensions are in inches * NC: No connection inside the package Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
G1dB(dB
.063 .157
page 3 of 4 Revised February 2008
EIM6472-4
UPDATED: 01/15/2008
6.4-7.2 GHz Multi-Stage Power Amplifier
Application Note
1. The package should be screwed onto a good heat sink and ground 2. Turn on/off sequence is required: ---to turn on: apply -5V first, then +7V and +10V. ---to turn off: turn +7V and +10V off first, then turn -5V off 3. Recommended External Bias Circuit and Internal Block Diagram
22uF 0.1uF VD1 RF IN 0.1uF
22uF VD2 RF OUT
Vgg 0.1uF 22uF GND
NC
DISCLAIMER EXCELICS SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. EXCELICS DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN. LIFE SUPPORT POLICY EXCELICS SEMICONDUCTOR PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF EXCELICS SEMICONDUCTOR, INC. AS HERE IN: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
page 4 of 4 Revised February 2008


▲Up To Search▲   

 
Price & Availability of EIM6472-4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X