Part Number Hot Search : 
EBE24B MC6800P 1N5297 TC110 TN5115 TA31136 BU32TA2W BSX53
Product Description
Full Text Search
 

To Download E1AD1205NX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5-6 WATT 2:1 WIDE INPUT RANGE DC/DC POWER MODULES
(Rectangle Package)
FEATURES
! " # $ 5.0 to 6.0 Watt Isolated Output 2:1 Wide Input Range High Conversion Efficiency Continuous Short Circuit Protection
INPUT SPECIFICATIONS
% Voltage ....................................12, 24, 48 Vdc % Voltage Range .........9-18, 18-36 & 36-72Vdc % Input Filter ........................................... Pi Type
GENERAL SPECIFICATIONS
% % % % Efficiency ........................................ Per Table Switching Frequency ............... 100KHz Min. Isolation Voltage: .................... 500 Vdc Min. Operating Temperature ........ -25 to +75OC Derate Linearly to no load @ 100OC max. % Case Material: 500Vdc.......Non-Conductive Black Plastic 1.5kVdc & 3kVdc.....Black coated copper with non-conductive base
OUTPUT SPECIFICATIONS
Voltage ........................................... Per Table Initial Voltage Accuracy ................ 2% Max Voltage Stability ......................... 0.05% max Ripple & Noise .................... 100/150mV p-p Load Regulation (10 to 100% Load) Single Output Units: 0.5% Dual Output Units: 1.0% % Line Regulation ........................... 0.5% typ. % Temp Coefficient ...................... 0.05% /OC % Short Circuit Protection ........... Continuous % % % % % PIN ASSIGNMENTS
PACKAGE PHYSICAL DIMENSIONS DIMENSIONS IN inches (mm)
P PDCx06xxxx YYWW M
1.25 (31.8) .50 (12.7)
PIN # 1 2 3 9 10 11 12 13 14 15 16 22 23 24
500VDC SINGLE OUTPUT + INPUT NC NC NP -OUTPUT +OUTPUT -INPUT -INPUT +OUTPUT -OUTPUT NP NC NC +INPUT DUAL OUTPUTS +INPUT -OUTPUT COMMON NP COMMON +OUTPUT -INPUT -INPUT +OUTPUT COMMON NP COMMON -OUTPUT +INPUT PIN # 1 2 3 9 10 11 12 13 14 15 16 22 23 24
1500VDC & 3000VDC DUAL SINGLE OUTPUT OUTPUTS NP -INPUT -INPUT NC NC NC NP NP +OUTPUT NC -OUTPUT +INPUT +INPUT NP NP -INPUT -INPUT COMMON NC -OUTPUT NP NP +OUTPUT NC COMMON +INPUT +INPUT NP
.10 (2.5)
123 9 10 11 12
.15 (3.8) .08 (2.0)
*NP-NO PIN *NC-NO CONNECTION WITH PIN
.60 .80 (15.24) (20.3)
24 23 22
16 15 14 13
Note: Pin size is 0.02" Inch (0.5mm) DIA or 0.02x0.014 Inch Specifications subject to change without notice. PDCx0600x 02/01
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630 * TEL: (949) 452-0511 * FAX: (949) 452-0512 * http://www.premiermag.com
1
5-6 WATT 2:1 WIDE INPUT RANGE DC/DC POWER MODULES
(Rectangle Package)
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE -25OC TO +75OC
PART NUMBER
(Note #1)
Premier Magnetics Old Part #
(Note #2)
INPUT VOLTAGE NOMINAL RANGE
OUTPUT VOLTAGE (Vdc)
INPUT OUTPUT CURRENT CURRENT NO LOAD FULL LOAD (mAdc) (mA) (mA)
TYPICAL EFFICIENCY
PDCS06001 PDCS06002 PDCS06003 PDCS06004 PDCD06002 PDCD06003 PDCD06004 PDCS06011 PDCS06012 PDCS06013 PDCS06014 PDCD06012 PDCD06013 PDCD06014 PDCS06021 PDCS06022 PDCS06023 PDCS06024 PDCD06022 PDCD06023 PDCD06024
E1AS1203NX E1AS1205NX E1AS1212NX E1AS1215NX E1AD1205NX E1AD1212NX E1AD1215NX E1AS2403NX E1A24S05NX E1AS2412NX E1AS2415NX E1AD2405NX E1AD2412NX E1AD2415NX E1AS4803NX E1AS4805NX E1AS4812NX E1AS4815NX E1AD4805NX E1AD4812NX E1AD4815NX
12 12 12 12 12 12 12 24 24 24 24 24 24 24 48 48 48 48 48 48 48
9-18 9-18 9-18 9-18 9-18 9-18 9-18 18-36 18-36 18-36 18-36 18-36 18-36 18-36 36-72 36-72 36-72 36-72 36-72 36-72 36-72
3.3 5 12 15 5 12 15 3.3 5 12 15 5 12 15 3.3 5 12 15 5 12 15
1000 1000 470 400 500 230 190 1000 1000 470 400 500 230 190 1000 1000 470 400 500 230 190
7.5 7.5 7.5 7.5 12 12 12 5 5 5 5 7.5 7.5 7.5 2 2 2 2 3 3 3
405 545 585 625 545 575 590 195 265 285 305 265 285 295 98 133 145 154 265 142 147
68 % 76 % 80 % 80 % 76 % 80 % 80 % 70 % 78 % 82 % 82 % 78 % 81 % 81 % 70 % 78 % 81 % 81 % 78 % 81 % 81 %
NOTE #1: PDCx06xxx_ : FOR STANDARD PART WITH ISOLATION = 500VDC PDCx06xxxK : ADD "K" FOR PART WITH ISOLATION = 1500VDC PDCx06xxxQ : ADD "Q" FOR PART WITH ISOLATION = 3000VDC
NOTE #2: (FOR PREMIER MAGNETICS OLD PART #) E1AXXXXXNX : FOR STANDARD PART WITH ISOLATION = 500VDC E1AXXXXXNM : FOR PART WITH ISOLATION = 1500VDC E1AXXXXXNT : FOR PART WITH ISOLATION = 3000VDC
Specifications subject to change without notice.
PDCx0600x 01/01
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630 * TEL: (949) 452-0511 * FAX: (949) 452-0512 * http://www.premiermag.com
2


▲Up To Search▲   

 
Price & Availability of E1AD1205NX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X