Part Number Hot Search : 
60330L 2405A DT7101 01380 AD8346 SID303BS L4620 PCA88021
Product Description
Full Text Search
 

To Download DG401BDY-E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DG401B/403B/405B
New Product
Vishay Siliconix
Low-Power, High-Speed CMOS Analog Switches
FEATURES
D D D D D D D D 44-V Supply Max Rating "15-V Analog Signal Range On-Resistance--r DS(on): 23 W Low Leakage--ID(on): 40 pA Fast Switching--tON: 100 ns Upgrade to DG401/403/405 TTL, CMOS Compatible Single Supply Capability
BENEFITS
D Wide Dynamic Range D Break-Before-Make Switching Action (DG403B only) D Simple Interfacing
APPLICATIONS
D D D D Audio and Video Switching Sample-and-Hold Circuits Test Equipment PBX, PABX
DESCRIPTION
The DG401B/403B/405B monolithic analog switches are replacements for the popular DG401/403/405 analog switches and provide improved performance, combining high speed (tON: 100 ns, typ) with low power consumption make the DG401B series ideal for portable and battery powered applications. Built on the Vishay Siliconix proprietary high-voltage silicon-gate process to achieve high voltage rating and superior switch on/off performance, break-before-make is guaranteed for the SPDT configurations. Each switch conducts equally well in both directions when on, and blocks up to 30 V peak-to-peak when off. On-resistance is very flat over the full "15-V analog range. The DG401B has two independent SPST switches. The DG403B has four SPST switches in NO/NC combinations. The DG405B has four switches in two SPST pairs. (See Functional Block Diagrams and Pin Configurations on pages 1 and 2.) The DG401B/403B/405B is available in both 16-pin plastic dip and 16-pin SOIC packages. As a committed partner to the community and the environment, Vishay Siliconix manufactures this product with the lead (Pb)-free device terminations. For analog switching products manufactured with 100% matte tin device terminations, the lead (Pb)-free "--E3" suffix is being used as a designator.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
DG401B
Dual-In-Line and SOIC D1 NC NC NC NC NC NC D2 1 2 3 4 5 6 7 8 Top View 16 15 14 13 12 11 10 9 S1 IN1 V- GND NC V+ IN2 S2
Two SPST Switches per Package
TRUTH TABLE
Logic
0 1 Logic "0" v 0.8 V g Logic "1" w 2 4 V 2.4
Switch
OFF ON
Document Number: 73069 S-42444--Rev. A, 10-Jan-05
www.vishay.com
1
DG401B/403B/405B
Vishay Siliconix
New Product
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
DG403B
Dual-In-Line and SOIC D1 NC D3 S3 S4 D4 NC D2 1 2 3 4 5 6 7 8 Top View 16 S1 15 14 13 12 11 10 9 IN1 V- GND NC V+ IN2 S2
Four SPST Switches in Two Pairs per Package
TRUTH TABLE
Logic
0 1
SW1, SW2
OFF ON Logic "0" v 0.8 V 1 Logic "1" w 2.4 V
SW3, SW4
ON OFF
DG405B
Dual-In-Line and SOIC D1 NC D3 S3 S4 D4 NC D2 1 2 3 4 5 6 7 8 16 S1 15 14 13 12 11 10 9 IN1 V- GND NC V+ IN2 S2
Four SPST Switches in Two Pairs per Package
TRUTH TABLE
Logic
0 1 Logic "0" v 0.8 V Logic "1" w 2.4 V
Switch
OFF ON
Top View
ORDERING INFORMATION Standard Commercial Part Number
DG401BDJ DG403BDJ DG405BDJ DG401BDY DG403BDY DG405BDY DG401BDY-T1 DG403BDY-T1 DG405BDY-T1
Lead (Pb)-Free Commercial Part Number
DG401BDJ--E3 DG403BDJ--E3 DG405BDJ--E3 DG401BDY--E3 DG403BDY--E3 DG405BDY--E3 DG401BDY-T1--E3 DG403BDY-T1--E3 DG405BDY-T1--E3
Package
Temperature Range
16-Pin Plastic Dip 6 p
16-Pin Narrow SOIC 6 SO C
-40 to 85 C 0 85C
16-Pin N 16 Pi Narrow SOIC With Tape and Reel
www.vishay.com
2
Document Number: 73069 S-42444--Rev. A, 10-Jan-05
DG401B/403B/405B
New Product
ABSOLUTE MAXIMUM RATINGS
V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44 V GND to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 V Digital Inputsa VS, VD . . . . . . . . . . . . . . . . . . . . . . . (V-) - 0.3 V to (V+) +0.3 V or 30 mA, whichever occurs first Current (Any Terminal) Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 mA Current, S or D (Pulsed 1 ms 10% duty) . . . . . . . . . . . . . . . . . . . . . . . . 100 mA Storage Temperature (DJ, DY Suffix) . . . . . . . . . . . . . . . . . . . . . -65 to 125_C Power Dissipation (Package)b 16-Pin Plastic DIPc . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 450 mW 16-Pin SOICd . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 600 mW Notes: a. Signals on SX, DX, or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings. b. All leads welded or soldered to PC Board. c. Derate 6 mW/_C above 75_C d. Derate 7.6 mW/_C above 75_C
Vishay Siliconix
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
SPECIFICATIONSa
Test Conditions Unless Specified Parameter Analog Switch
Analog Signal Rangee Drain-Source On-Resistance D Drain-Source On-Resistance VANALOG rDS(on) DrDS(on) IS(off) Switch Off Leakage Current ID(off) Channel On Leakage Current ID(on) IS = -10 mA, VD = "10 V V+ = 13.5 V, V- = -13.5 V IS = -10 mA, VD = "5 V, 0 V V+ = 16.5 V, V- = -16.5 V V+ = 16.5, V- = -16.5 V VD = "15.5 V, VS = #15.5 V V+ = 16.5 V, V- = -16.5 V VS = VD = "15.5 V Full Room Full Room Full Room Hot Room Hot Room Hot -0.5 -5 -0.5 -5 -1 -10 -15 23 0.72 -0.01 -0.01 -0.04 15 45 55 3 5 0.5 5 0.5 5 1 10 nA V
Limits
-40 to 85_C
Symbol
V+ = 15 V, V- = -15 V, VIN = 2.4 V, 0.8 Vf
Tempb
Mind
Typc
Maxd
Unit
W
Digital Control
Input Current VIN Low Input Current VIN High IIL IIH VIN under test = 0.8 V, All Other = 2.4 V VIN under test = 2.4 V, All Other = 0.8 V Full Full -1 -1 0.005 0.005 1 1 mA
Dynamic Characteristics
Turn-On Time Turn-Off Time Break-Before-Make Time Delay (DG403B) Charge Injection Off Isolation Reject Ratio Channel-to-Channel Crosstalk Source Off Capacitance Drain Off Capacitance Channel On Capacitance tON tOFF tD Q OIRR XTALK CS(off) CD(off) CD, CS(on) f = 1 MHz, VS = 0 V , RL = 300 W , CL = 35 pF See Figure 2 RL = 300 W , CL = 35 pF CL = 10,000 pF, Vgen = 0 V, Rgen = 0 W RL = 100 W , CL = 5 pF f = 1 MHz Room Room Room Room Room Room Room Room Room 5 100 60 12 60 -81.7 -94.8 12 12 39 p pF pC dB 150 100 ns
Power Supplies
Positive Supply Current Negative Supply Current Ground Current I+ I- IGND V+ = 16.5 V, V- = -16.5 V VIN = 0 or 5 V Room Full Room Full Room Full -0.5 -1 -0.5 -1 0.250 0.25 0.25 0.5 1 mA
Notes: a. Refer to PROCESS OPTION FLOWCHART. b. Room = 25_C, Full = as determined by the operating temperature suffix. c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing. d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet. e. Guaranteed by design, not subject to production test. f. VIN = input voltage to perform proper function. Document Number: 73069 S-42444--Rev. A, 10-Jan-05 www.vishay.com
3
DG401B/403B/405B
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Supply Current vs. Temperature
100000 V+ = 15 V V- = -15 V ICC - Supply Current (pA) 10000 Supply Current (mA) 60 50 40 30 20 10 0 -25 5 35 65 95 125 0 2000 4000 6000 8000 10000 12000 Temperature (_C) Frequency (kHz)
Supply Current vs. Switching Frequency
1000 I+ I-
100
10
1 -55
rON vs. Analog Voltage and Supply Voltage
60 55 rON - On-Resistance ( ) 50 45 40 35 30 25 20 15 10 -25 -20 -15 -10 -5 0 5 10 15 20 25 VCC = #6 V VCC = #10 V VCC = #12 V VCC = #15 V VCC = #20 V VCC = #22 V
rON vs. Analog Voltage and Single Supply Voltage
90 80 rON - On-Resistance ( ) 70 60 50 40 30 20 10 0 5 10 15 20 25 VD - Analog Voltage (V) VCC = 7.5 V VCC = 10 V VCC = 12 V VCC = 15 V VCC = 20 V VCC = 22 V
VD - Analog Voltage (V)
rON vs. Analog Voltage and Temperature
60 55 rON - On-Resistance ( ) 50 45 40 35 30 25 20 15 10 -15 -10 -5 0 5 10 15 VCC = #15 V IS = 10 mA 100 125 _C 85 _C 25 _C 0 _C -40 _C -55 _C 80 60 Leakage Current (pA) 40 20 0 -20 -40 -60 -80 -100 -15
Leakage Current vs. Analog Voltage
V+ = 15 V V- = -15 V For ID(off), VS = 0 V For IS(off), VD = 0 V
ID(on) ID(off) IS(off)
-5
5
15
VD - Analog Voltage (V) www.vishay.com
VD - Analog Voltage (V) Document Number: 73069 S-42444--Rev. A, 10-Jan-05
4
DG401B/403B/405B
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Leakage Current vs. Temperature
10000 150 125 Leakage Current (pA) Switching Time (nS) 1000 100 75 50 25 0 -25 5 35 65 95 125 0 "5 "10 "15 "20 "25 Temperature (_C) Supply Voltage (V) t(on), VS = +5 V t(on), VS = -5 V t(off), VS = -5 V t(off), VS = +5 V
Vishay Siliconix
Switching Time vs. Supply Voltage
100
10
IS(off) ID(on) ID(off)
1 -55
Switching Time vs. Single Supply Voltage
250 225 200 175 150 125 100 75 50 25 0 0 5 10 15 20 25 Supply Voltage (V) 20 -55 Switching Time (nS) Switching Time (nS) t(on), VS = +5 V t(off), VS = +5 V 80 70 60 50 40 30
Switching Time vs. Temperature
t(on), VS = +10 V t(on), VS = -10 V t(off), VS = +10 V t(off), VS = -10 V
V+ = 15 V V- = -15 V -25 5 35 65 95 125
Temperature (_C)
Input Switching Threshold vs. Supply Voltage
3.0 VTH - Input Threshold Voltage (V) 2.8 2.6 2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 5 10 15 20 25 30 Supply Voltage (V) Document Number: 73069 S-42444--Rev. A, 10-Jan-05 130 0.01 Loss, OIRR, X TALK (dB) 10 30 50 70 90 110 -10
Insertion Loss, Off -Isolation Crosstalk vs. Frequency
Insertion Loss
Off Isolation
Cross Talk
0.1
1 10 Frequency (MHz)
100
1000
www.vishay.com
5
DG401B/403B/405B
Vishay Siliconix
New Product
SCHEMATIC DIAGRAM (TYPICAL CHANNEL)
V+ S
VIN
Level Shift/ Drive
V-
V+ GND D V-
FIGURE 1.
TEST CIRCUITS
VO is the steady state output with the switch on. Feedthrough via switch capacitance may result in spikes at the leading and trailing edge of the output waveform. 3V 50% 0V tOFF VS 90% 0V tON -VS VO 90% VO tr <20 ns tf <20 ns
+15 V V+ "10 V S IN GND V- D VO RL 1 kW CL 35 pF
Logic Input Switch Input*
Switch Output Switch Input*
-15 V CL (includes fixture and stray capacitance) VO = VS RL RL + rDS(on)
*VS = 10 V for tON, VS = -10 V for tOFF Note: Logic input waveform is inverted for switches that have the opposite logic sense control
FIGURE 2. Switching Time
+15 V V+ VS1 VS2 S1 S2 IN GND V- RL2 D1 D2 VO2 VO1
Logic Input
3V 50% 0V VS1 VO1
90%
Switch Output RL1 CL2 CL1 Switch Output
0V VS2 VO2 0V
90%
tD
tD
-15 V CL (includes fixture and stray capacitance)
FIGURE 3. Break-Before-Make
www.vishay.com
6
Document Number: 73069 S-42444--Rev. A, 10-Jan-05
DG401B/403B/405B
New Product
TEST CIRCUITS
+15 V
Vishay Siliconix
Rg
V+ S IN D CL 10 nF V- VO VO IN
DVO
Vg 3V
On
GND
Off Q = DVO x CL
On
-15 V
FIGURE 4. Charge Injection
+15 V C
V+
VS Rg = 50 W 0V, 2.4 V
S
D
VO RL 100 W VS S Rg = 50 W 0V, 2.4 V VS VO C = RF bypass IN GND
+15 V C V+ D
IN GND V- C
VO
RL 100 W V- C
-15 V Off Isolation = 20 log C = RF bypass
-15 V
FIGURE 5. Off Isolation
FIGURE 6. Insertion Loss
+15 V
C +15 V
V+ VS Rg = 50 W VO 50 W S2 S1 D
C
V+
S Meter
RL 0.8 V
IN GND V- C
0 V, 2.4 V
IN
D GND V- C
HP4192A Impedance Analyzer or Equivalent f = 1 MHz
-15 V XTALK Isolation = 20 log C = RF bypass VS VO -15 V
FIGURE 7. Crosstalk
FIGURE 8. Capacitances
Document Number: 73069 S-42444--Rev. A, 10-Jan-05
www.vishay.com
7
DG401B/403B/405B
Vishay Siliconix
APPLICATIONS
New Product
+15 V
+15 V
V+ Left Source 1 Right Left Source 2 Right S4 IN2 TTL Channel Select D4 S1 S3 IN1 S2 D2 Right TTL Integrate/ Reset D1 D3 Left ein S1 S3 IN1 S2 S4 IN2
V+ D1 D3 C1 D2 D4 C2 + - eout
DG403B
GND V-
Slope Select
DG403B
GND V- -15 V
-15 V
FIGURE 9. Stereo Source Selector
FIGURE 10. Dual Slope Integrator
Dual Slope Integrators
+15 V
The DG403B is well suited to configure a selectable slope integrator. One control signal selects the timing capacitor C1 or C2. Another one selects ein or discharges the capacitor in preparation for the next integration cycle.
V+ S1 S3 IN1 D1 D3
Band-Pass Switched Capacitor Filter
ein
S2 S4
D2 D4
Single-pole double-throw switches are a common element for switched capacitor networks and filters. The fast switching times and low leakage of the DG403B allow for higher clock rates and consequently higher filter operating frequencies.
IN2 Clock
DG403B
GND V-
-15 V + - eout
FIGURE 11. Band-Pass Switched Capacitor Filter
www.vishay.com
8
Document Number: 73069 S-42444--Rev. A, 10-Jan-05
DG401B/403B/405B
New Product
APPLICATIONS
Peak Detector A3 acting as a comparator provides the logic drive for operating SW1. The output of A2 is fed back to A3 and compared to the analog input ein. If ein > eout the output of A3 is high keeping SW1 closed. This allows C1 to charge up to the analog input voltage. When ein goes below eout A3 goes negative, turning SW1 off. The system will therefore store the most positive analog input experienced.
Vishay Siliconix
Reset
SW2 SW1 R1 + A2 - eout
ein
- A1 +
+ A3 -
DG401B
C1
FIGURE 12. Positive Peak Detector
Document Number: 73069 S-42444--Rev. A, 10-Jan-05
www.vishay.com
9
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of DG401BDY-E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X