|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
POWER TRANSFORMER 1. CONFIGURATION & DIMENSIONS : 9.53 (0.375) W B DCS6-24 (F) SERIES A 4.76(0.187)Quick Connect Solder Lug Terminal 4.76(0.187)Dia. Mfg. Holes 4.76 (0.187) 3.96 (0.156) 6.35 (0.250) 10 9 8 7 6 H 5 4 3 2 1 ML L 2.39 (0.094) UNIT : mm (inch) SIZE 6 VA 30 L 82.55 (3.250) W 42.88 (1.688) H 49.23 (1.938) A 74.63 (2.938) B 27.00 (1.063) ML 71.45 (2.813) gram 498.95 2. SCHEMATIC : 1 6 2 8 4 5 indicates polarity 10 3. ELECTRICAL CHARACTERISTICS ( @ 25C ) : a. Primary Voltage b. No Load Primary Current c. Secondary Voltage (5%) Pin 6-10 C.T. Pin 8 d. Secondary Load Current e. Full Load Primary Current f. Full Load Secondary Voltage (5%) Pin 6-10 C.T. Pin 8 g. DC Resistance Pin 1-2 Pin 4-5 Pin 6-8 Pin 8-10 h. Insulation Resistance i. Withstand Voltage (Hi-Pot) j. Temperature Rise k. Core Size l. Turns & Wire Gauge Primary-1 Pin 1-2 Primary-2 Pin 4-5 Secondary Pin 6-8-10 AC 115/230 V 50/60 Hz . Less Than 35mA / 55mA . AC 28.50 V / 28.50 V . 1.25A . Less Than 340mA / 200mA . 24.00V / 24.00V . Primary-1 = 41.20 Ohm . Primary-2 = 47.90 Ohm . Secondary-1 = 0.58 Ohm . Secondary-2 = 0.65 Ohm . DC 500V 100Meg Ohm Of More . AC 2500V 60Hz 1 Minutes . Less Than 60 Deg C . EI-57 x 26.00 m/m . 684 Turns Diameter 0.20 m/m . 684 Turns Diameter 0.20 m/m . 0-85-170 Turns Diameter 0.60 m/m . NOTE : Specifications subject to change without notice. Please check our website for latest information. 25.02.2008 SUPERWORLD ELECTRONICS (S) PTE LTD PG. 1 |
Price & Availability of DCS6-24 |