Part Number Hot Search : 
EV004 25LC0 AD7870SQ SPX116 CP301 M4S24HW 32100 0N40CL
Product Description
Full Text Search
 

To Download CYILSN3000AA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LUPA 3000 485 FPS, 13.3 Gbit High Speed Image Sensor
CYILSN3000AA Product Brief
Features

1696 x 1710 active pixels 8 m X 8 m square pixels 1" optical format Monochrome or color digital output 485 fps frame rate 64 On-chip 8-bit ADCs 32 LVDS serial outputs Random programmable ROI readout Pipelined, Triggered and Snapshot shutter Serial to Parallel Interface (SPI) Limited supplies: Nominal 2.5V (some supplies require 3.3V) 0C to 60C operational temperature range 399-pin BGA package Power dissipation: 1.1W
in 485 fps frame rate at full resolution. Higher frame rates can be achieved by windowing which is programmable over the SPI interface. All required clocks, control and bias signals are generated on-chip. The incoming high speed clock is divided to generate the different low speed clocks required for the operation of the sensor. The sensor generates all its bias signals from an internal bandgap reference. An on-chip sequencer generates all the required control signals for the image core, the ADCs and the on chip digital data processing path. The settings of the sequencer are stored in registers that can be programmed through the serial command interface. The sequencer supports windowed readout at frame rates up to 10000 fps. The LUPA 3000 is housed in a 399-pin ceramic BGA package and is available in a monochrome version or Bayer (RGB) patterned color filter array with micro lens.
LUPA 3000 Die Photo
Applications

High speed machine vision Holographic data storage Motion analysis Intelligent traffic system Medical imaging Industrial imaging
Description
The LUPA 3000 is a high speed CMOS image sensors with an image resolution of 1696 by 1710 pixels. The pixels are 8 m x 8 m in size and consist of high sensitivity 6T pipelined snapshot shutter capability where integration during readout is possible. The LUPA 3000 delivers 8-bit color or monochrome digital images with a 3.0-megapixel resolution at 485 fps which makes this product ideal for high speed vision machine, intelligent traffic system and holographic data storage. The LUPA 3000 captures complex high-speed events for traditional machine vision applications as well as various high-speed imaging applications. The sensor contains 64 on-chip 8 bit ADCs operating at 25.75 Msamples/s each, resulting in an aggregate pixel rate of 1.4 Gpix/s. The outputs of the 64 ADCs are multiplexed onto 32 LVDS serial links operating at 412 Mbit/s each resulting in an aggregate date rate of 13.3Gbit/s. The 32 data channel LVDS interface allows a very high data rate with a limited number of pins. Each channel runs at 51.5 MSPS pixel rate which results
Ordering Information
Marketing Part Number (ES Samples)
CYIL1SN3000AA-BDCES CYIL1SE3000AA-BDCES
Mono/Color
Micro-lens mono with glass Micro-lens color with glass
Package
399 pin ceramic BGA
Cypress Semiconductor Corporation Document Number: 001-49821 Rev. **
*
198 Champion Court
*
San Jose, CA 95134-1709 * 408-943-2600 Revised October 29, 2008
LUPA 3000
General Specifications
Parameter
Active Pixels Pixel Size Pixel Type Data Rate Shutter Type
General Specifications
Specifications Parameter
Extended Dynamic Range
Specifications
Multiple slope (up to 80 dB optical dynamic range)
1696 (H) x 1710 (V) 8 m x 8m.) Pipelined shutter pixel 412 Mbps (32 serial LVDS outputs) 485 fps at 3.0 Mpixel (Can be boosted by subsampling and windowing.)) 485 fps at 3.0 Mpixel (Can be boosted by sub sampling and windowing.) 206 MHz Randomly programmable ROI read out. Implemented as scanning of lines or columns from an uploaded position Windowed, flipped, mirrored, and subsampled read out. 8-bit, on-chip 3.81 V/lux.s @ 550nm
Electro-Optical Specifications
Parameter
Conversion gain Full well charge Sensitivity Fill factor Parasitic light sensitivity Dark noise QE x FF FPN PRNU Dark signal Power dissipation 39.2uV/e 27000e 2800 V.m2/W.s @600nm with micro-lens 36% < 1/5000 21e37% @ 680nm 1.7% of Vsat 2.2% of Vsignal 250 mV/s @25C 1.1W @485 fps
Specifications
Frame Rate
Master Clock Windowing (ROI)
Read Out ADC Resolution Sensitivity
Document History Page
Document Title: LUPA 3000, 485 FPS, 13.3 Gbit High Speed Image Sensor Document Number: REV. ** ECN 2598180 Orig. of Change VED Submission Date October 29, 2008 Description Of Change New image sensor document
Sales, Solutions, and Legal Information
Worldwide Sales and Design Support
Cypress maintains a worldwide network of offices, solution centers, manufacturer's representatives, and distributors. For more information on Image sensors, please contact at imagesensors@cypress.com. Cypress offers standard and customized CMOS image sensors for consumer as well as industrial and professional applications. Consumer applications include the fast growing high volume cell phone, digital still cameras as well as automotive applications. Cypress' customized CMOS image sensors are characterized by very high pixel counts, large area, very high frame rates, large dynamic range, and high sensitivity.
(c) Cypress Semiconductor Corporation, 2008. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges. Any Source Code (software and/or firmware) is owned by Cypress Semiconductor Corporation (Cypress) and is protected by and subject to worldwide patent protection (United States and foreign), United States copyright laws and international treaty provisions. Cypress hereby grants to licensee a personal, non-exclusive, non-transferable license to copy, use, modify, create derivative works of, and compile the Cypress Source Code and derivative works for the sole purpose of creating custom software and or firmware in support of licensee product to be used only in conjunction with a Cypress integrated circuit as specified in the applicable agreement. Any reproduction, modification, translation, compilation, or representation of this Source Code except as specified above is prohibited without the express written permission of Cypress. Disclaimer: CYPRESS MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARD TO THIS MATERIAL, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE. Cypress reserves the right to make changes without further notice to the materials described herein. Cypress does not assume any liability arising out of the application or use of any product or circuit described herein. Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress' product in a life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges. Use may be limited by and subject to the applicable Cypress software license agreement.
Document Number: 001-49821 Rev. **
Revised October 29, 2008
Page 2 of 2
All products and company names mentioned in this document may be the trademarks of their respective holders.


▲Up To Search▲   

 
Price & Availability of CYILSN3000AA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X