Part Number Hot Search : 
BZX85C20 74LVX138 BTS41 ON0196 MBR866 EG2210A 01544 FN3119
Product Description
Full Text Search
 

To Download CTDO3316P-272HC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Inductors - Unshielded
ctparts.com
CTDO3316HC Series
From 0.33 H to 100 H
Part Number CTDO3316P_-331HC CTDO3316P_-681HC CTDO3316P_-102HC CTDO3316P_-152HC CTDO3316P_-222HC CTDO3316P_-272HC CTDO3316P_-332HC CTDO3316P_-472HC CTDO3316P_-682HC CTDO3316P_-103HC CTDO3316P_-153HC CTDO3316P_-223HC CTDO3316P_-333HC CTDO3316P_-473HC CTDO3316P_-683HC CTDO3316P_-104HC Not shown at actual size.
SPECIFICATIONS
Parts are available in 20% tolerance only. CTDO3316PF Please specify "F" for RoHS Compliant Inductance (H) .33 .68 1.0 1.5 2.2 2.7 3.3 4.7 6.8 10 15 22 33 47 68 100 L Test Freq. (kHz) 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 DCR Max. () .002 .005 .006 .008 .011 .012 .014 .018 .035 .04 .06 .08 .15 .28 .30 .40 SRF Typ. (MHz) 300 200 100 90 90 65 65 45 35 26 21 17 14 12 9 7 Isat Typ. (A) 20 13 11 9.0 7.8 7.0 6.4 5.4 3.6 3.3 2.4 2.0 1.7 1.4 1.2 .95 Irms (A) 16 12 10 9.0 7.4 6.6 5.9 4.8 5.0 4.3 3.5 2.8 2.1 1.7 1.5 1.2
PHYSICAL DIMENSIONS
Size mm inches A
Max. 9.91 0.39
B
Max. 8.38 0.33
C
Max. 6.35 0.25
D
Max. 13.21 0.52
CHARACTERISTICS
Description: SMD (high current) power inductor Applications: DC/DC converters, computers, LCD displays, telecommunication equipment and PDA palm tops. Operating Temperature: -40C to +85C T: 40C typically at Irms Inductance Tolerance: 20% Inductance Drop: 10% typically at Isat Testing: Inductance is tested on an HP4285A at 100 kHz Packaging: Tape & Reel Marking: Color dots OR Inductance code Miscellaneous: RoHS Compliant available Additional Information: Additional electrical & physical information available upon request Samples available. See website for ordering information.
Parts will be marked with Significant Digit Dots OR Inductance Code
1st significant digit
A
Ind. Code
XXX
2nd significant digit 3rd significant digit
B
PAD LAYOUT
C
D
01.14.05
Technologies
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2005 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL


▲Up To Search▲   

 
Price & Availability of CTDO3316P-272HC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X