Part Number Hot Search : 
85NS80 MRUS72S M5889NO 5N2008 T1637 2D906 WT78L06K MC2400
Product Description
Full Text Search
 

To Download CTDD2010DF-050505-T1K-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converters
ctparts.com
SPECIFICATIONS
CTDD2010DF-T1K-1 Series
Fixed Input Isolated & Unregulated 1W Output, Twin Independent Output
Part Number CTDD2010DF-050505-T1K-1 CTDD2010DF-050909-T1K-1 CTDD2010DF-051212-T1K-1 CTDD2010DF-051515-T1K-1 CTDD2010DF-120505-T1K-1 CTDD2010DF-120909-T1K-1 CTDD2010DF-121212-T1K-1 CTDD2010DF-121515-T1K-1 CTDD2010DF-240505-T1K-1 CTDD2010DF-240909-T1K-1 CTDD2010DF-241212-T1K-1 CTDD2010DF-241515-T1K-1 CTDD2010DF-222205-T1K-1
Vin Nom. (VDC) 5 5 5 5 12 12 12 12 24 24 24 24 22
Input Range (VDC) 4.5-5.5 4.5-5.5 4.5-5.5 4.5-5.5 10.8-13.2 10.8-13.2 10.8-13.2 10.8-13.2 21.6-26.4 21.6-26.4 21.6-26.4 21.6-26.4 19.8-24.2
Vo1,Vo2 (VDC) 5 9 12 15 5 9 12 15 5 9 12 15 5
Io1,Io2 Max. (mA) 100 56 42 33 100 56 42 33 100 56 42 33 100
Io1,Io2 Min. (mA) 10 6 4 3 10 6 4 3 10 6 4 3 10
Effi. Typ. (%) 72 75 78 79 74 76 79 80 74 76 80 81 72
Not shown at actual size.
Compliant
RoHS
ISOLATION SPECIFICATIONS
Item Isolation Voltage Isolation Resistance(Vin/Vout) Isolation Resistance(Vo1/Vo2) Test Condition Tested for 1 minute Test at 500VDC Test at 500VDC MIN 1000 1000 1000 TYP MAX Units VDC M M
FEATURES
Efficiency: To 81% Temperature Range: -40C to +85C Isolation: 1KVDC Package: UL94-V0 Miscellaneous: No heat sink required. No external components required. Industry standard pinout. Optimized Volume. Twin Ouput Voltage. Miniature DIP package. Custom service available. Samples available.
OUTPUT SPECIFICATIONS
Item Output Power Line regulation Load regulation Output voltage accuracy Temperature drift Output ripple Switching frequency 100% full load 20MHz Bandwidth Full load, nominal input 50 100 For Vin change of 1% 10% to 100% full load See tolerance envelope graph 0.03 75 %/C mVp-p KHz Test Condition MIN 0.1 TYP MAX 1 1.2 15 Units W % %
Note: 1. All specifications measured at TA=25C, humidity<75%, nominal input voltage and rated output unless otherwise specified.
CHARACTERISTICS
Short Circuit Protection: 1 second Temperature Rise at Full Load: 25C Max. 15C Typ. Cooling: Free air convection No Load Power Consumption: 10% nominal power (typical) Operating Temperature Range: -40C to +85C Storage Temperature Range: -55C to +125C Lead Temperature: 300C (1.5mm from case for 10 seconds) Storage Humidity Range: < 95% Case Material: Plastic (UL94-V0) MTBF: >3,500,000 hours Miscellaneous: RoHS Compliant.
TYPICAL CHARACTERISTICS
Tolerance Envelope Graph
Temperature Derating Graph
Typic a
l Load
Line
+2.5% -2.5% -7.5%
Output Power(%)
Output Voltage(%)
+10% +5% Nominal Voltage
120 100 80 60 40 20 0
Safe Operating Area
10%
50%
100%
-40
0
40
80
120
Output Current(%)
Ambient Temperature(C)
11.30.06
Technologies
Manufacturer of Passive and Discrete Semiconductor Components 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2006 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
DC/DC Converters
ctparts.com
CTDD2010DF-T1K-1 Series
Fixed Input Isolated & Unregulated 1W Output, Twin Independent Output OUTLINE DIMENSIONS & RECOMMENDED FOOTPRINT DETAILS
CTDD2010DF-T1K-1 Package 20.40 7.00 4.10 Side View
15.24 1 7.62 14 7
10.0
Bottom View
11 10 9 8
CTDD2010DF-T1K-1 Footprint o1.00+0.15/-0 2.54
2.54
14 1
11 10 9 8
7
Note: All pins on a 2.54mm pitch; All pin diameters are 0.50mm; all dimensions in mm
PIN CONNECTIONS
Pin 1 7 8 9 10 11 14
Function GND NC +V02 0V2 +Vo1 0V1 Vin
14 1
11 10 9 8 7
11.30.06
Technologies
Manufacturer of Passive and Discrete Semiconductor Components 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2006 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL


▲Up To Search▲   

 
Price & Availability of CTDD2010DF-050505-T1K-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X