Part Number Hot Search : 
CAT59C11 5KE10 E561UAP POWER FT5754 EL2150 E002665 245AD
Product Description
Full Text Search
 

To Download CT0603HCG-100G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Wire-wound Chip Inductors - Open
ctparts.com
CT0603HC Series
From 1.6 nH to 24 nH
Part Number CT0603HC_-1N6_* CT0603HC_-3N6_* CT0603HC_-3N9_* CT0603HC_-6N8_* CT0603HC_-7N5_* CT0603HC_-100_ CT0603HC_-120_ CT0603HC_-150_ CT0603HC_-180_ CT0603HC_-220_ CT0603HC_-240_ Not shown at actual size.
SPECIFICATIONS
Please specify tolerance code when ordering. CT0603HC-1N6_ G = 2%, J = 5%, K = 10% * = J or K only CT0603HCF Please specify "F" for RoHS compliant L Test Freq. (MHz) 250 250 250 250 250 250 250 250 250 250 250 Q Fact. Min. 24 24 25 35 35 38 38 38 40 42 42 Q Test Freq. (MHz) 250 250 250 250 250 250 250 250 250 250 250 SRF Min. (MHz) 12500 5900 5900 5800 3700 3700 3000 2800 2800 2400 2400 DCR Max. () .030 .048 .054 .054 .059 .071 .075 .080 .099 .099 .105 IDC Max. (mA) 2400 2300 2200 2100 2100 2000 2000 1900 1900 1800 1800
Inductance (nH) 1.6 3.6 3.9 6.8 7.5 10 12 15 18 22 24
Compliant Available
RoHS
PHYSICAL DIMENSIONS
Size mm inches A
Max. 1.80 0.071
B
Max. 1.12 0.044
C
Max. 1.02 0.040
D
0.76 0.030
E
0.33 0.013
F
0.86 0.034
G
0.38 0.015
H
1.00 0.039
CHARACTERISTICS
Description: SMD ceramic core wire-wound chip inductor - high current Applications: Telecommunication equipment, mobile phones, small size pagers, computers, printers and relevant equipment. Also, audio & video applications and the automotive electronics industry. High frequency applications Operating Temperature: -40C to +125C Inductance Tolerance: 2%, 5%, 10% Testing: Inductance and Q are tested on an HP4287A at specified frequency Packaging: Tape & Reel Miscellaneous: RoHS Compliant available. Marking: Reels are marked with inductance code and tolerance Additional Information: Additional electrical & physical information available upon request Samples available. See website for ordering information.
PAD LAYOUT
02.11.05
Technologies
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2005 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL


▲Up To Search▲   

 
Price & Availability of CT0603HCG-100G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X