Part Number Hot Search : 
CMZ22 2SK307 1A71B IC16F6 CGM32064 SP485EC MSM82C43 2SB1504P
Product Description
Full Text Search
 

To Download CFOI100200CW156 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 100GHz Compact Fiber Optical Interleaver
CFOI100GHz
Oplink's compact, low-dispersion interleavers greatly expand wavelength channel counts in DWDM systems. Oplink's DWDM interleavers feature excellent wide, flat passbands and high isolation. Both mux and demux functions are supported. Interleavers are athermal and do not require temperature control.
Performance Specifications
Parameter Min. Typical Max. Unit
Central Wavelength Range (C-band) Central Frequency Range (C-band) Central Wavelength Range (L-band) Central Frequency Range (L-band) Channel Center Wavelength Input Channel Spacing Output Channel Spacing Clear Bandwidth Insertion Loss 1 Ripple Insertion Loss Uniformity Adjacent Channel Isolation Polarization Dependent Loss (PDL) Polarization Mode Dispersion (PMD) Chromatic Dispersion Return Loss Directivity Operating Power Handling Operating Temperature Storage Temperature Fiber Type Packaging Dimensions 3
1529.55 192000 1569.59 186900 ITU Grid 100 200 +/-15 1.5 0.2 0.3 25 0.3 0.2 -20 45 50 0 -40 50 55
1561.42 196000 1604.03 191000
nm GHz nm GHz GHz GHz GHz dB dB dB dB dB ps ps/nm dB dB dBm C C mm
Features Low Insertion Loss High Isolation Low Dispersion Highly Stable & Reliable Epoxy-Free Optical Path Compact Size Completely Passive Athermal Design Applications DWDM Systems Extend Network Capacity
1.8 0.4 0.5 0.4 0.3 +20
24 65 +85 Corning SMF-28 100 (L) x 28 (W) x 12 (H)
Note: 1. The maximum IL is under all states of polarization and within the full operating temperature and wavelength ranges specified. 2. All the parameters are excluding connectors. 3. The mechanical tolerance should be +/-0.2mm on all package dimensions unless otherwise custom specified.
Oplink Communications, Inc.
R6.20080410
100 GHz Compact Fiber Optical Interleaver
CFOI100 Series
Mechanical Drawing / Package Dimensions (dimension in mm)
46335 Landing Parkway Fremont, CA 94538-6407 Tel: (510 933-7200 Fax: (510) 933-7300 Email: Sales@Oplink.com
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink's OEM design team or account manager for your requirements and ordering information (510) 933-7200.
CFOI
1
0
0
2
0
0
W
Input 100GHz= 100
Output 200GHz= 200
Band C band= C L band= L
Fiber Length 1.0 meter= 1* 1.5 meter= 5 2.0 meter= 2
Fiber Jacket SMF-28 250m bare fiber= 1 SMF-28 with 900m loose tube= 2
Connector Type None= 1 FC/PC= 2 FC/SPC= 3 FC/APC= 4 SC/PC= 5 SC/SPC= 6 SC/APC= 7 ST= 8 LC= 9 MU= A
* The tolerance of fiber length is +/-0.1m. 1 meter is standard. The lead-time for special fiber length will be longer.
R6.20080410
Product Lines Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transceivers Interconnect RGB Laser Modules


▲Up To Search▲   

 
Price & Availability of CFOI100200CW156

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X