Part Number Hot Search : 
IBAADS TC0194A P2102 85C51 C3216 SDR628G LM150 20100C
Product Description
Full Text Search
 

To Download C4000-VOIP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COMMUNICATIONS TEST & MEASUREMENT SOLUTIONS
T-BERD(R)/MTS-4000 Multiple Services Test Platform Triple-Play Services Software Option
Key Features
* Video service (IPTV) testing - IP Multicast test (broadcast video service): Generate IGMP Join and Leave requests to verify the functionality of stream flows, channel changes, and multi-cast communications - IP Unicast test (video on demand [VoD] service): Generate RTSP client requests for access to VoD media server to verify the functionality of program stream flows and uni-cast communications - Decode and display I-Frame * Voice service (VoIP) testing - Emulate a VoIP phone for service turn-up and troubleshooting - Supports Cisco SCCP, SIP, MGCP, H.323, and Nortel Unistim signaling protocols * Data services testing - Provides a fully integrated Web browser - Offers Throughput testing (FTP, HTTP)
Applications
* Tests IPTV video quality, including analysis of video streams and packet statistics on up to 10 streams in Monitor Mode and 6 streams in Terminate Mode, including video mean opinion score (VMOS) * Assesses VoIP packet quality and voice quality rating using MOS and R-Factor * Tests data services, including ping, trace route, and Web browser functions from a 10/100/1000 Ethernet port or optional xDSL modules * Scans the virtual local area network (VLAN) for current configuration and activity
The JDSU T-BERD/MTS-4000 equipped with the Triple-Play Software option delivers comprehensive Internet Protocol (IP) service-level testing in a rugged, handheld, battery-operated platform that is ideal for Access and Home network turn-up, troubleshooting, and maintenance. The growth of triple-play services has changed the landscape of the telecommunications industry through the creation of new opportunities, while also introducing significant challenges for service providers. To remain competitive, providers must efficiently deploy bundled voice, video, and data to the exacting demands of customers--delivering on both quality of service (QoS) and experience (QoE), while reducing operating expenses. The T-BERD/MTS-4000 meets these challenges and more as the first multiapplication platform with fully integrated copper and fiber functionality that addresses the complete set of requirements for triple-play, such as turn-up, troubleshooting, and maintenance. The T-BERD/MTS-4000 Triple-Play Services Software gives field service technicians who install and maintain triple-play service over leading-edge fiber- and copper-based digital subscriber line (DSL) Access networks a complete suite of essential testing tools in one unit. Flexible connectivity, including universal serial bus (USB), high-speed 10/100/Gigabit Ethernet (GigE), Wireless Fidelity (WiFi), and Bluetooth, interfaces make downloading software and offloading captured test data easier, thus increasing productivity and baseline network performance.
WEBSITE: www.jdsu.com/test
T-BERD/MTS-4000 TRIPLE-PLAY SERVICES SOFTWARE OPTION
2 Architecture
The T-BERD/MTS-4000 is designed for skilled field technicians who install and maintain various next-generation fiber (FTTx) networks delivering triple-play services that often require advanced troubleshooting, including in-depth physical layer tests on copper or fiber--or increasingly both. Layered Graphical User Interface The figure below shows the JDSU Quality Layer Model integrated into the T-BERD/MTS-4000 graphical user interface (GUI) to enhance root-cause analysis. Technicians can use it to locate IP service problems more easily and quickly.
Video QoS Error Indicator Count Continuity Error PCR Jitter PSI Table Data (Error) RTP Packet Loss RTP Packet Jitter Transaction Quality RTSP Latency (VOD) IGMP Latency (BC-TV)
Video QoE Indicators Picture: Blurring, Edge Distortion, Visual Noise Audio: Lip Sync, Drop Outs
Video Quality Layers Content Quality Video Stream Quality Transport Quality
Pixelation, Tiling, Frame Freezes, Blue Screen
Service Accessibility, Channel Change Latency, Pause, Play Latency, Service Latency
Figure 1: JDSU Quality Layer Model
Figure 2: Example of Video test results using the T-BERD/MTS-4000 GUI with the JDSU Quality Layer Model
T-BERD/MTS-4000 TRIPLE-PLAY SERVICES SOFTWARE OPTION
3
The Triple-Play Software Option for the T-BERD/MTS-4000 installed on the base unit can be used with the resident Ethernet (10/100/Gig E) port. It is compatible with field-swappable T-BERD/MTS-4000 xDSL interface modules.
VDSL, Data, IPTV
Copper
Copper, VDSL, Data, IPTV
Copper
Copper, VDSL, Data, IPTV
Network
MDF POTS Switch POTS
Last Mile
Pedestal
Home
POTS Splitter DSLAM ATU-Cs ATM Data Network VDSL
Cross Box
NID
NID POTS POTS Splitter VDSL
ATU-R DLC Cross Box Splice Case NID
Figure 3: Example of a typical DSL architecture
T-BERD/MTS-4000 TRIPLE-PLAY SERVICES SOFTWARE OPTION
4 Applications
The T-BERD/MTS-4000 provides the full range of capabilities needed to test today's leading-edge FTTx and copper access networks plus the expandability needed to test next-generation networks. The wide range of testing technologies offered by the T-BERD/MTS-4000 provide all of the testing functions that technicians need at every stage of the network lifecycle, from the physical layer to the application layer, in a single handheld and rugged unit. The T-BERD/MTS-4000 delivers an integrated approach to field testing with test support for specific application use cases. Field-swappable modules are available for multi-service testing and two modules can run simultaneously. IP Video Testing The T-BERD/MTS-4000 enables analysis of the video service (IPTV) stream anywhere in the Access network using a DSL or Ethernet interface. With its advanced performance monitoring features, the T-BERD/MTS-4000 accurately measures video QoS and QoE using built-in tests for content, transport, transaction, and physical link quality.
Figure 4: Example of IPTV Video Stream test
Figure 5: Example of IPTV Summary test screen
T-BERD/MTS-4000 TRIPLE-PLAY SERVICES SOFTWARE OPTION
5
VoIP Testing Technicians can use the T-BERD/MTS-4000 to turn up and troubleshoot voice service (voice over IP [VoIP]) connectivity, feature availability, and voice quality. They can also conduct IP ping, packet statistic, and trace route analysis to identify, diagnose, and sectionalize VoIP network and equipment problems.
Figure 6: VoIP test interface
IP Data Testing The T-BERD/MTS-4000 enables Internet connectivity testing using an integrated Web browser and also performs required IP data tests (such as IP ping delay) to verify bandwidth requirements for real-time applications and services (such as online gaming and streaming video).
Figure 7: IP Ping test interface
CoS Testing With its advanced test capabilities that address each triple-play application QoS metric, the T-BERD/MTS-4000 let carriers focus on effective Class of Service (CoS) testing to ensure priority mapping for IP services. All three applications can be run at the same time simulating mixed traffic flows. Interactions that violate CoS rules can be identified quickly.
T-BERD/MTS-4000 TRIPLE-PLAY SERVICES SOFTWARE OPTION
6 The Right Tool for Today's Triple-Play Tests
The lightweight, rugged, and battery-operated T-BERD/MTS-4000 cost-effectively scales to provide an all-in-one solution for field installation, maintenance, and troubleshooting across a wide range of test applications for copper, fiber, and triple-play services. With automation features, such as auto tests, custom scripts, work flow ticket support, and flexible connectivity that improve workforce efficiency, the T-BERD/MTS-4000 is ideally suited to optimize even the most complex and advanced FTTx networks.
T-BERD/MTS-4000 TRIPLE-PLAY SERVICES SOFTWARE OPTION
7
Specifications
Test Ports/Interface Support 10/100/1GigE (configurable--half/full duplex auto detect),RJ45 Optional ADSL1/2/2+,VDSL1/2 (modem port 8-pin modular--line on center pins,Tip-Ring connections)
VoIP Specifications
Supported Signaling Protocols H.323 ITU-T H.323 version 3 Fast Connect H.323 ITU-T H.323 version 3 Full Connect (MSD, CAPSET, OLC exchange) Skinny Cisco Client Protocol (SCCP) SIP RFC 3621 Nortel Unistim MGCP Supported Codec Configuration ITU-T G.711 u-law/A-law (PCM/64 kb/s) ITU-T G.723.1 (ACELP/5.3, 6.3 kb/s) ITU-T G.726 (ADPCM/32 kb/s) ITU-T G.729a (GS-ACELP/8 kb/s) ITU-T G.722 64K ITU-T H.261 video conferencing ITU T H.263 video conferencing User-selectable silence suppression, jitter buffer, and voice packet size User-selectable transmit source (live voice conversation, tone transmit (200-5 kHz), pre-recorded wave file (up to 2 Mb) LAN Settings User-selectable calling alias User-selectable IP address, static or DHCP User-selectable subnet mask, gateway, and DNS server User-selectable or default MAC address VLAN configurable-- IEEE.802.1p/q Configurable IP TOS Gatekeeper Settings User-selectable static/auto discovery, or no gatekeeper direct connect mode Supports inbound and outbound calls with or without gatekeeper support
Reported Results--VoIP
Call Stats Full incoming call statistics, including IP address, far-end alias, far-end name, RTCP availability/ports, codec and rate, call signaling support, silence suppression enabled, and call duration Throughput Audio/Video Sent/received in bytes and packets, out-of-sequence packets, remote packets Voice Stream Timeline Packet delay, packet jitter, packet loss, overall QoS Incoming Delay Network, encoding, packetization, buffering, and total delay
Cable Test CAT 3/5
TDR Results Fault type open/short Distance to fault GigE Results Polarity Skew
Ethernet Data
Media Type Auto, 10/100/1000 Mb/s full, half duplex Data Modes IPoE, PPoE, data off IP Mode DHCP, static MAC Setting Factory default, user-defined VLAN Tag on/off ID selection 0-4095 Priority selection 0-7 Web Browser On/Off
Content Quality
Call quality R-Factor Line quality R-Factor R-Factor G.107 R-Factor burst R-Factor gap CQ MOS LQ MOS PQ MOS Transport Quality Audio jitter Audio packets lost Audio overall QoS Current/Min/Max/Average Current/Min/Max/Average Current/Min/Max/Average Current/Min/Max/Average Current/Min/Max/Average Current/Min/Max/Average Current/Min/Max/Average Current/Min/Max/Average
Current/Min/Max/QoS History Current/Min/Max/QoS History Current/Min/Max/QoS History
Reported Results--Ethernet TE
Ethernet Statistics Link status, link speed, link duplex detection TX collisions,TX/RX (bytes, frames, errors, dropped frames) LAN/WAN Results IP address, Net mask, gateway, DNS, MAC address PING ICMP and UDP Statistics Echoes sent/received, PING delay (Cur/Avg/Max/Min), lost count/percentage Supports IP address or DNS name destination Trace Route ICMP and UDP Statistics Hop count, name lookup, and IP address of hops Supports IP address and DNS address destination FTP/HTTP Upload/download rate, transfer count, time VLAN scan VLAN, priority, frame count, last seen
Voice and video quality rating based on packet metrics thresholds set by user MOS rating, R-Factor, and voice degradation factors support packet capture and filtering (save internally or to USB mass memory storage)
T-BERD/MTS-4000 TRIPLE-PLAY SERVICES SOFTWARE OPTION
Specifications
IP Video Specifications
Modes Terminate, Monitor,Through Set Top Box Emulation IGMPv2 and v3 emulation client IGMP message status/decode status/error message RTSP emulation client Service Selection Broadcast video-UDP Broadcast video-RTP VOD-RTSP-UDP ISMA broadcast ISMA VOD (RTSP-UDP) ISMA VOD (TTSP-TCP) Rolling stream-R-RTP/UDP Video Source Address Selection IP address and port number IP address, port number, and VOD URL extension RTSP port select RTSP vendor select Multiple ATM VC Setup Selection Virtual channels with simultaneous usage Selectable TX peak cell rate (PCR) for signaling channel Video Analysis is Per Video Stream Simultaneous stream support 6 Terminate, 10 Monitor IP Packet Analysis Total packets RX count Jitter current/max RTP packets lost, count RTP OOS, count RTP errors, count PID Analysis (each stream) PID number PID type (video, audio, data, unknown) PID description
Summary Statistics Terminate active stream count 1-6 Monitor active stream count 1-10 Data rates combined Current/Ave/Min/Max QoS Error indicator count Continuity error event count Current/Max Continuity error event percentage Current/Max PCR jitter Current/Max ms IGMP latency ms RSTP latency ms QoS score (Pass/Fail threshold selections) Graphs Packet loss QoS timeline Jitter Content Quality PID, class, description Error indicator count Service name Program name Video MOS R-Factor Degradation (loss, discard, codec) Stream Quality Sync errors Count Continuity errors Current/Average/Min/Max Continuity errors % Current/Average/Min/Max PCR jitter Count PID timeouts Count PAT errors Count PMT errors Count
Video Stream Data Rates Total Current/Average/Min/Max IP Current/Average/Min/Max Video Current/Average/Min/Max Audio Current/Average/Min/Max Data Current/Average/Min/Max Unknown Current/Average/Min/Max All streams Current/Average/Min/Max Transport Quality MDI delay factor Current/Average/Max MDI MLR Current/Average/Max/Total MDI buffer size Current/Average/Max RTP jitter Current/Max Lost packets Current/Average/Max RTP packet loss Distance Errors Threshold/Current/Max/Total Period Errors Threshold/Current/Max/Total Error Logging Timestamp for error events QoS state changes Pass to Fail, Fail to Pass Signaling Protocol Message Decode: IGMP Messages RTSP Messages 500 Message FIFO Buffer Storage--File Export Standards RFC2236, IGMP RFC2326, RTSP ISO (IEC 13818),Video Transport ETSI TR 10-290 V2.1, Steam and Analysis Video Measurements TFC-1483; 2684, ATM AAL5 RFC2364, PPPoAAL5 RFC4445, Media Delivery Index (MDI)
Ordering Information
Triple-Play Software Options
C4000-VOIP C4000-VOIP-CISCO C4000-VOIP-UNISTIM C4000-IPTV C4000-CABLDIAG Standard VOIP Cisco Call Manager Nortel Unistim Call Manager Standard IPTV Cable Diagnostics
Test & Measurement Regional Sales
NORTH AMERICA TOLL FREE: 1 866 228 3762 FAX: +1 301 353 9216 LATIN AMERICA TEL: +1 954 688 5660 FAX: +1 954 345 9216 ASIA PACIFIC TEL: +852 2892 0990 FAX: +852 2892 0770 EMEA TEL: +49 7121 86 2222 FAX: +49 7121 86 1222 30162663 000 0109
www.jdsu.com/test
Product specifications and descriptions in this document subject to change without notice. (c) 2009 JDS Uniphase Corporation
4000TPS.DS.TFS.TM.AE
January 2009


▲Up To Search▲   

 
Price & Availability of C4000-VOIP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X