Part Number Hot Search : 
AQV252AX DG202C 2ACFU 2SD2209 LV800 PSD751S AM2911A DAN217
Product Description
Full Text Search
 

To Download BZX84C2V4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
BZX84C2V4 THRU BZX84C39
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES
FEATURES
* Voltage Range:2.4V to 39V * Ideally Suited for Automated Assembly Process * 410mW Power Dissipation
SOT-23
.020(0.50) .012(0.30)
MECHANICAL DATA
* Case: Molded plastic * Terminals:Solder plated, solderable per MIL-STD-202E, Method 208 guaranteed * Polarity: See Diagram * Mounting position: Any * Weight: 0.008 grams
.091(2.30) .067(1.70) .118(3.00) .110(2.80)
.063(1.60) .055(1.40)
.108(0.65) .089(0.25)
.045(1.15) .034(0.85)
.051(1.30) .035(0.90) .026(0.65) .010(0.25)
.0043(0.11) .0035(0.09)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
o
.004 Max (0.10)
.027(0.67) .013(0.32)
Dimensions in inches and (millimeters)
SYMBOL Zener Current see Table "Characteristics" Power Dissipation (Notes 1) at Tamb=25 oC Peak Forward Surge Current, 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) (Notes 2) Maximum Forward Voltage at IF=100mA Operating and Storage Temperature 5.0mm 2 Ptot IFSM VF TJ,Tstg
VALUE
UNITS
410 2.0 1.2 -55 to + 150
mW Amps Volts
o
C
Notes: 1. Mounted on (.013mm thick) land areas. 2. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
RATING AND CHARACTERISTIC CURVES (BZX84C SERIES)
Nominal Zener Voltage VZ@IZT Min Max Zener Test Current IZT mA Maximum Zener Impedance ZZT@IZT ZZT@IZK Ohms Ohms mA IZK Maximum Reverse Leakage Current IR @ VR A Volts Typical Temperature Coefficient % / oC Max. Zener Current IZM@TA mA
Marking Code
TYPE
BZX84C2V4 BZX84C2V7 BZX84C3V0 BZX84C3V3 BZX84C3V6 BZX84C3V9 BZX84C4V3 BZX84C4V7 BZX84C5V1 BZX84C5V6 BZX84C6V2 BZX84C6V8 BZX84C7V5 BZX84C8V2 BZX84C9V1 BZX84C10 BZX84C11 BZX84C12 BZX84C13 BZX84C15 BZX84C16 BZX84C18 BZX84C20 BZX84C22 BZX84C24 BZX84C27 BZX84C30 BZX84C33 BZX84C36 BZX84C39
2.28 2.5 2.8 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37
2.56 2.9 3.2 3.5 3.8 4.1 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6 28.9 32 35 38 41
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2 2 2 2 2
85 83 95 95 95 95 95 78 60 40 10 8 7 7 10 15 20 20 25 30 40 50 50 55 80 80 80 80 90 90
600 500 500 500 500 500 500 500 480 400 200 150 50 50 50 70 70 90 110 110 170 170 220 220 220 250 250 250 250 300
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
100 75 50 25 15 10 5 5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.8 1.0 2.0 3.0 5.0 6.0 7.0 7.5 8.5 9.0 10 11 12 14 15 17 18 20 22.5 25 27 29
-0.075 -0.065 -0.060 -0.055 -0.055 -0.050 -0.035 -0.015 +0.005 +0.020 +0.030 +0.045 +0.050 +0.055 +0.065 +0.070 +0.075 +0.080 +0.080 +0.090 +0.090 +0.090 +0.090 +0.090 +0.090 +0.090 +0.090 +0.090 +0.090 +0.110
134 118 109 100 92 84 76 67 59 54 49 44 40 36 33 30 28 25 23 20 18 17 16 13 12 10 9 9 8
W1 W2 W3 W4 W5 W6 W7 W8 W9 WA WB WC WD WE WF WG WH WI WK WL WM WN WO WP WR WS WT WU WW WX
NOTE: Standard Zener Voltage Tolerance 5%
Breakdown characteristics
changes in the power dissipation due to the ambient temperature. Power dissipation
mA 50 5V 10V 15V 20V 40
BZX84-SERIES
25V 30V
Ptot(mw)
500 400 300 200 100 0
IZ 30
20 Test Current IZ 5mA
10
50
100
150
200
300
0
Ta(oC) Ambient Temperature.
DC COMPONENTS CO., LTD.
R
6V8 6V2 5V6 5V1 4V7 4V3 3V9 3V3 2V7
9V1
11
12
15
VZ
20
22
24
27


▲Up To Search▲   

 
Price & Availability of BZX84C2V4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X