Part Number Hot Search : 
SN74LS47 BM29F MAX13450 OP249GP 21M10 MUR16 VNP20 MAX9789A
Product Description
Full Text Search
 

To Download BR1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BR1000 - BR1010
PRV : 50 - 1000 Volts Io : 10 Amperes
FEATURES :
* * * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop Ideal for printed circuit board
SILICON BRIDGE RECTIFIERS BR10
0.520 (13.20) 0.480 (12.20) 0.158 (4.00) 0.142 (3.60) AC
0.77 (19.56) 0.73 (18.54) 0.290 (7.36) 0.210 (5.33) AC 0.052 (1.32) 0.048 (1.22) 0.75 (19.1) Min.
* Pb / RoHS Free
MECHANICAL DATA :
* Case : Reliable low cost construction utilizing molded plastic technique * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL - STD 202 , Method 208 guaranteed * Polarity : Polarity symbols marked on case * Mounting position : Any * Weight : 6.1 grams
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
0.30 (7.62) 0.25 (6.35)
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current Tc=55C Peak Forward Surge Current Single half sine wave Superimposed on rated load (JEDEC Method) Current Squared Time at t < 8.3 ms. Maximum Forward Voltage per Diode at IF = 5 A Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Thermal Resistance (Note 1) Operating Junction Temperature Range Storage Temperature Range Ta = 25 C Ta = 100 C
SYMBOL BR1000 BR1001 BR1002 BR1004 BR1006 BR1008 BR1010
UNIT V V V A A A2S V A A C/W C C
VRRM VRMS VDC IF(AV) IFSM I 2t VF IR IR(H) RJC TJ TSTG
50 35 50
100 70 100
200 140 200
400 280 400 10 300 160 1.0 10 200 2.5 - 40 to + 150 - 40 to + 150
600 420 600
800 560 800
1000 700 1000
Notes : 1. Thermal Resistance from junction to case with units mounted on a 3.2" x 3.2" x 0.12" (8.2cm.x 8.2cm.x 0.3cm.) Al.-Finned Plate.
Page 1 of 2
Rev. 02 : March 24, 2005
RATING AND CHARACTERISTIC CURVES ( BR1000 - BR1010 )
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
12
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
300
10
PEAK FORWARD SURGE CURRENT, AMPERES
AVERAGE FORWARD OUTPUT CURRENT AMPERES
250
8
200
TJ = 50 C
6
150
4
100
2
HEAT-SINK MOUNTING, Tc 3.2" x 3.2" x 0.12" THK. (8.2cm x8.2cm x 0.3cm ) Al.-PLATE 0 25 50 75 100 125 150 175
50
8.3 ms SINGLE HALF SINE WAVE JEDEC METHOD
0
0 1 2 4 6 10 20 40 60 100
CASE TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS REVERSE CURRENT, MICROAMPERES PER DIODE
100 Pulse W idth = 300 s 1 % Duty Cycle
FIG.4 - TYPICAL REVERSE CHARACTERISTICS PER DIODE
10
TJ = 100 C
FORWARD CURRENT, AMPERES
10
1.0
1.0
0.1
TJ = 25 C
TJ = 25 C
0.1
0.01
0
20
40
60
80
100
120
140
PERCENT OF RATED REVERSE VOLTAGE, (%)
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 02 : March 24, 2005


▲Up To Search▲   

 
Price & Availability of BR1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X