Part Number Hot Search : 
X2864BP P4KE180 ON0945 PSZ201 KA78L24A LM456 BCM7038 MAX2077
Product Description
Full Text Search
 

To Download BCW60A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
NPN General Purpose Transistors BCW60A/B/C/D
Transistors IC
SOT-23
Unit: mm
Features
NPN epitaxial silicon transistor.
+0.1 2.4-0.1
+0.1 2.9-0.1 +0.1 0.4-0.1
+0.1 1.3-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Storage temperature Symbol VCBO VCEO VEBO IC Pc Tstg Rating 32 32 5 100 350 150 Unit V V V mA mW
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1
SMD Type
BCW60A/B/C/D
Electrical Characteristics Ta = 25
Parameter Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cutoff current BCW60B BCW60C BCW60D BCW60A BCW60B DC Current Gain BCW60C BCW60D BCW60A BCW60B BCW60C BCW60D Collector-Emitter Saturation Voltage VCE(sat) IC = 50 mA; IB = 1.25 mA IC = 10 mA; IB = 0.25 mA Base to emitter saturation voltage Base to emitter voltage Collector capacitance Transition frequency Noise figure Turn On Time Turn Off Time VBE(sat) VBE(on) Cob fT NF ton toff IC = 50 mA; IB = 1.25 mA IC = 10 mA; IB = 0.25 mA IC = 2 mA; VCE = 5 V IE = ie = 0; VCB = 10 V; f = 1 MHz IC = 10 mA; VCE = 5 V; f = 100 MHz IC = 0.2 mA; VCE = 5 V; RG = 2 kU; f = 1 kHz IC=10mA, IB1=1mA VBB=3.6V, IB2=1mA R1=R2=5K , RL=990 125 0.7 0.6 0.55 VCE=1V, IC=50mA hFE VCE=5V, IC=2mA VCE=5V, IC=10iA Symbol BVCEO BVEBO ICES IEBO Testconditons IC=2mA, IB=0 IE=1iA, IC=0 VCE=32V, VBE=0 IC = 0; VEB = 4 V 20 40 100 120 180 250 380 60 70 90 10 Min 32 5
Transistors IC
Typ
Max
Unit
20 20
nA nA
220 310 460 630
0.55 0.35 1.05 0.85 0.75 4.5
V V V V V pF MHz
6 150 800
dB ns ns
Marking
TYPE Marking BCW60A AA BCW60B AB BCW60C AC BCW60D AD
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of BCW60A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X