Part Number Hot Search : 
D2000 LTC2190 AQV21 TFR433G HMC580 66EESP 74LVT65 ZMM5256B
Product Description
Full Text Search
 

To Download BAV74 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAV74
SILICON PLANAR DUAL SWITCHING DIODE
High Speed Switching Dual Diodes
3
1
2
Marking Code: A4 SOT-23 Plastic Package
Absolute Maximum Ratings (Ta = 25 OC) Parameter
Peak Repetitive Reverse Voltage Continuous Reverse Voltage Forward Current (DC) Repetitive Peak Forward Current Non-Repetitive Peak Forward Current at t = 1 s at t = 1 ms at t = 1 s Single Diode Loaded Double Diode Loaded
Symbol VRRM VR IF IFRM IFSM Pd TJ TS
Value 60 50 215 125 450 4 1 0.5 350 150 - 55 to + 150
Unit V V mA mA A mW
O
Power Dissipation Operating Junction Temperature Range Storage Temperature Range
C C
O
Characteristics at Ta = 25 OC
Parameter Forward Voltage at IF = 1 mA at IF = 10 mA at IF = 50 mA at IF = 150 mA Reverse Current at VR = 25 V at VR = 50 V at VR = 25 V, TJ = 150 OC at VR = 50 V, TJ = 150 OC Diode Capacitance at f = 1 MHz Reverse Recovery Time at IF = IR = 10 mA to IR = 1 mA, RL = 100 Symbol VF VF VF VF IR IR IR IR Cd trr Max. 715 855 1 1.25 30 0.1 30 100 2 4 Unit mV mV V V nA A A A pF ns
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 10/10/2008
BAV74
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 10/10/2008


▲Up To Search▲   

 
Price & Availability of BAV74

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X