Part Number Hot Search : 
UM36541S BA4558F 2520E RT9536H M54HC112 8F320 FAN5332A 48D05
Product Description
Full Text Search
 

To Download AZ988-1AT-12DSEC3R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ988
30 AMP MICRO-ISO AUTOMOTIVE RELAY
FEATURES * Quick Connect or PCB terminals * Up to 30 Amp switching capability in a compact size * Coils up to 24VDC * Small footprint * SPST (1 Form A), SPDT (1 Form C) * Vibration and shock resistant * Coil suppression available * ISO/TS 16949, ISO9001 and ISO 14000 * Tested in accordance with SAE J2544 * Cost effective solution * Designed for high in-rush applications CONTACTS
Arrangement Ratings SPST (1 Form A) SPDT (1 Form C) Resistive load: Max. switched power: 540 W Max. switched current: 30 A Max. switched voltage: 27 VDC 1 Form A (N.O.) 30 A / 30 A (make/break) at 12 VDC resistive 40 A / 20 A (make/break) at 12 VDC motor 120 A / 20 A (make/break) at 12 VDC lamp 1 Form C (N.O.) 20 A / 20 A (make/break) at 12 VDC resistive 40 A / 20 A (make/break) at 12 VDC motor 120 A / 20 A (make/break) at 12 VDC lamp 1 Form C (N.C.) 10 A / 10 A (make/break) at 12 VDC resistive 20 A / 10 A (make/break) at 12 VDC motor 40 A / 10 A (make/break) at 12 VDC lamp Material Resistance Silver tin oxide (silver nickel available - contact factory) < 50 milliohms initially (24 V, 1 A voltage drop method)
GENERAL DATA
Life Expectancy Mechanical Electrical Operate Time (max.) Release Time (max.) Minimum operations 1 x 107 1 x 105 at 20 A 12 VDC Res. 10 ms max. at nominal coil voltage 10 ms max. at nominal coil voltage (with no coil suppression)
Dielectric Strength 500 VRMS coil to contact (at sea level for 1 min.) 500 VRMS between open contacts Insulation Resistance Dropout Ambient Temperature Operating Storage Vibration Shock Enclosure Terminals 1 megohms min. at 20C, 500 VDC 50% RH Greater than 10% of nominal coil voltage At nominal coil voltage -40C (-40F) to 125C (257F) -40C (-40F) to 155C (320F) 5g 10-500 Hz 20 g P.B.T. polyester Quick connects or PCB
Note: Allow suitable slack on leads when wiring, and do not subject the terminals to excessive force.
Max Solder Temp. Max Solder Time Max Solvent Temp
270C (518F) 5 seconds 80C (176F) 30 seconds
Contact Voltage 100 mV typical, 250 mV max. at rated load drop
COIL
Power At Pickup Voltage (typical) Max. Continuous Dissipation Temperature Rise Max Temperature 576 mW (Standard) 418 mW (Sensitive) 3.6 W at 20C (68F) ambient 60C (108F) at nominal coil voltage 180C (356F)
Max Immersion Time Weight
22 grams
NOTES
1. All values at 20C (68F). 2. Relay may pull in with less than "Must Operate" value. 3. Specifications subject to change without notice.
6/27/06W
AZ988
RELAY ORDERING DATA
COIL SPECIFICATIONS - STANDARD
Nominal Coil VDC 12 24 Must Operate VDC 7.2 14.4 Max. Continuous VDC 18 36 Coil Resistance 10% 90 360
COIL SPECIFICATIONS - SENSITIVE
Nominal Coil VDC 12 24 Must Operate VDC 7.2 14.4 Max. Continuous VDC 21 40 Coil Resistance 10% 124 441
RELAY ORDERING DATA
A Z 9 8 8 - 1 C T- 1 2 D S E C 1 R Q
Blank - Standard contact gap (=>0.5 mm) Q - Wide contact gap (=>0.6 mm) R - 680 Ohm parallel with 12 V standard coil 2700 Ohm parallel with 24 V standard coil 680 Ohm parallel with 12 V sensitive coil 1800 Ohm parallel with 24 V sensitive coil C1 - QC terminals, no top grip on cover C2 - QC terminals, with top grip on cover C3 - PC terminals, no top grip on cover Blank - Unsealed E - Sealed Blank - Standard coil S - Sensitive coil 12D - 12 VDC coil 24D - 24 VDC coil T -1A -1C - AgSn02 contact material -Single pole normally open -Single pole double throw
Basic Series Designation - AZ988
6/27/06W
AZ988
MECHANICAL DATA
Outline Dimensions C1
.908 MAX [23.05] .138 [3.50] O.055 [1.40] .126 [3.20] .189 [4.80] .236 [6.00] 2x.031 [0.80] .315 [8.00] .449 [11.40] [15.55] .994 MAX [25.25] O.055 [1.40] .126 [3.20] 2x.031 [0.80] .315 [8.00] .449 [11.40] .612 MAX [15.55] .079 [2.00] .079 [2.00] .197 [5.00] .994 MAX [25.25]
Outline Dimensions C2 .908 MAX
[23.05] .787 [20.00]
Outline Dimensions C3
.908 MAX [23.05]
.177 [4.50] .138 [3.50]
.994 MAX [25.25]
.441 [11.20]
.441 [11.20]
.083 [2.10] .276 [7.00] .449 [11.4] .612 MAX [15.55]
.031 [0.80] .315 [8.00]
[4.80] .236 [6.00]
.138 [3.50] .031 [0.80] .098 [2.50]
O.071 [1.80] 3X.031 [0.80] .248 [6.30] .354 [9.00] O.071 [1.80] 3X.031 [0.80] [6.30] .354 [9.00]
.354 [9.00]
276
.315 [8.00] 5X.031 [0.80]
.354 [9.00
*
5
*
2X.098 [2.50]
BOTTOM VIEW Wiring Diagram
BOTTOM VIEW
BOTTOM VIEW
1 4* 2 C1 C2 53 4* 2
1
53
1 4* * 2 C3
53
VIEWED TOWARD TERMINALS
Dimensions in inches with metric equivalents in parentheses. Tolerance: .010" (.25mm) * On Form A relay, terminal 4 is removed.
6/27/06W


▲Up To Search▲   

 
Price & Availability of AZ988-1AT-12DSEC3R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X