Part Number Hot Search : 
1MA15 LA5614M 001591 Z12D5 90M6T 90M6T CPDB1 CM5008CW
Product Description
Full Text Search
 

To Download ASM3P2855BG-16TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 August 2007 rev 0.3 Custom Clock Generator for Fax System
Features
* * Generates Custom Clocks for FAX system from an inexpensive 24MHz Crystal 7 x 50MHz synchronized non-Spread Spectrum clocks (for CPU, ASIC2, ASIC3, HDD, and PCI Analyzer, Ethernet, and LAN PHY) * 1 x 50MHz for CPU Timer * * * * *
ASM3P2855B
1x 19.52MHz non-spread clock for Scanner REFOUT Clock Supply Voltage 3.3 V +/- 0.3V Available in 16L TSSOP, Green package Commercial Temperature operation
Product Description
ASM3P2855B is a part of the two chip custom clock generator solution for NEC FAX system. Together with ASM3P2854A, ASM3P2855B realizes all the eighteen clocks required by the various components and subsystems of the FAX system. It uses an inexpensive 24MHz crystal as the input to generate five synchronized 50MHz non-spread PCI clocks used by CPU, HDD, PCI Analyzer, ASIC2 and ASIC3, two non-spread synchronized 50MHz clocks for Ethernet and LAN PHY, a 50MHz clock for the CPU Timer, and a 19.52MHz nonspread clock used by ASIC1 for Scanner. The custom clock generator ASM3P2855B works with a Supply Voltage of 3.3V. The device is available in a 16L TSSOP Green package and in commercial temperature range.
Block Diagram
VDD
VDD_FOUT
19.52MHz XIN / CLKIN
Crystal Oscillator
PLL
7
50MHz
XOUT 50MHZ
REFOUT
GND
GND_FOUT
PulseCore Semiconductor Corporation 1715 S. Bascom Ave Suite 200 Campbell, CA 95008 * Tel: 408-879-9077 * Fax: 408-879-9018 www.pulsecoresemi.com
Notice: The information in this document is subject to change without notice.
August 2007 rev 0.3
Pin Diagram
ASM3P2855B
XIN / CLKIN XOUT VDD
1 2 3
16 15 14
19.52MHz 50MHz 50MHz 50MHz REFOUT 50MHz 50MHz 50MHz
VDD_FOUT 4 GND_FOUT GND 50MHz 50MHz 5 6 7 8
ASM3P2855B
13 12 11 10 9
Pin Description Pin#
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
Pin Name
XIN / CLKIN XOUT VDD VDD_FOUT GND_FOUT GND 50MHz 50MHz 50MHz 50MHz 50MHz REFOUT 50MHz 50MHz 50MHz 19.52MHz
Type
I O P P P P O O O O O O O O O O
Description
Crystal connection or external reference frequency input. This pin has dual functions. It can be connected either to an external crystal or an external reference clock. Crystal connection. If using an external reference, this pin must be left unconnected. Power supply for the core Power supply for the output buffers. Ground connection for the output buffers Ground connection Synchronous 50MHz Clock Output Synchronous 50MHz Clock Output Synchronous 50MHz Clock Output Synchronous 50MHz Clock Output Synchronous 50MHz Clock Output 24MHz Reference Clock Out put Synchronous 50MHz Clock Output Synchronous 50MHz Clock Output 50MHz Clock Output 19.52MHz Clock Output
Custom Clock Generator for Fax System
Notice: The information in this document is subject to change without notice.
2 of 7
August 2007 rev 0.3
Absolute Maximum Ratings Symbol
VDD, VDD_FOUT VIN TSTG Ts TJ TDV
ASM3P2855B
Parameter
Power Supply Voltage relative to GND Input Voltage relative to GND (Input Pins) Storage temperature Max. Soldering Temperature (10 sec) Junction Temperature Static Discharge Voltage (As per JEDEC STD22- A114-B)
Rating
-0.5 to +4.6 -0.5 to VDD+0.5 -65 to +125 260 150 2
Unit
V C C C KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect device reliability.
Recommended Operating Conditions Symbol
TA VDD VDD_FOUT
Parameter
Operating Temperature Core Voltage Output Voltage
Min
0 +3.0 +3.0
Typ
+3.3 +3.3
Max
+70 +3.6 +3.6
Units
C V V
DC Electrical Characteristics Symbol
VIL VIH IIL IIH IXOL IXOH VOL VOH IDD ICC VDD VDD_FOUT tON ZOUT
* XIN is pulled low
Parameter
Input low voltage Input high voltage Input low current Input high current XOUT output low current (VXOL@0.4V, VDD=3.3V) XOUT output high current (VXOH@2.5V, VDD=3.3V) Output low voltage (VDD = 3.3V, IOL = 10mA) Output high voltage (VDD = 3.3V, IOH = 10mA) Static supply current* Dynamic supply current ( VDD =3.3V) Operating Voltage Operating Voltage Power-up time (first locked cycle after power-up) Output impedance
Min
GND - 0.3 2.0
Typ
Max
0.8 VDD + 0.3 -35 35
Unit
V V A A mA mA
3 3 0.4 2.5 10 28 3.0 3.0 3.3 3.3 29 3.6 3.6 5
V V mA mA V V mS
Custom Clock Generator for Fax System
Notice: The information in this document is subject to change without notice.
3 of 7
August 2007 rev 0.3
AC Electrical Characteristics Symbol
XIN / CLKIN FOUT tLH* tHL * tJC tD Input frequency At Pins 7,8,9,10,11,13,14,15 Output frequency At Pin 12 At Pin 16 Output rise time (measured from 0.8 to 2.0V) Output fall time (measured at 2.0V to 0.8V) Jitter (Cycle to cycle) Output duty cycle 40
ASM3P2855B
Parameter
Min
Typ
24 50 24 19.52 0.9 0.7 250 50
Max
Unit
MHz MHz nS nS pS
60
%
* tLH and tHL are measured into a capacitive load of 15pF
Typical Crystal Oscillator Circuit
Crystal
R1 = 510
C1
C2
Typical Crystal Specifications Fundamental AT cut parallel resonant crystal
Nominal frequency Frequency tolerance Operating temperature range Storage temperature Load capacitance Shunt capacitance ESR 24MHz 50 ppm or better at 25C -25C to +85C -40C to +85C 18pF 7pF maximum 25
Custom Clock Generator for Fax System
Notice: The information in this document is subject to change without notice.
4 of 7
August 2007 rev 0.3
Package Information 16-lead Thin Shrunk Small Outline Package (4.40-MM Body)
ASM3P2855B
8
1
PIN 1 ID E H
9
16
A
Seating Plane L C
e D
A2
B
A1
Symbol
A A1 A2 B C D E e H L
Inches Min
0.002 0.031 0.007 0.004 0.193 0.169 0.026 BSC 0.252 BSC 0.020 0 0.030 8 0.50 0
D
Dimensions
Millimeters Max
0.043 0.006 0.041 0.012 0.008 0.201 0.177 0.05 0.80 0.19 0.09 4.90 4.30 0.65 BSC 6.40 BSC 0.75 8
Min
Max
1.20 0.15 1.05 0.30 0.20 5.10 4.50
Custom Clock Generator for Fax System
Notice: The information in this document is subject to change without notice.
5 of 7
August 2007 rev 0.3
Ordering Codes Ordering Code
ASM3P2855BG-16TT ASM3P2855BG-16TR
ASM3P2855B
Marking
3P2855BG 3P2855BG
Package Type
16-pin 4.4-mm TSSOP - TUBE, Green 16-pin 4.4-mm TSSOP - TAPE & REEL, Green
Operating Range
Commercial Commercial
Device Ordering Information
ASM3P2855BG-16TR
R = Tape & Reel, T = Tube or Tray O = SOT S = SOIC T = TSSOP A = SSOP V = TVSOP B = BGA Q = QFN DEVICE PIN COUNT F = LEAD FREE AND RoHS COMPLIANT PART G = GREEN PACKAGE, LEAD FREE, and RoHS DEVICE NUMBER X= Automotive I= Industrial P or n/c = Commercial (-40C to +125C) (-40C to +85C) (0C to +70C) 1 = Reserved 2 = Non PLL based 3 = EMI Reduction 4 = DDR support products 5 = STD Zero Delay Buffer 6 = Power Management 7 = Power Management 8 = Power Management 9 = Hi Performance 0 = Reserved U = MSOP E = TQFP L = LQFP U = MSOP P = PDIP D = QSOP X = SC-70
PulseCore Semiconductor Mixed signal Product
Licensed under U.S Patent Nos 5,488,627 and 5,631,921
Custom Clock Generator for Fax System
Notice: The information in this document is subject to change without notice.
6 of 7
August 2007 rev 0.3
ASM3P2855B
PulseCore Semiconductor Corporation 1715 S. Bascom Ave Suite 200 Campbell, CA 95008 Tel: 408-879-9077 Fax: 408-879-9018 www.pulsecoresemi.com
Copyright (c) PulseCore Semiconductor All Rights Reserved Preliminary Information Part Number: ASM3P2855B Document Version: 0.3
Note: This product utilizes US Patent # 6,646,463 Impedance Emulator Patent issued to PulseCore Semiconductor, dated 11-11-2003
(c) Copyright 2006 PulseCore Semiconductor Corporation. All rights reserved. Our logo and name are trademarks or registered trademarks of PulseCore Semiconductor. All other brand and product names may be the trademarks of their respective companies. PulseCore reserves the right to make changes to this document and its products at any time without notice. PulseCore assumes no responsibility for any errors that may appear in this document. The data contained herein represents PulseCore's best data and/or estimates at the time of issuance. PulseCore reserves the right to change or correct this data at any time, without notice. If the product described herein is under development, significant changes to these specifications are possible. The information in this product data sheet is intended to be general descriptive information for potential customers and users, and is not intended to operate as, or provide, any guarantee or warrantee to any user or customer. PulseCore does not assume any responsibility or liability arising out of the application or use of any product described herein, and disclaims any express or implied warranties related to the sale and/or use of PulseCore products including liability or warranties related to fitness for a particular purpose, merchantability, or infringement of any intellectual property rights, except as express agreed to in PulseCore's Terms and Conditions of Sale (which are available from PulseCore). All sales of PulseCore products are made exclusively according to PulseCore's Terms and Conditions of Sale. The purchase of products from PulseCore does not convey a license under any patent rights, copyrights; mask works rights, trademarks, or any other intellectual property rights of PulseCore or third parties. PulseCore does not authorize its products for use as critical components in life-supporting systems where a malfunction or failure may reasonably be expected to result in significant injury to the user, and the inclusion of PulseCore products in such life-supporting systems implies that the manufacturer assumes all risk of such use and agrees to indemnify PulseCore against all claims arising from such use.
Custom Clock Generator for Fax System
Notice: The information in this document is subject to change without notice.
7 of 7


▲Up To Search▲   

 
Price & Availability of ASM3P2855BG-16TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X