Part Number Hot Search : 
NTE1248 TMXW341 4NM65N M54HC40 UPA1774G 1N5013A 14D102KJ 50N60
Product Description
Full Text Search
 

To Download AML1-3-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SH6G Series Mini 6-Pin SMD Passive Delay Modules
SH6G Schematic
IN 1 2 OUT 3 6 5 4 COM COM COM
Low Distortion LC Network Stable Delay vs. Temperature: 100 ppm/OC Operating Temperature Range -55OC to +125OC
Standard Impedances: 50, 75, 100 For other impedances (up to 500) visit web page or contact factory DIP version available: SH6D Series
Electrical Specifications at 25OC 1, 2, 3, 4
Delay (ns) Rise Time 10%-90% max. (ns) DCR max. (Ohms) 50 Ohm Part Number 75 Ohm Part Number 100 Ohm Part Number
1 2 3 .270 (6.86)
6 5 4
Dimensions in Inches (mm)
.315 (8.00)
MAX.
.170 (4.32)
MAX.
1.0 .20 1.5 .20 2.0 .20 2.5 .25 3.0 .30 4.0 .40 5.0 .40 6.0 .40 7.0 .40 7.5 .40 8.0 .40 9.0 .50 10.0 .60 12.0 .60
0.70 0.80 0.90 1.00 1.20 1.50 1.80 2.20 2.40 2.50 2.60 2.80 3.00 3.30
0.35 0.35 0.35 0.40 0.40 0.45 0.50 0.55 0.55 0.60 0.75 0.75 0.80 0.85
SH6G-0105 SH6G-0155 SH6G-0205 SH6G-0255 SH6G-0305 SH6G-0405 SH6G-0505 SH6G-0605 SH6G-0705 SH6G-0755 SH6G-0805 SH6G-0905 SH6G-1005 SH6G-1105
SH6G-0107 SH6G-0157 SH6G-0207 SH6G-0257 SH6G-0307 SH6G-0407 SH6G-0507 SH6G-0607 SH6G-0707 SH6G-0757 SH6G-0807 SH6G-0907 SH6G-1007 SH6G-1107
SH6G-0101 SH6G-0151 SH6G-0201 SH6G-0251 SH6G-0301 SH6G-0401 SH6G-0501 SH6G-0601 SH6G-0701 SH6G-0751 SH6G-0801 SH6G-0901 SH6G-1001 SH6G-1101
.286 (7.27) .425 (10.80) .405 (10.29)
.010 (0.25)
TYP.
.020 (0.38)
TYP.
.100 (2.54)
TYP.
.038 (0.96)
TYP.
1. Rise Times are measured 20% to 80% points. 2. Delay Times measured at 50% points of leading edge. 3. Impedance, ZO, tolerance + 10 % 4. Output terminated to ground through RL= ZO
AML1 Series Mini 16-Pin 50-mil SMD Passive Delay Modules
Low Distortion LC Network Stable Delay vs. Temperature: 100 ppm/OC Operating Temp. Range -55 C to +125 C Standard Impedances: 50, 75, 100 For other impedances (up to 500) visit web page or contact factory
O O
.505 (12.83)
MAX.
Dimensions in Inches (mm) .285 (7.24)
MAX.
AML1 Series
.205 (5.21)
MAX.
.016 (0.41)
TYP.
.050 (1.27)
TYP.
.015 (0.38)
TYP.
.025 (0.64)
TYP.
.010 (0.25)
TYP.
.380 (9.65) .360 (9.14)
100 Ohm Part Number 200 Ohm Part Number
AML1 Schematic
Electrical Specifications at 25OC 1, 2, 3, 4 (refer to Notes 1-4 above)
COM
16 15 14 13 12 11 10
COM
9
Delay (ns)
Rise Time 20% - 80% max. (ns)
DCR max. (Ohms)
50 Ohm Part Number
75 Ohm Part Number
1
2
3
4
5
6
7
8
IN
100%
6SHFLILFDWLRQV VXEMHFW WR FKDQJH ZLWKRXW QRWLFH
www.rhombus-ind.com
UKRPEXV LQGXVWULHV LQF
1.0 .20 1.5 .20 2.0 .20 2.5 .20 3.0 .20 4.0 .20 5.0 .25 6.0 .30 7.0 .30 8.0 .30 9.0 .30 10 .30 12 .50 15 .70 20 1.0
)RU RWKHU YDOXHV &XVWRP 'HVLJQV FRQWDFW IDFWRU\
4
1.6 1.6 1.6 1.6 1.7 1.7 1.8 2.0 2.2 2.4 2.6 2.8 3.2 3.8 4.8
.20 .30 .40 .50 .60 .70 .80 .85 .90 .95 1.10 1.20 1.50 1.70 2.00
AML1-1-50 AML1-1P5-50 AML1-2-50 AML1-2P5-50 AML1-3-50 AML1-4-50 AML1-5-50 AML1-6-50 AML1-7-50 AML1-8-50 AML1-9-50 AML1-10-50 AML1-12-50 AML1-15-50 AML1-20-50
AML1-1-75 AML1-1P5-75 AML1-2-75 AML1-2P5-75 AML1-3-75 AML1-4-75 AML1-5-75 AML1-6-75 AML1-7-75 AML1-8-75 AML1-9-75 AML1-10-75 AML1-12-75 AML1-15-75 AML1-20-75
AML1-1-10 AML1-1P5-10 AML1-2-10 AML1-2P5-10 AML1-3-10 AML1-4-10 AML1-5-10 AML1-6-10 AML1-7-10 AML1-8-10 AML1-9-10 AML1-10-10 AML1-12-10 AML1-15-10 AML1-20-10
AML1-1-20 AML1-1P5-20 AML1-2-20 AML1-2P5-20 AML1-3-20 AML1-4-20 AML1-5-20 AML1-6-20 AML1-7-20 AML1-8-20 AML1-9-20 AML1-10-20 AML1-12-20 AML1-15-20 AML1-20-20
sales@rhombus-ind.com
TEL: (714) 898-0960
FAX: (714) 896-0971
SH6G 2001-01


▲Up To Search▲   

 
Price & Availability of AML1-3-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X