Part Number Hot Search : 
TR300 3225K175 54560 MUR460 M1661K MD7540 BFXXX MAX85
Product Description
Full Text Search
 

To Download ALN2575T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 plerowTM ALN2575T1
Internally Matched LNA Module Features
* S21 = 24.2 dB @ 2560 MHz = 23.8 dB @ 2590 MHz * NF of 0.80 dB over Frequency * Unconditionally Stable * Single 3V Supply * High OIP3 @ Low Current
Description
The plerowTM ALN-series is the compactly designed surface-mount module for the use of the LNA with or without the following gain blocks in the infrastructure equipment of the mobile wireless (CDMA, GSM, PCS, PHS, WCDMA, DMB, WLAN, WiBro, WiMAX), GPS, satellite communication terminals, CATV and so on. It has an exceptional performance of low noise figure, high gain, high OIP3, and low bias current. The stability factor is always kept more than unity over the application band in order to ensure its unconditionally stable implementation to the application system environment. The surface-mount module package including the completed matching circuit and other components necessary just in case allows very simple and convenient implementation onto the system board in mass production level.
Specifications (in Production)
Typ. @ T = 25C, Vs = 3 V, Freq. = 2575 MHz, Zo.sys = 50 ohm
2-stage Single Type
Parameter Frequency Range Gain Gain Flatness Noise Figure Output IP3 S11 / S22
(1) (2)
Unit MHz dB dB dB dBm dB dBm
Specifications Min 2560 23 24 0.2 0.80 30 14 31 -18 / -10 15 60 3 50 C.W 29 ~ 31 (before fail) Surface Mount Type, 10Wx10Lx3.8H 70 0.3 0.85 Typ Max 2590
More Information
Website: www.asb.co.kr E-mail: sales@asb.co.kr Tel: (82) 42-528-7223 Fax: (82) 42-528-7222 ASB Inc., 4th Fl. Venture Town Bldg., 367-17 Goijeong-Dong, Seo-Gu, Daejon 302-716, Korea
Output P1dB Switching Time Supply Current Supply Voltage Impedance Max. RF Input Power Package Type & Size
(3)
sec mA V dBm mm
Operating temperature is -40C to +85C. 1) OIP3 is measured with two tones at an output power of 0 dBm / tone separated by 1 MHz. 2) S11/S22 (max) is the worst value within the frequency band. 3) Switching time means the time that takes for output power to get stabilized to its final level after switching DC voltage from 0 V to VS.
Outline Drawing (Unit: mm)
plerow
ALN2575T1 ASB Inc.
(Top View) (Bottom View)
Pin Number 2 5 6 Others
Function RF In RF Out +Vcc Ground
Solder Stencil Area
(Side View)
Note: 1. The number and size of ground via holes in a circuit board is critical for thermal RF grounding considerations. 2. We recommend that the ground via holes be placed on the bottom of all ground pins for better RF and thermal performance, as shown in the drawing at the left side.
O0.4 plated thru holes to ground plane (Recommended Footprint)
1/4 www.asb.co.kr November 2008
plerowTM ALN2575T1
Internally Matched LNA Module
S-parameters Typical Performance (Measured)
2560~2590 +3 V
S-parameters & K Factor
Noise Figure
OIP3
P1dB
2/4
www.asb.co.kr
November 2008
plerowTM ALN2575T1
Internally Matched LNA Module
RF Performance with Voltage Change
Item Voltage 2.5 2.6 2.7 2.8 2.9 3.0 3.1 3.2 3.3 3.4 3.5 S11 (dB) -13.32 -14.95 -16.73 -18.28 -19.49 -20.22 -20.63 -20.56 -20.30 -19.91 -19.36 S22 (dB) -11.78 -11.48 -11.17 -10.94 -10.68 -10.47 -10.27 -10.06 -9.92 -9.75 -9.62 S21 (dB) 22.46 23.20 23.74 24.15 24.47 24.64 24.84 24.96 25.06 25.10 25.11 G/F (dB) 0.14 0.15 0.14 0.16 0.15 0.16 0.17 0.18 0.16 0.17 0.19 NF (dB) 0.932 0.853 0.805 0.771 0.756 0.770 0.765 0.763 0.776 0.791 0.807 P1dB (dBm) 14.72 14.68 14.82 15.21 15.60 16.08 16.28 16.63 16.91 17.20 17.42 OIP3 (dBm) 24.54 25.75 27.54 29.41 30.89 32.10 33.21 33.54 34.18 34.10 33.98 Current (mA) 22 28 35 42 50 58 68 78 88 99 109
RF Performance with Operating Temperature
Item Temp. - 40C - 20C 0C 25C 40C 60C 80C 100C S11 (dB) -18.39 -18.93 19.54 -20.29 -20.66 -20.81 -21.13 -21.11 S22 (dB) -10.38 -10.73 -10.63 -10.68 -10.55 -10.60 -10.54 -10.53 S21 (dB) 24.80 24.72 24.70 24.49 24.51 24.41 24.29 24.15 G/F (dB) 0.15 0.12 0.15 0.17 0.16 0.18 0.16 0.18 NF (dB) 0.493 0.569 0.652 0.776 0.840 0.940 1.049 1.193 P1dB (dBm) 15.47 15.56 15.54 15.69 15.66 15.68 15.72 15.74 OIP3 (dBm) 30.71 31.35 31.74 32.10 32.11 32.15 32.02 31.90 Current (mA) 50 53 54 59 60 63 68 72
3/4
www.asb.co.kr
November 2008
plerowTM ALN2575T1
Internally Matched LNA Module Application Circuit
V DC + -
Tantal Capacitor
IN C1
ALN
C2
OUT
1) The tantal capacitor is optional and for bypassing the AC noise introduced from the DC supply. The capacitance value may be determined by customer's DC supply status. 2) So-called DC blocking capacitors are always necessarily placed at the input and output port for allowing only the RF signal to pass and blocking the DC component in the signal. The DC blocking capacitors are included inside the LNA module. Therefore, C1 & C2 capacitors may not be necessary, but can be added just in case that the customer wants. The value of C1 & C2 is determined by considering the application frequency.
Recommended Soldering Reflow Process
260C 20~40 sec
Evaluation Board Layout
+Vcc
Ramp-up (3C/sec) 200C
Ramp-down (6C/sec)
IN
OUT
150C 60~180 sec
Size 25 x 25mm (for ALN-AT, BT, T Series - 10x10mm)
4/4
www.asb.co.kr
November 2008


▲Up To Search▲   

 
Price & Availability of ALN2575T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X