Part Number Hot Search : 
D3055 BT151X KBK10B PT2250A M38C81M2 40N25 M38C81M2 90583C
Product Description
Full Text Search
 

To Download ADL855HD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.5 inch
ADL855HD - Intel Pentium M / Celeron M 1.0GHz - 1.8GHz
Features
* Intel(R) Pentium(R) M / Celeron(R) M, 1.0GHz - 1.8GHz * Intel(R) 855GME / ICH4, 400MHz FSB * Power Management (APM 1.2 plus features) * Up to 2GB DDR 333Mhz SDRAM * Four Serial connections * Onboard DVI Connector * 10/100 Mbit and 10/100/1000 Mbit Ethernet Ports * 6 x USB2.0 Ports * CRT and 18/24 Bit LVDS/TFT Connections * Mini-PCI Interface * RTC and Watchdog Timer * 5VDC, 5VDC Suspend (12VDC for fans)
Ordering Information
Item Code
ADL855HD-373CM ADL855HD-370CM ADL855HD-745PM
Description
The ADL855HD is based on the Intel(R) Pentium(R) M / Celeron(R) M processors offering clock rates up to 1.8GHz. The Intel(R) 855GME chipset (GMCH) supports a 400MHz FSB with integrated Intel(R) Graphics controller "Extreme Graphics 2". It can drive either a DVI/ CRT or LVDS LCD. The memory is added via 2x SODIMM200 sockets and can accept up to 2 Gigabytes of DDR333 SDRAM. The ADL855HD power management incorporates ACPI/APM functions, which utilizes Intel's Advanced SpeedStep(R) (Pentium(R) M only) feature. The standard ADL855PC also incorporates Mini-PCI Bus, EIDE, 6xUSB 2.0, 4xRS232 COM ports, PS/2 Keyboard and Mouse, ELO Touchscreen (USB6), AC97 Sound, separate 10/100MBit and 10/100/100 Mbit Ethernet LAN, hardware monitoring and more. ADL offers highly effective active and passive cooling solutions based on proven thermal data and mounting techniques; resulting in the least possible mechanical board stress. Please contact your Sales Engineer for detailed information on cooling solutions to fit your needs.
Part #
294048 294049 294045
Description
Celeron M, 1.0GHz, 512k Cache Celeron M, 1.5GHz, 1024K Cache Pentium M, 1.8GHz, 2048K Cache
SoDIMM200 DDR SDRAM Memory DDR-DRAM128-3 DDR-DRAM256-3 DDR-DRAM512-3 DDR-DRAM1024-3 DDR-DRAM512-3EX DDR-DRAM1024-3EX DDR-ECC512 DDR-ECC1024 DDR-ECC512-EX DDR-ECC1024-EX 994715 994825 994925 994025 994928 994028 TBD TBD 995928 995026 128MB DDR 333MHz STD TEMP 256MB DDR 333MHz STD TEMP 512MB DDR 333MHz STD TEMP 1GB DDR 333MHz STD TEMP 512MB DDR333MHz -40C - +85C 1GB DDR 333MHz -40C - +85C 512MB ECC DDR333MHz STD TEMP 1GB ECC DDR333MHz STD TEMP 512MB ECC DDR333MHz -40C - +85C 1GB ECC DDR333MHz -40C - +85C
*More options are available . Please contact your sales representative
Data subject to change without notice Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345 Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
3.5 inch
Technical Specifications
FEATURE
Processor/CPU: L2-Cache: CPU-Clock: Chipset Front Side Bus CPU Speed Steps: INTEL Speed Step Technology: Memory 200pin DDR SODIMM: Video Controller: Video Memory: Video Interfaces: Video Channel 1: Video Channel 2: Real Time Clock: Ethernet LAN Controller1: Ethernet LAN Controller2: AC97-Controller: SMBus-Controller: USB2-Controller: Flash BIOS: BIOS: Power Management Control: EIDE-Controller: HW-Monitor: Audio Output: Audio Input: Keyboard / Mouse: COM1 - COM4 PCI-Bus: Power Supply: Power consumption: Operating Temperature: (typ. ambient)
FUNCTION
Intel(R) Pentium(R) M / Celeron(R) M 512KB / 1024KB / 2048KB 1.0GHz / 1.5GHz / 1.8GHz Intel(R) 855GME / ICH4 400MHz 100MHz software program. via CSR Geyserville III 128MB - 2048MB 855GME Intel Extreme Graphics 2 1 - 32MB UMA DDR-RAM CRT / DVI / LVDS CRT / DVI 2048 x 1536 LVDS 18/24/36/48 Bit Yes Intel(R) ICH4 - ext. PHY 82562EZ Intel(R) Intel(R) 82541ER ICH4 - SMBus Intel(R) ICH4 - AC97 V2.3 6x Ports V2.0 512KB/1MB Phoenix Award 6.1 ACPI / APM PIO 1-4 and UDMA 100*/66*/33 Winbond W83627HF Stereo Output and SPDif Stereo-Line, Mic and SPDif PS/2-USB RS232 Mini-PCI Socket +5VDC, +5VDC Suspend (+12VDC for fans) TBD Celeron(R) M 1.0GHz: -20C to +75C Celeron(R) M 1.5GHz: -20C to +60C Pentium(R) M 1.8GHz: -20C to +60C
REMARKS
1.0GHz - 1.8GHz CPU Dependent Celeron(R) M / Celeron M / Pentium M
OPTIONS
N/A on Celeron M(R) N/A on Celeron M(R) ECC Memory Supported
64MB Window
36/48 requires second cable External Battery Required for RTC 10/100 MBit with RPL, PXE and WOL 10/100/1000 Mbit with WOL ALC655 Codec 5.1 Sound USB-6 for use with ELO Touchscreen 2MB available on version G5
Primary and Secondary support 5.1 Support
*requires 80 conductor cable
115KBit max, +/- 5% Tolerance
TTL solder
With ADL thermal solutions With ADL thermal solutions With ADL thermal solutions
Extended Temperature -40C to +85C Available Provided CPU die is kept below 100C at all times and the installation has sufficient thermal path to dissipate
Dimensions: Weight: (gr)
147 mm x 20 mm x 102 mm TBD
3.5 inch form factor
Data subject to change without notice Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345 Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com


▲Up To Search▲   

 
Price & Availability of ADL855HD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X