Part Number Hot Search : 
P6KE500A AOD11S60 C1473 P6KE75CA MB85R BAYP18 WP710 S1A120D0
Product Description
Full Text Search
 

To Download ADAP1MC1R000001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optical Adaptor
ADAP Series
Product Description
Oplink's Adaptor is designed for interconnection for all optical systems or components. Oplink offers a wide range of industrial standard adaptors. With our highly integrated design and manufacturing capability, Oplink can also provide customized products to help our customer for better opportunities. Our adaptor complies with industry green initiative such as Rohs
Performance Specifications
Parameters Note Min. Typical Max Unit
Features
0.2 0.2 0.25 0.2 0.2 dB
FC Type SC Type Insertion Loss LC Type ST Type MU Type Connection Durability FC Type SC Type Connector Repeatability LC Type ST Type MU Type Operating Temperature -40 500
Various Option of connector types for adaptor Environmental Green Plan Compliance High Reliability
Mating 0.1 0.1 0.1 0.2 0.1 85 C dB
Applications
Optical Network System interconnection Testing Device Accessory
R01.20081017
Optical Adaptor
ADAP Series
Mechanical Drawing / Package Dimensions (dimension in mm)
SC Type
FC Type
ST Type
LC Type
Oplink Communications, Inc.
Optical Adaptor
ADAP Series
Hybrid
46335 Landing Pkwy Fremont, CA 94538 Tel: (510) 933-7200 Fax: (510) 933-7300 Email: Sales@Oplink.com * www.oplink.com
Ordering Information
ADAP
Configuration
Simplex= 1 Duplex= 2 4 Ports= 4
0
0
0
0
0
Sleeve
Ceramic= C Metal= M
Style
Square= S Flange= F Round= R No Flange= N
Adapter Type
FC= 1 SC= 2 LC= 3 ST= 4 MU= 5 FC-SC= 6 FC-ST= 7 SC-ST= 8 E2000= 9 MTRJ= A MPO= B
Housing Color Housing Material
Metal= M Plastic= P Metal= 1 Blue= 2 Green= 3 Beige= 4 Black= 5
R01.20081017
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules


▲Up To Search▲   

 
Price & Availability of ADAP1MC1R000001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X