Part Number Hot Search : 
TLPGE125 RU4AJG TCP135K2 XE9624F PVT312L ISL6312 GS1501 SMB20
Product Description
Full Text Search
 

To Download A1212S-1W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHENZHEN SUNYUAN TECHNOLOGY CO., LTD.
AXXXXS/D-1W SERIES FIXED UNREGULATED INPUT DC-DC CONVERTER
RATED 1W OUTPUT HIGH POWER DENSITY S:7PIN SIP D:14PIN DIP PACKAGE DUAL OUTPUT INDUSTRIAL STANDARD PIN-OUT NO HEAT SINK REQUIRED 1KVAC ISOLATION FIXED INPUT UNREGULATED OUTPUT ISO9001 CERTIFIED
ELECTRICAL SPECIFICATIONS
All specifications tested typically @ 25C, humidity<75%, nominal input and rated output unless otherwise noted.
OUTPUT SPECIFICATIONS
Items: Output accuracy Output power Line voltage regulation Load voltage regulation Ripple and noise Temperature drift Minimum load Switching frequency Short circuit protection Momentary(<1s) 125KHz For Vin change of 1% From 20% to full load 20MHz bandwidth 1.2% 8% 75 mV p-p 0.02 %/C 10% Testing condition At full load and nominal Vin Min Typ Max 5% 1W
INPUT SPECIFICATIONS
Items: Input voltage range Leak Current Resistance Capacitance Testing condition Min 10% <1mA 109 ohm 60pF Typ Max
COMMON SPECIFICATIONS
Items Operating temperature range Storage temperature range Humidity Cooling Isolation voltage (VAC) Isolation resistance (ohms) Isolation capacitance (pF) Efficiency (%) Case material See Product List 70 Non-conductive black plastic
Copyright @ Shenzhen Sunyuan Technology Co., Ltd. Edition-SZSY-07-01 Printed in P.R.C January 2007 Page 1 of 3
Min -40C -55C No-compress
Typ.
Max +85C +125C 90%
Free Air Convection Input to Output 1,000 109 60 85
SHENZHEN SUNYUAN TECHNOLOGY CO., LTD.
AXXXXS/D-1W SERIES FIXED UNREGULATED INPUT DC-DC CONVERTER
Potting material Packing material Dimension (mm / inch) (L*W*H) Weight (g) MTBF (Hrs) Epoxy Resin UL94-V0 Tube SIP: 19.5*6.00*10 (0.76*0.24*0.37) DIP: 20.4*10*8.2(0.80*0.39*0.32) 2~3g >1,000,000
PRODUCT LIST
Input Voltage (VDC) Part Number
Range Nominal Max. Current (mA) Voltage (VDC)
Output
Efficiency (%, Typ.) 71 80 80 80 78 75 74 76
Package
Capacitor Load Max (uF) 4.7 1 0.47 4.7 1 4.7 4.7 1
A0505S/D-1W A0512S/D-1W A0515S/D-1W A1205S/D-1W 10.8-13.2 A1212S/D-1W A2403S/D-1W A2405S/D-1W A2412S/D-1W 21.6-26.4 4.5-5.5
5 5 5 12 12 24 24 24
5.5 5.5 5.5 13.2 13.2 26.4 26.4 26.4
100 42 34 100 42 150 100 42
5 12 15 5 12 3.3 5 12
SIP/DIP SIP/DIP SIP/DIP SIP/DIP SIP/DIP SIP/DIP SIP/DIP SIP/DIP
NOMENCLATURE
TEMPERATURE DERATING GRAPH
120
Output Power%
100 80 60 40 20 0 -40 0 40 71 85 120
Safe Operating Area
Operating Temp (Celsius)
TYPICAL CONNECTION
+Vin Cin DC-DC
CONVERTER
+Vo
0V Cout2 -Vo
-Vin
Copyright @ Shenzhen Sunyuan Technology Co., Ltd.
Edition-SZSY-07-01
Printed in P.R.C January 2007
Page 2 of 3
SHENZHEN SUNYUAN TECHNOLOGY CO., LTD.
AXXXXS/D-1W SERIES FIXED UNREGULATED INPUT DC-DC CONVERTER OUTLINE DIMENSION PINS DESCRIPTION
SIP 1 2 4 5 6 +Vin GND -Vo 0V +Vo
Connection Input Input Output Common Output NC
DIP 14 1 11 8 9 7
PIN 7 can not connect any external circuit.
SHENZHEN SUNYUAN TECHNOLOGY CO., LTD. 3F, 3Bldg, Duoli Industrial Zone, Meihua Rd. Futian District, Shenzhen 518049, China Tel: +86-755-83100080 Fax: +86-755-83116652 Email: info@szsunyuan.com www.szsunyuan.com
Copyright @ Shenzhen Sunyuan Technology Co., Ltd.
Edition-SZSY-07-01
Printed in P.R.C January 2007
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of A1212S-1W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X