Part Number Hot Search : 
HFB03 ST62T00C 42700 SK70720 16086 PT10MV10 100AX TSOP1237
Product Description
Full Text Search
 

To Download 78172-0002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES AND SPECIFICATIONS
Molex's new 1.20mm pitch Pico-EZmateTM connectors are compact and low profile, with a mated height of 1.40mm for wire-to-board applications. The Pico-EZmate connector design includes secure locking features between the receptacle housing and the PCB header, with an audible click to ensure mating integrity. The receptacle is mated vertically with the header, which allows excellent workability in production lines. The header design also provides sufficient space to allow stable pick-and-place operations in SMT lines. The headers are packed in the embossed tape packing for automatic insertion equipment. Both header and receptacle housings are made from a halogen-free resin with a 94 V-0 rated material. The series also complies to European RoHS directives.
1.20mm (.047") Pitch Pico-EZmateTM W-to-B Connectors Series 78171 Header
Features * Ultra low profile * Easy vertical mating * Multiple mating cycles * Assembly suction space on header * RoHS & halogen free compliance
Benefits * Space savings * Excellent workability in production line * Allows multiple testing cycles * Stable pick-and-place area * Environmentally friendly
78172 -Receptacle housing
- Terminal
SPECIFICATIONS
Reference Information Packaging: Embossed Tape UL File No.: TBD CSA File No.: TBD Designed In: mm Electrical Voltage: 50V Current: 1.5A Applicable wire range: AWG #28 to #30 UL3302 Contact Resistance: 20 milliohms max. Dielectric Withstanding Voltage: 500V AC Insulation Resistance: 100 Megohms minimum
Physical Housing: LCP, UL94V-0, Black Contact: Copper alloy Plating: Gold Operating Temperature: -25C to +85C
Markets and Applications Notebook Mobile Phone GPS MP3, MP4 Any compact mobile device application
1.20mm (.047") Pitch Pico-EZmateTM W-to-B Connectors Series 78171 Header 78172 - Receptacle housing - Terminal
Ordering Information PCB Header Order No. 78171-1002 78171-1003 78171-1004 78171-1005 Receptacle Housing Order No. 78172-0002 78172-0003 78172-0004 78172-0005 Receptacle Crimp Terminal Order No. 78172-0410 Circuits N/A Circuits 2 3 4 5 Circuits 2 3 4 5
Americas Headquarters 2222 Wellington Ct. Lisle, Illinois 60532 USA 1-800-78MOLEX amerinfo@molex.com
Asia Pacific North Headquarters Yamato, Kanagawa, Japan 81-462-65-2324 feninfo@molex.com
Asia Pacific South Headquarters Jurong, Singapore 65-6-268-6868 fesinfo@molex.com
European Headquarters Munich, Germany 49-89-413092-0 eurinfo@molex.com
Corporate Headquarters 2222 Wellington Ct. Lisle, Illinois 60532 USA 630-969-4550
Visit our Web site at http://molex.com
Order No. : 9876501961
(c)2008, Molex


▲Up To Search▲   

 
Price & Availability of 78172-0002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X