|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
40CTQ150SPbF/40CTQ150-1PbF Vishay High Power Products Schottky Rectifier, 2 x 20 A 40CTQ150SPbF 40CTQ150-1PbF FEATURES * 175 C TJ operation * Center tap TO-220 package * Very low forward voltage drop * High frequency operation Available RoHS* COMPLIANT Base common cathode 2 Base common cathode 2 * High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance * Guard ring for enhanced ruggedness and long term reliability * Lead (Pb)-free ("PbF" suffix) * Designed and qualified for industrial level 2 1 Common 3 Anode cathode Anode 2 1 Common 3 Anode cathode Anode DESCRIPTION The 40CTQ... center tap Schottky rectifier has been optimized for very low forward voltage drop, with moderate leakage. The proprietary barrier technology allows for reliable operation up to 175 C junction temperature. Typical applications are in switching power supplies, converters, freewheeling diodes, and reverse battery protection. D2PAK TO-262 PRODUCT SUMMARY IF(AV) VR 2 x 20 A 150 V MAJOR RATINGS AND CHARACTERISTICS SYMBOL IF(AV) VRRM IFSM VF TJ tp = 5 s sine 20 Apk, TJ = 125 C (per leg) CHARACTERISTICS Rectangular waveform VALUES 40 150 1500 0.71 - 55 to 175 UNITS A V A V C VOLTAGE RATINGS PARAMETER Maximum DC reverse voltage Maximum working peak reverse voltage SYMBOL VR VRWM 40CTQ150SPbF 40CTQ150-1PbF 150 UNITS V ABSOLUTE MAXIMUM RATINGS PARAMETER Maximum average forward current See fig. 5 per leg per device IF(AV) 50 % duty cycle at TC = 140 C, rectangular waveform 5 s sine or 3 s rect. pulse IFSM 10 ms sine or 6 ms rect. pulse EAS IAR Following any rated load condition and with rated VRRM applied SYMBOL TEST CONDITIONS VALUES 20 40 A 1500 250 1.0 1.5 mJ A UNITS Maximum peak one cycle non-repetitive surge current per leg See fig. 7 Non-repetitive avalanche energy per leg Repetitive avalanche current per leg TJ = 25 C, IAS = 1.5 A, L = 0.9 mH Current decaying linearly to zero in 1 s Frequency limited by TJ maximum VA = 1.5 x VR typical * Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 94215 Revision: 13-Aug-08 For technical questions, contact: diodes-tech@vishay.com www.vishay.com 1 40CTQ150SPbF/40CTQ150-1PbF Vishay High Power Products ELECTRICAL SPECIFICATIONS PARAMETER SYMBOL 20 A Maximum forward voltage drop per leg See fig. 1 VFM (1) 40 A 20 A 40 A Maximum reverse leakage current per leg See fig. 2 Maximum junction capacitance per leg Typical series inductance per leg Maximum voltage rate of change Note (1) Pulse width < 300 s, duty cycle < 2 % IRM (1) CT LS dV/dt TJ = 25 C TJ = 125 C TEST CONDITIONS TJ = 25 C VALUES 0.93 1.16 0.71 0.85 50 15 450 8.0 10 000 A mA pF nH V/s V UNITS Schottky Rectifier, 2 x 20 A TJ = 125 C VR = Rated VR VR = 5 VDC (test signal range 100 kHz to 1 MHz) 25 C Measured lead to lead 5 mm from package body Rated VR THERMAL - MECHANICAL SPECIFICATIONS PARAMETER Maximum junction and storage temperature range Maximum thermal resistance, junction to case per leg Maximum thermal resistance, junction to case per package Typical thermal resistance, case to heatsink Approximate weight minimum maximum SYMBOL TJ, TStg DC operation See fig. 4 DC operation RthCS Mounting surface, smooth and greased TEST CONDITIONS VALUES - 55 to 175 1.5 0.75 0.5 2 0.07 Non-lubricated threads Case style D2PAK 6 (5) 12 (10) g oz. kgf cm (lbf in) C/W UNITS C RthJC Mounting torque Marking device 40CTQ150S 40CTQ150-1 Case style TO-262 www.vishay.com 2 For technical questions, contact: diodes-tech@vishay.com Document Number: 94215 Revision: 13-Aug-08 40CTQ150SPbF/40CTQ150-1PbF Schottky Rectifier, 2 x 20 A Vishay High Power Products IF - Instantaneous Forward Current (A) 100 1000 IR - Reverse Current (mA) 100 10 1 TJ = 175 C TJ = 150 C TJ = 125 C TJ = 100 C TJ = 75 C 10 TJ = 175 C TJ = 125 C TJ = 25 C 0.1 0.01 0.001 TJ = 50 C TJ = 25 C 1 0 0.4 0.8 1.2 1.6 0 20 40 60 80 100 120 140 160 VFM - Forward Voltage Drop (V) Fig. 1 - Maximum Forward Voltage Drop Characteristics VR - Reverse Voltage (V) Fig. 2 - Typical Values of Reverse Current vs. Reverse Voltage 1000 CT - Junction Capacitance (pF) TJ = 25 C 100 10 0 40 80 120 160 VR - Reverse Voltage (V) Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage ZthJC - Thermal Impedance (C/W) 10 1 PDM t1 0.1 Single pulse (thermal resistance) D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20 t2 Notes: 1. Duty factor D = t1/t2 2. Peak TJ = PDM x ZthJC + TC 0.1 1 10 100 0.01 0.00001 0.0001 0.001 0.01 t1 - Rectangular Pulse Duration (s) Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics Document Number: 94215 Revision: 13-Aug-08 For technical questions, contact: diodes-tech@vishay.com www.vishay.com 3 40CTQ150SPbF/40CTQ150-1PbF Vishay High Power Products 180 Schottky Rectifier, 2 x 20 A Allowable Case Temperature (C) 25 RMS limit Average Power Loss (W) 20 DC 160 DC 15 DC = 0.20 DC = 0.25 DC = 0.33 DC = 0.50 DC = 0.75 140 10 120 Square wave (D = 0.50) 80 % VR applied See note (1) 5 100 0 0 5 10 15 20 25 30 0 5 10 15 20 25 30 IF(AV) - Average Forward Current (A) Fig. 5 - Maximum Allowable Case Temperature vs. Average Forward Current IF(AV) - Average Forward Current (A) Fig. 6 - Forward Power Loss Characteristics IFSM - Non-Repetitive Surge Current (A) 10 000 At any rated load condition and with rated VRRM applied following surge 1000 100 10 100 1000 10 000 tp - Square Wave Pulse Duration (s) Fig. 7 - Maximum Non-Repetitive Surge Current (Per Leg) (1) Note Formula used: TC = TJ - (Pd + PdREV) x RthJC; Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6); PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % VR applied www.vishay.com 4 For technical questions, contact: diodes-tech@vishay.com Document Number: 94215 Revision: 13-Aug-08 40CTQ150SPbF/40CTQ150-1PbF Schottky Rectifier, 2 x 20 A Vishay High Power Products ORDERING INFORMATION TABLE Device code 40 1 1 2 3 4 5 6 7 - C 2 T 3 Q 4 150 5 S 6 TRL PbF 7 8 Current rating (40 A) Circuit configuration: C = Common cathode T = TO-220 Schottky "Q" series Voltage rating (150 = 150 V) S = D2PAK -1 = TO-262 - None = Tube (50 pieces) TRL = Tape and reel (left oriented - for D2PAK only) TRR = Tape and reel (right oriented - for D2PAK only) 8 - None = Standard production PbF = Lead (Pb)-free LINKS TO RELATED DOCUMENTS Dimensions Part marking information Packaging information http://www.vishay.com/doc?95014 http://www.vishay.com/doc?95008 http://www.vishay.com/doc?95032 Document Number: 94215 Revision: 13-Aug-08 For technical questions, contact: diodes-tech@vishay.com www.vishay.com 5 Legal Disclaimer Notice Vishay Disclaimer All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners. Document Number: 91000 Revision: 18-Jul-08 www.vishay.com 1 |
Price & Availability of 40CTQ150STRRPBF |