Part Number Hot Search : 
5400J T240128 SK106 1N4744B 1N5408 NTE5631 4118NH4 00152
Product Description
Full Text Search
 

To Download 39390-0102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES AND SPECIFICATIONS
6.35 and 9.52mm (.250 and .375") Pitch Beau(R) Eurostyle(R) Terminal Blocks 39380, 39390 Fixed, Straight
Beau Eurostyle terminal blocks feature the same PCB footprint as our most popular barrier style terminal blocks The new 38 and 39 series Eurostyle terminal blocks from Molex are available in pitches of 6.35 and 9.52mm (.250 and .375"), the same pitch sizes as our most popular barrier style blocks. This allows for easy changing or upgrading of existing PC boards from a more traditional style barrier block to a widely accepted European version, and also offers customers a choice as to which wiring interface they prefer.
Features and Benefits I Available in 2 or 3 circuits with dovetail feature for easy assembly to required circuit count while maintaining pitch I Rising cage clamp system holds wires for a secure, reliable contact SPECIFICATIONS Reference Information Packaging: Box UL File No.: E48521 Guide No.: XCFR2 UL for Canada File No.: E48521 Guide No.: XCFR8 (Pending) Electrical Voltage: 39380 - 300V 39390 - 600V Current: 30.0A Contact Resistance: 15 milliohms max. Insulation Resistance: 1000 Megohms (500V DC) min. Mechanical Wire Range: 10 to 30 AWG (5.27-0.05mm2) Strip Length: 7.00mm (.276") Tightening Torque: 0.90 Nm (8.00 in-lbs) Operating Temperature: +110C Physical Housing: Polyamide 6.6 UL 94V-0, Black Contact: Copper Alloy Screw: M3.5 Slotted, Copper Alloy Cage Clamp: Copper Alloy Plating: Contact - Tin Screw - Nickel Cage Clamp - Nickel I Industry standard footprints are interchangeable for other industrystandard barrier style and European style terminal blocks
APPLICATIONS
I I I I I I
Signal conditioning Flow sensors and transmitters Power supplies Load control systems Data acquisition Motion controls
6.35 and 9.52mm (.250 and .375") Pitch Beau(R) Eurostyle(R) Terminal Blocks 39380, 39390 Fixed, Straight
ORDERING INFORMATION
Circuits 2 3
Note: Longest recommended circuit size for each series is 16 circuits.
Order No. 6.35mm (.250") Pitch 39380-0102 39380-0103 9.52mm (.375") Pitch 39390-0102 39390-0103
Americas Headquarters Lisle, Illinois 60532 U.S.A. 1-800-78MOLEX amerinfo@molex.com
Far East North Headquarters Yamato, Kanagawa, Japan 81-462-65-2324 feninfo@molex.com
Far East South Headquarters Jurong, Singapore 65-6-268-6868 fesinfo@molex.com
European Headquarters Munich, Germany 49-89-413092-0 eurinfo@molex.com
Corporate Headquarters 2222 Wellington Ct. Lisle, IL 60532 U.S.A. 630-969-4550 Fax:630-969-1352
Visit our Web site at http://www.molex.com/products/tblocks.html
Order No. USA-262 Printed in USA/5K/JI/JI/2004.09 (c)2004, Molex


▲Up To Search▲   

 
Price & Availability of 39390-0102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X