Part Number Hot Search : 
ZSAT500 DA1308 4030055M 0201R20 IDT71024 M5M5256 LM324 R1E10
Product Description
Full Text Search
 

To Download 39372-00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES AND SPECIFICATIONS
7.50mm (.295") Pitch 37 Series Beau(R) Eurostyle(R) Pluggable Terminal Blocks 39371, 39372, 39373, 39374
Beau Eurostyle 37 series provides design flexibility with a range of plug and header configurations The 37 series of pluggable terminal blocks consists of 2 headers, right angle or vertical mount, and 3 plug styles including right angle and vertical forward or vertical reverse facing. The increased pitch size of 7.50mm (.295") offers the ability to use up to a 12 AWG wire at 15.0A. It also allows ratings of 400V, necessary in some applications. Constructed with rising cage clamp termination technology, the 37 series meets all applicable industry standards and is footprint compatible and cross-mateable with many of our competitors.
Features and Benefits
I High-reliability rising cage clamp connection technology ensures a gas-tight connection without strand damage I 7.50mm (.295") increased pitch size allows for use of wire up to 12 AWG at 15.0A
I Right angle and vertical plugs and headers allow various options for wiring to meet customer needs I Funnel entry housing provides easier wire insertion
SPECIFICATIONS Reference Information Packaging: Box UL File No.: E48521 Guide No.: XCFR2 UL for Canada File No.: E48521 Guide No.: XCFR8 (Pending) Electrical Voltage: 300V Current: 12 AWG - 15.0A 14 to 30 AWG - 12.0A Insulation Resistance: 1000 Megohms min. Mechanical Rec. Tightening Torque: 0.40-0.60 Nm (3.50-5.30 in-lbs.) Wire Strip Length: 6.00 to 7.50mm (.236 to .295") Wire Range: 14 to 30 AWG (2.08-0.05mm2) Operating Temperature: +110C Physical Plugs: 39371-00XX, 39374-08XX, 39374-09XX Housing: Polyamide 6.6 UL94 V-0, Black Terminal: Phosphor Bronze Screw: M3 Copper Alloy Cage Clamp: Copper Alloy Plating: Terminal - Tin Screw - Nickel Cage Clamp - Nickel Headers: 39372-00XX, 39373-00XX Housing: Polyamide 6.6 UL 94V-0, Black Pin: Phosphor Bronze Pin Plating: Tin
APPLICATIONS
I Motor controls I Power supplies I Actuators I Factory automation equipment I Elevator controls
7.50mm (.295") Pitch 37 Series Beau(R) Eurostyle(R) Pluggable Terminal Blocks 39371, 39372, 39373, 39374
ORDERING INFORMATION
Order No. 39371-00XX 39374-08XX 39374-09XX 39372-00XX 39373-00XX
Replace XX with no. of circuits, 02 to 12. Americas Headquarters Lisle, Illinois 60532 U.S.A. 1-800-78MOLEX amerinfo@molex.com Far East North Headquarters Yamato, Kanagawa, Japan 81-462-65-2324 feninfo@molex.com Far East South Headquarters Jurong, Singapore 65-6-268-6868 fesinfo@molex.com European Headquarters Munich, Germany 49-89-413092-0 eurinfo@molex.com Corporate Headquarters 2222 Wellington Ct. Lisle, IL 60532 U.S.A. 630-969-4550 Fax:630-969-1352
Product Type Plug Plug Plug Header Header
Orientation Right Angle Vertical Vertical Vertical Right Angle
Description Rear Wire Entry Front Wire Entry Closed End Closed End
Visit our Web site at http://www.molex.com/products/tblocks.html
Order No. USA-261 Printed in USA/5K/JI/JI/2004.09 (c)2004, Molex


▲Up To Search▲   

 
Price & Availability of 39372-00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X