Part Number Hot Search : 
1N5252B MAX4041 PSD83 Z10L180 IKW50N C6250P LT1167 78L15
Product Description
Full Text Search
 

To Download 30KPA30A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 * Fax: 760-564-2414 1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com
30KPA SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE-28.0 TO 400 Volts
30000 Watt Peak Pulse Power
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * Glass passivated junction * 30000W Peak Pulse Power capability on 10/1000 s waveform * Excellent clamping capability * Repetition rate (duty cycle):0.05% * Low incremental surge resistance * Fast response time: typically less than 1.0 ps from 0 volts to BV * Typical Id less than 1A above 10V * High temperature soldering guaranteed: 265C/10 seconds/.375", (9.5mm) lead length, 5lbs., (2.3kg) tension
P-600
1.0(25.4) MIN .360(9.1) .340(8.6) DIA
.360(9.1) .340(8.6)
.052(1.3) .048(1.2) DIA
1.0(25.4) MIN
MECHANICAL DATA
Case:Molded plastic over glass passivated junction Terminals: Plated Axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denoted positive end (cathode) except Bipolar Mounting Position: Any Weight: 0.07 ounce, 2.1 gram Dimensions in inches (milimeters)
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA Suffix for types 30KPA28 thru types 30KPA400 Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
RATING
Peak Pulse Power Dissipation on 10/1000 s waveform (NOTE 1) Peak Pulse Current of on 10-1000 s waveform (NOTE 1) Steady State Power Dissipation at Tl=75 C Lead Lengths.375", (9.5mm)(NOTE 2)
SYMBOL
PPPM IPPM PM(AV)
VALUE
Minimum 30000 SEE TABLE 1 8.0
UNITS
Watts Amps Watts
Peak Forward Surge Current, 8.3ms Sine-Wave IFSM 400.0 Superimposed on Rated Load, (JEDEC Method) (NOTE 3) Operatings and Storage Temperature Range TJ, TSTG -55 to +175 NOTES: 1.Non-repetitive current pulse, per Fig.3 and derated above Ta=25 C per Fig.2. 2.Mounted on Copper Pad area of 0.8x0.8" (20x20mm) per Fig.5. 3.8.3ms single half sine-wave, or equivalent square wave, Duty cycle=4 pulses per minutes maximum Certified RoHS Compliant UL File # E223026
Amps C
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 * Fax: 760-564-2414 1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com
30KPA Series Rating and Characteristic Curves
Pppm 1 PEAK PULSE POWER 1 KW
10000 1000
Non-repetitive pulse waveform shown in Fig. 3TA = 25C
100
10 1 0.1 1 10 100 1,000 10,000 100,000 td PULSE WIDTH 1 sec FIG. 1 PEAK PULSE POWER RATING
Fig.2 - Pulse Derating Curve
100 87.5
Peak Pulse Power (PPP) or Current (IPP) Derating in
75 62.5 50 37.5 25 12.5 0 0 25 50 75 100 125 150 175 200
TA - Ambient Temperature (C)
150
IPPM - Peak Pulse Current,% IRSM
tr = 10sec. Peak Value IPPM 100 Half Value- IPPM 2
TJ = 25C Pulse Width(td)is defined as the point where the peak current decays to 50% of IPPM
50
10/1000sec.Waveform as defined by R.E.A.
td
0 0 1.0 2.0 3.0 t - Time(ms) 3.0
4.0
4.0
Fig.3 - Pulse Waveform
MDE Semiconductor, Inc.
1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com
30000 Watt TVS
UNI-POLAR BI-POLAR TEST REVERSE BREAKDOWN PEAK REVERSE MAXIMUM VOLTAGE CURRENT CLAMPING PULSE STANDOFF LEAKAGE VBR (V) (IT ) VOLTAGE VOLTAGE CURRENT @ VRWM IR VRWM (V) IPP (A) @IPP Vc (V) MIN. @ IT (A) mA 606.0 548.9 517.2 490.3 450.9 420.8 415.1 391.5 371.3 350.7 331.5 327.9 297.1 291.3 283.2 278.0 271.7 265.8 253.8 234.0 217.7 207.0 194.2 183.0 172.9 155.9 142.3 135.8 129.8 123.7 120.0 111.2 110.2 104.3 94.7 86.9 78.3 72.8 72.8 69.5 65.3 64.5 62.0 53.0 46.0 5000 5000 5000 5000 2000 1000 1000 250 150 50 20 20 15 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
28.00 31.3 50 50.0 30KPA28A 30KPA28CA 30.00 33.5 50 55.2 30KPA30A 30KPA30CA 33.00 36.9 50 58.5 30KPA33A 30KPA33CA 36.00 40.2 50 61.8 30KPA36A 30KPA36CA 39.00 43.6 20 67.2 30KPA39A 30KPA39CA 42.00 46.9 10 72.0 30KPA42A 30KPA42CA 43.00 48.0 10 73.0 30KPA43A 30KPA43CA 45.00 50.3 5 77.4 30KPA45A 30KPA45CA 48.00 53.6 5 81.6 30KPA48A 30KPA48CA 51.00 57.0 5 86.4 30KPA51A 30KPA51CA 54.00 60.3 5 91.4 30KPA54A 30KPA54CA 58.00 64.8 5 92.4 30KPA58A 30KPA58CA 60.00 67.0 5 102.0 30KPA60A 30KPA60CA 64.00 71.5 5 104.0 30KPA64A 30KPA64CA 66.00 73.7 5 107.0 30KPA66A 30KPA66CA 70.00 78.2 5 109.0 30KPA70A 30KPA70CA 71.00 79.3 5 111.5 30KPA71A 30KPA71CA 72.00 80.4 5 114.0 30KPA72A 30KPA72CA 75.00 83.8 5 119.4 30KPA75A 30KPA75CA 78.00 87.1 5 129.0 30KPA78A 30KPA78CA 84.00 93.8 5 139.2 30KPA84A 30KPA84CA 90.00 100.5 5 146.4 30KPA90A 30KPA90CA 96.00 107.2 5 156.0 30KPA96A 30KPA96CA 102.00 113.9 5 165.6 30KPA102A 30KPA102CA 108.00 120.6 5 175.2 30KPA108A 30KPA108CA 120.00 134.0 5 194.4 30KPA120A 30KPA120CA 132.00 147.4 5 213.0 30KPA132A 30KPA132CA 144.00 160.8 5 223.2 30KPA144A 30KPA144CA 150.00 167.6 5 233.4 30KPA150A 30KPA150CA 156.00 174.3 5 245.0 30KPA156A 30KPA156CA 160.00 178.7 5 252.6 30KPA160A 30KPA160CA 168.00 187.7 5 272.4 30KPA168A 30KPA168CA 170.00 189.9 5 275.0 30KPA170A 30KPA170CA 180.00 201.1 5 290.4 30KPA180A 30KPA180CA 198.00 221.2 5 319.8 30KPA198A 30KPA198CA 216.00 241.3 5 348.6 30KPA216A 30KPA216CA 240.00 268.1 5 387.0 30KPA240A 30KPA240CA 258.00 288.2 5 416.4 30KPA258A 30KPA258CA 260.00 290.4 5 416.0 30KPA260A 30KPA260CA 270.00 301.6 5 436.2 30KPA270A 30KPA270CA 280.00 312.8 5 464.0 30KPA280A 30KPA280CA 288.00 321.7 5 469.9 30KPA288A 30KPA288CA 300.00 333.0 5 483.0 30KPA300A 30KPA300CA 350.00 389.0 5 564.0 30KPA350A 30KPA350CA 400.00 444.0 5 644.0 30KPA400A 30KPA400CA For bidirectional type having Vrwm of 40 volts and less, the IR limit is double For parts without A , the V is + 10% BR Certified RoHS Compliant UL File # E223026


▲Up To Search▲   

 
Price & Availability of 30KPA30A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X