Part Number Hot Search : 
IRFSL HEVAL 73K222AU F9540N CY101 AD7305 C101K HC4P55
Product Description
Full Text Search
 

To Download 2SD2439 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
www.jmnic.com
Silicon NPN Darlington Power Transistors
2SD2439
DESCRIPTION With TO-3PML package Complement to type 2SB1588 APPLICATIONS Audio ,regulator and general purpose
PINNING
PIN 1 2 3 Base
DESCRIPTION
Collector Emitter Fig.1 simplified outline (TO-3PML) and symbol
Maximum absolute ratings(Tc=25ae )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collectorl power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE 160 150 5 10 1 80 150 -55~150 ae ae UNIT V V V A A W
JMnic
Product Specification
www.jmnic.com
Silicon NPN Darlington Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Output capacitance CONDITIONS IC=50mA; IB=0 IC=7 A;IB=7m A IC=7 A;IB=7m A VCB=160V IE=0 VEB=5V; IC=0 IC=7A ; VCE=4V IC=2A ; VCE=12V IE=0; VCB=10V;f=1MHz 5000 55 95 MIN 150 SYMBOL VCEO VCEsat VBEsat ICBO IEBO hFE fT COB
2SD2439
TYP.
MAX
UNIT V
2.5 3.0 100 100 |I |I
V V A A
MHz pF
Switching times ton ts tf Turn-on time Storage time Fall time IC=7A;RL=10| IB1=-IB2=7mA VCC=70V 0.5 10.0 1.1 |I |I |I s s s
hFE classifications O 5000-12000 P 6500-20000 Y 15000-30000
JMnic
Product Specification
www.jmnic.com
Silicon NPN Darlington Power Transistors
PACKAGE OUTLINE
2SD2439
Fig.2 Outline dimensions
JMnic


▲Up To Search▲   

 
Price & Availability of 2SD2439

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X