Part Number Hot Search : 
V20X40 TDA725 TC114T DM74AS74 BAV19 AN238 0ETTTS XC4000E
Product Description
Full Text Search
 

To Download 2SC3688 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon NPN Power Transistors
2SC3688
DESCRIPTION With TO-3PN package High breakdown voltage High speed APPLICATIONS Ultrahigh-definition color display horizontal deflection output applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current-peak Collector power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE 1500 800 6 10 25 150 150 -55~150 ae ae UNIT V V V A A W
JMnic
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN
2SC3688
SYMBOL
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=0.1A ;IB=0A
800
V
VCEsat
Collector-emitter saturation voltage
IC=8A ; IB=2.0A
5.0
V
VBEsat
Base-emitter saturation voltage
IC=8A ; IB=2.0A
1.5
V
ICES
Collector cut-off current
VCE=1500V; RBE=0V
1.0
mA
IEBO
Emitter cut-off current
VEB=4V; IC=0A
1.0
mA
hFE
DC current gain
IC=1A ; VCE=5V
8
Switching times
ts
Storage time
tf
Fall time
IC=6.0A IB1=1.2A;IB2=-2.4A VCC=200V
3.0
|I
s
0.2
|I
s
2
JMnic
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3688
Fig.2 outline dimensions (unindicated tolerance:A
0.10 mm)
3
JMnic
Product Specification
Silicon NPN Power Transistors
2SC3688
4


▲Up To Search▲   

 
Price & Availability of 2SC3688

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X