Part Number Hot Search : 
CY14B MTZJ27 S1201 FR320 LT1T023C WR402 VRE122MA SMAJ58A
Product Description
Full Text Search
 

To Download 2SC3686 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
www.jmnic.com
Silicon NPN Power Transistors
ESCRIPTION High breakdown voltage High reliability (adoption of HVP process). Fast speed Adoption of MBIT process. With TO-3PN package APPLICATIONS Ultrahigh-definition color display horizontal deflection output.
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
2SC3686
Fig.1 simplified outline (TO-3PN) and symbol
Absolute maximum ratings(Ta=ae )
SYMBOL VCBO VCEO VEBO IC ICP PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-pulse Collector power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE 1500 800 6 7 16 120 150 -55~150 ae ae UNIT V V V A A W
JMnic
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
2SC3686
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain CONDITIONS IC=100mA; IB=0 IC=5A IB=1.2A IC=5A ;IB=1.2A VCB=1500V; IE=0 VEB=4V; IC=0 IC=1A ; VCE=5V 8 MIN 800 5 1.5 1 1 TYP. MAX UNIT V V V mA mA SYMBOL VCEO(SUS) VCEsat VBEsat ICES IEBO hFE
Switching times tstg tf Storage time Fall time IC=4A; VCC=5V IB1=0.8A; IB2=-1.6A 3 0.1 0.2 |I |I s s
JMnic
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3686
Fig.2 outline dimensions (unindicated tolerance:A
0.1mm)
JMnic


▲Up To Search▲   

 
Price & Availability of 2SC3686

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X