Part Number Hot Search : 
020180MH UFR7005R DMP2305U DB3AM 32M16 1N4793 SBL1630 CPDF24V
Product Description
Full Text Search
 

To Download 2SC3680 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
www.jmnic.com
Silicon NPN Power Transistors
ESCRIPTION High Voltage Switching Transistor With TO-3PN package APPLICATIONS Switching Regulator General Purpose
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
2SC3680
Fig.1 simplified outline (TO-3PN) and symbol
Absolute maximum ratings(Ta=ae )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Collector power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE 900 800 7 7 14 3.5 120 150 -55~150 ae ae UNIT V V V A A A W
JMnic
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
2SC3680
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Output capacitance Transition frequency CONDITIONS IC=10mA ;IB=0 IC=3A ,IB=0.6A IC=3A ;IB=0.6A VCB=800V; IE=0 VEB=7V; IC=0 IC=3A ; VCE=4V IE=0 ; VCB=10V;f=1MHz IC=2A ; VCE=12V 10 105 6 MIN 800 0.5 1.2 100 100 30 pF MHz |I |I TYP. MAX UNIT V V V A A SYMBOL VCEO VCEsat VBEsat ICBO IEBO hFE Cob fT
Switching times ton tstg tf Turn-on time Storage time Fall time IC=3A;IB1=0.45A; IB2=-1.5A;RL=83| VCC=250V 1.0 5.0 1.0 |I |I |I s s s
JMnic
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3680
Fig.2 outline dimensions (unindicated tolerance:A
0.1mm)
JMnic


▲Up To Search▲   

 
Price & Availability of 2SC3680

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X