Part Number Hot Search : 
IPB80N06 74ALVC1 E186M T7YB470K 20001 20001 BU1010 08377
Product Description
Full Text Search
 

To Download 2SC3551 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3551
DESCRIPTION *With TO-3PN package *High voltage ,high speed switching *High reliability APPLICATIONS *Switching regulators *Ultrasonic generators *High frequency inverters *General purpose power amplifiers
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings(Ta=)
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 900 800 10 5 3 80 150 -55~150 UNIT V V V A A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-C PARAMETER Thermal resistance junction case MAX 1.5 UNIT /W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain CONDITIONS IC=10mA ; IB=0 IC=1mA ; IE=0 IE=1mA ; IC=0 IC=2A ;IB=0.4A IC=2A ;IB=0.4A VCB=900V IE=0 VEB=10V; IC=0 IC=2A ; VCE=5V 10 MIN 800 900 10
2SC3551
TYP.
MAX
UNIT V V V
1.0 1.5 1.0 1.0
V V mA mA
Switching times ton ts tf Turn-on time Storage time Fall time IC=3A; RL=100 IB1=0.6A; IB2=-1.2A 1.0 4.0 0.8 s s s
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3551
Fig.2 outline dimensions (unindicated tolerance:0.1mm)
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3551
4


▲Up To Search▲   

 
Price & Availability of 2SC3551

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X