Part Number Hot Search : 
BD825 TCZM8V2C 82801 TS487IDT CBAT54AW TORX193K C3026 61002
Product Description
Full Text Search
 

To Download 2SC3043 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION *With TO-3 package *Fast switching speed *Wide area of safe operation *High breakdown voltage APPLICATIONS *For switching regulator applications PINNING(see Fig.2)
PIN 1 2 3 Base Emitter DESCRIPTION
2SC3043
Fig.1 simplified outline (TO-3) and symbol Collector
ABSOLUTE MAXIMUM RATINGS(TC=25)
SYMBOL VCBO VCEO VEBO IC ICP IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-pulse Base current Collector power dissipation Junction temperature Storage temperature TC=25 PW300s,Duty cycle10% Open emitter Open base Open collector CONDITIONS VALUE 500 400 7 12 25 4 120 150 -55~150 UNIT V V V A A A W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCE(sat) VBE(sat) ICBO IEBO hFE-1 hFE-2 fT Cob PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Output capacitance CONDITIONS IC=10mA ;RBE= IC=1mA; IE=0 IE=1mA; IC=0 IC=8A; IB=1.6A IC=8A; IB=1.6A VCB=400V; IE=0 VEB=5V; IC=0 IC=1.6A ; VCE=5V IC=8A ; VCE=5V IC=1.6A ; VCE=10V IE=0; VCB=10V,f=1MHz 15 8 20 160 MIN 400 500 7 TYP.
2SC3043
MAX
UNIT V V V
1.0 1.5 10 10
V V A A
MHz pF
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3043
Fig.2 outline dimensions (unindicated tolerance:0.1mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC3043

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X