Part Number Hot Search : 
25X25 FLT180S 6050495 2SC4176 MSKW2025 CAT52104 FLT180S ST207
Product Description
Full Text Search
 

To Download 2SC2516 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC2516
DESCRIPTION *With TO-220C package *Low collector saturation voltage *Wide area of safe operation APPLICATIONS *Switching regulators *DC-DC converters *High frequency power amplifiers
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Ta=25 PT Total power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 30 150 -55~150 Open emitter Open base Open collector CONDITIONS VALUE 150 60 12 5 10 2.5 1.5 W UNIT V V V A A A
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain DC current gain CONDITIONS IC=3.0A ; IB=0;L=1mH IC=3A; IB=0.3A IC=3A; IB=0.3A VCB=100V ;IE=0 VCE=100V; VBE=-1.5V Ta=125 VEB=10V ;IC=0 IC=0.2 A ; VCE=5V IC=3 A ; VCE=5V 40 40 MIN 60
2SC2516
SYMBOL VCEO(SUS) VCEsat VBEsat ICBO ICEX IEBO hFE-1 hFE-2
TYP.
MAX
UNIT V
0.6 1.5 10 10 1 10
V V A A mA A
200
Switching times ton ts tf Turn-on time Storage time Fall time IC=3A; IB1=-IB2=0.3A RL=17@; VCC=50V 0.5 2.5 0.5 s s s
hFE-2 Classifications M 40-80 L 60-120 K 100-200
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC2516
Fig.2 Outline dimensions (unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC2516

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X