Part Number Hot Search : 
CHFMG2PT IPD50 MA6Z121 DTB10C AD6121 2SK3161S ATCHIPS LV56831P
Product Description
Full Text Search
 

To Download 2SB941 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon PNP Power Transistors
2SB941 2SB941A
DESCRIPTION With TO-220Fa package Low collector saturation voltage Complementary to type 2SD1266/1266A APPLICATIONS For low-frequency power amplification
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220Fa) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL PARAMETER 2SB941 VCBO Collector-base voltage 2SB941A 2SB941 VCEO Collector-emitter voltage 2SB941A VEBO IC ICM Emitter-base voltage Collector current Collector current-peak Ta=25ae PC Collector power dissipation TC=25ae Tj Tstg Junction temperature Storage temperature 35 150 -55~150 ae ae Open collector Open base -80 -5 -3 -5 2 W V A A Open emitter -80 -60 V CONDITIONS VALUE -60 V UNIT
JMnic
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER 2SB941 IC=-30mA ,IB=0 2SB941A IC=-3A, IB=-0.375A IC=-3A ; VCE=-4V VEB=-5V; IC=0 2SB941 2SB941A 2SB941 2SB941A VCE=-30V; IB=0 CONDITIONS
2SB941 2SB941A
SYMBOL
MIN -60
TYP.
MAX
UNIT
VCEO
Collector-emitter voltage
V -80 -1.2 -1.8 -1 V V mA
VCEsat VBE IEBO
Collector-emitter saturation voltage Base-emitter voltage Emitter cut-off current
ICEO
Collector cut-off current
-0.3 VCE=-60V; IB=0 VCE=-60V; VBE=0 -0.2 VCE=-80V; VBE=0 IC=-1A ; VCE=-4V IC=-3A ; VCE=-4V IC=0.5A; VCE=-10V,f=10MHz 70 10 30 250
mA
ICES
Collector cut-off current
mA
hFE-1 hFE-2 fT
DC current gain DC current gain Transition frequency
MHz
Switching times ton tstg tf Turn-on time Storage time Fall time IC=-1A IB1=-0.1A ,IB2=0.1A 0.5 1.2 0.3 |I |I |I s s s
hFE-1 Classifications Q 70-150 P 120-250
2
JMnic
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB941 2SB941A
Fig.2 Outline dimensions (unindicated tolerance: A
0.15 mm)
3
JMnic
Product Specification
Silicon PNP Power Transistors
2SB941,2SB941A
4


▲Up To Search▲   

 
Price & Availability of 2SB941

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X