Part Number Hot Search : 
2N5177 M29F800D 2SK1449 BL05A MC79M00 BL05A B11NM60 M0G131
Product Description
Full Text Search
 

To Download 2SB772L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SB772L
Elektronische Bauelemente
RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free
TO-251
6.60.2 5.30.2 2.30.1 0.50.05
PNP Type
Epitaxial Transistors
Description
The 2SB772L os designed for using in output stage of 10W amplifier, voltage regulator, DC-DC converter and relay driver.
5.60.2
7.00.2
1.20.3 0.750.15 7.00.2
0.60.1 2.3REF.
0.50.1
G
D
S
Dimensions in millimeters
MAXIMUM RATINGS* (Tamb =25 C, unless otherwise specified)
Symbol VCBO VCEO VEBO Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current (DC) Collector Current (Pulse)
Base Current
o
Parameter
Value -40 -30 -5 -3 -7 -0.6 10 -55~+150
Units V V V A A W
O
IC IB PD TJ,Tstg
Total Power Dissipation Junction and Storage Temperature
o
C
ELECTRICAL CHARACTERISTICS Tamb=25 C unless otherwise specified
Parameter
Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Base Cutoff Current Emitter-Base Cutoff Current Collector Saturation Voltage Base Saturation Voltage DC Current Gain Gain-Bandwidth Product Output Capacitance
Symbol BVCBO BVCEO BVEBO ICES IEBO *VCE(sat) *VBE(sat) *hFE1 *hFE2 fT Cob
Min -40 -30 -5 30 100 -
Typ. -0.3 -1 80 55
Max -1 -1 -0.5 -2 500 -
Unit V V V uA uA V V
Test Conditions IC=-100A,IE=0 IC=-1mA,IB=0 IE=-10A,IC=0 VCB=-30V,IE=0 VEB=- 3V,IC=0 IC=- 2 A,IB=-0.2 A IC=- 2 A,IB=-0.2 A
VCE=- 2 V, IC=-20 mA VCE=- 2 V, IC=-20 mA MH z VCE=- 5 V, IC=-0.1mA, f=100MHz , pF VCB=-10 V , f=1MHz,IE=0 *Pulse test: Pulse widthO380 s, Duty CycleO 2%
Classification of hFE
Rank Range Q 100~200 R 160~320 S 250~500
http://www.SeCoSGmbH.com/
01-Jun-2002 Rev. A
Any changing of specification will not be informed individual
Page 1 of 3
2SB772L
Elektronische Bauelemente
PNP Type
Epitaxial Transistors
Typical Characteristics
http://www.SeCoSGmbH.com/
01-Jun-2002 Rev. A
Any changing of specification will not be informed individu
Page 2 of 3
2SB772L
Elektronische Bauelemente
PNP Type
Epitaxial Transistors
http://www.SeCoSGmbH.com/
01-Jun-2002 Rev. A
Any changing of specification will not be informed individu
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of 2SB772L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X