Part Number Hot Search : 
TA7280 2S123K5 FM130 IRS2012 2805D 004AF UA79G 2MR30
Product Description
Full Text Search
 

To Download 2SB1574 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Silicon PNP Epitaxial Planar Type 2SB1574
TO-252
Transistors
Unit: mm 2.30
+0.8 0.50-0.7 +0.1 -0.1
Features
Possible to tsolder radiation fin directly to printed circuit boad. Type with universal characteristics.
+0.2 9.70 -0.2
+0.15 1.50 -0.15
6.50 +0.2 5.30-0.2
+0.15 -0.15
High collector-base voltage (Emitter open) VCBO. High collector-emitter voltage (Base open) VCEO. Large collector current IC.
+0.1 0.80-0.1
+0.15 0.50 -0.15
0.127 max
2.3
+0.15 4.60-0.15
+0.1 0.60-0.1
+0.28 1.50 -0.1
+0.25 2.65 -0.1
+0.15 5.55 -0.15
1 Base 2 Collector 3 Emitter
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Peak collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC ICP PC Tj Tstg Rating -50 -50 -5 -2 -3 10 150 -55 to +150 Unit V V V A A W
Electrical Characteristics Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector-base cutoff curent Forward current transfer ratio Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Collector output capacitance Symbol VCBO VCEO VEBO ICBO hFE Testconditons IC = -10 iA, IE = 0 IC = -1 mA, IB = 0 IE = -10 iA, IC = 0 VCB = -10 V,IE = 0 VCE = -2 V, IC = -200 mA VCE = -2 V, IC = -1A VCE(sat) IC = -1 A, IB = -50 mA VBE(sat) IC = -1 A, IB = -50 mA fT Cob VCE = -10 V, IC = -50 mA , f = 200 MHz VCB = -10V , IE = 0 , f = 1.0MHz 120 60 -0.2 -0.85 80 45 60 -0.3 -1.2 V V MHz pF Min -50 -50 -5 -0.1 340 Typ Max Unit V V V iA V
hFE Classification
Rank hFE R 120 240 S 170 340
3.80
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SB1574

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X