Part Number Hot Search : 
7406PC C1500 BU120 03140 EDZ27 S541A B66285K 910509
Product Description
Full Text Search
 

To Download 2SB1495 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1495
DESCRIPTION *With TO-220F package *Complement to type 2SD2257 *High DC current gain. *Low saturation voltage. *DARLINGTON APPLICATIONS *High power switching applications PINNING
PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current TC=25 PC Collector dissipation Ta=25 Tj Tstg Junction temperature Storage temperature 2 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE -100 -100 -8 -3 -5 -0.3 20 W UNIT V V V A A A
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain CONDITIONS IC=-10mA; IB=0 IC=-1.5A ; IB=-1.5mA IC=-1.5A ; IB=-1.5mA VCB=-100V;IE=0 VEB=-8V;IC=0 IC=-1A ; VCE=-2V IC=-2A ; VCE=-2V 2000 2000 MIN -100
2SB1495
SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2
TYP.
MAX
UNIT V
-1.5 -2.0 -10 -4.0
V V A mA
Switching times ton ts tf Turn-on time Storage time Fall time IB1=-IB2=-1.5mA VCC?-30V ,RL=20A 0.5 1.0 0.4 s s s
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1495
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SB1495

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X