Part Number Hot Search : 
ZSXXX 002BE ASI10619 LB540Z LD3501 EPA120 LC72322 1500ECMC
Product Description
Full Text Search
 

To Download 2N6934 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2N6933 2N6934
DESCRIPTION *With TO-3PN package *High voltage ,high speed APPLICATIONS *Off-line power supplies *High-voltage inverters *Switching regulators
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Fig.1 simplified outline (TO-3PN) and symbol
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO PARAMETER 2N6933 Collector-base voltage 2N6934 2N6933 VCEO VEBO IC ICM IB IBM IE IEM PC Tj Tstg Collector-emitter voltage 2N6934 Emitter-base voltage Collector current Collector current-peak Base current Base current-peak Emitter current Emitter current-peak Collector power dissipation Max. operating junction temperature Storage temperature TC=25 Open collector Open base 350 8 15 23 5 7 20 30 175 150 -65~150 V A A A A A A W Open emitter 550 300 V CONDITIONS VALUE 450 V UNIT
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER 2N6933 IC=0.2A ;L=25mH 2N6934 IE=50mA ;IC=0 IC=15A ;IB=3A TC=100 IC=15A ;IB=3A TC=100 VCE=450V; VBE=-1.5V TC=100 VCE=550V; VBE=-1.5V TC=100 VEB=8V; IC=0 IC=15A ; VCE=3V f=1MHz;VCB=10V CONDITIONS SYMBOL
2N6933 2N6934
MIN 300
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
V 350 8 1.0 2.0 1.5 1.5 0.1 1.0 0.1 1.0 2.0 8 150 35 400 pF V V V
V(BR)EBO VCEsat VBEsat
Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage 2N6933
ICEV
Collector cut-off current 2N6934
mA
IEBO hFE COB
Emitter cut-off current DC current gain Collector output capacitance
mA
Switching times resistive load td tr tstg tf Delay time Rise time Storage time Fall time IC=15A; IB1=-IB2=3A VCC=300V, RC=30C VBB=-5V;tp=30s 0.1 0.7 2.5 0.5 s s s s
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance junction to case VALUE 0.71 UNIT /W
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2N6933 2N6934
Fig.2 outline dimensions (unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2N6934

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X