Part Number Hot Search : 
IRGBC20 LTC405 AN1366 CNY17F2 DA114 TS50P05G UPA1792G BD00FC
Product Description
Full Text Search
 

To Download 2N6250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
www.jmnic.com
Silicon NPN Power Transistors
DESCRIPTION With TO-3 package High voltage Low saturation voltage Fast switching capability APPLICATIONS For high voltage inverters ,switching regulators and line operated amplifier applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
2N6249 2N6250 2N6251
Fig.1 simplified outline (TO-3) and symbol
Absolute maximum ratings(Ta=25ae )
SYMBOL PARAMETER 2N6249 VCBO Collector-base voltage 2N6250 2N6251 2N6249 VCEO Collector-emitter voltage 2N6250 2N6251 VEBO IC ICM IB PT Tj Tstg Emitter-base voltage Collector current Collector current-peak Base current Total power dissipation Junction temperature Storage temperature TC=25ae Open collector Open base Open emitter CONDITIONS VALUE 300 375 450 200 275 350 6 10 30 10 175 150 ae -65~200 V A A A W V V UNIT
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance from junction to case MAX 1.0 UNIT ae /W
JMnic
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER 2N6249 VCEO(SUS) Collector-emitter sustaining voltage 2N6250 2N6251 2N6249 VCE(sat) Collector-emitter saturation voltage 2N6250 2N6251 2N6249 VBE(sat) Base-emitter voltage saturation 2N6250 2N6251 ICEV Collector cut-off current 2N6249 ICEO Collector cut-off current 2N6250 2N6251 IEBO Emitter cut-off current 2N6249 hFE DC current gain 2N6250 2N6251 fT Is/b Transition frequency Second breakdown collector current With base forward biased IC=1A ; VCE=10V VCE=30V,t=1.0s, Nonrepetitive IC=10A ; VCE=3V IC=10A;IB=1.0A IC=10A;IB=1.25 A IC=10A;IB=1.67 A IC=10A;IB=1.0A IC=10A;IB=1.25 A IC=10A;IB=1.67 A IC=200mA ; IB=0
2N6249 2N6250 2N6251
SYMBOL
CONDITIONS
MIN
TYP.
MAX 200 275 350
UNIT
V
1.5
V
2.25
V
VCE=RatedVCEV;VBE=-1.5V TC=125ae VCE=150V;IB=0 VCE=225V;IB=0 VCE=300V;IB=0 VEB=6V; IC=0 10 8 6 2.5 5.8
5.0 10
mA
5.0
mA
1.0 50 50 50
mA
MHz A
Switching times tr ts tf Rise time Storage time Fall time For 2N6249 IC=10A; IB1=-IB2=1.0A;VCC=200V For 2N6250 IC=10A;IB1=-IB2=1.25A;VCC=200V For 2N6251 IC=10A;IB1=-IB2=1.67A;VCC=200V 2.0 3.5 1.0 |I |I |I s s s
JMnic
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
PACKAGE OUTLINE
2N6249 2N6250 2N6251
Fig.2 Outline dimensions(unindicated tolerance:A
0.10 mm)
JMnic


▲Up To Search▲   

 
Price & Availability of 2N6250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X