Part Number Hot Search : 
AM3472N 1100A LC75410 MAX8539 ZMM55C39 STE0512 RV5VH 150MC
Product Description
Full Text Search
 

To Download 1N4148W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4148W
Silicon Epitaxial Planar Small Signal Diode
Features * SOD-123 package * Fast switching * These diodes are also available in other case style including the DO-35 case with the type designation 1N4148, the MiniMELF case with the type designation LL4148 and the MicroMELF case with the type designation MCL4148.
1 2
PINNING PIN 1 2 DESCRIPTION Cathode Anode
W1 Top View Marking Code: "W1" Simplified outline SOD-123 and symbol
Absolute Maximum Ratings (Ta = 25 OC) Parameter
Peak Reverse Voltage Reverse Voltage Average Rectified Current Half Wave Rectification with Resistive Load f 50 Hz Non-repetitive Peak Forward Surge Current at t = 1 s Power Dissipation Thermal Resistance from Junction to Ambient Air Junction Temperature Storage Temperature Range Electrical Characteristics (Ta = 25 OC) Parameter Forward Voltage at IF = 10 mA Reverse Current at VR = 20 V at VR = 75 V at VR = 20 V, TJ = 150 OC Capacitance at VF = VR = 0 V Reverse Recovery Time from IF = 10 mA to IR = 1 mA, VR = 6 V, RL = 100 Voltage Rise when Switching On (tested with 50 mA Pulses tp = 0.1 s, Rise Time < 30 ns, fp = 5 to 100 KHz) Rectification Efficiency at f = 100 MHz, VRF = 2 V
Symbol VRM VR IF(AV) IFSM Ptot RJA TJ Tstg
Value 100 75 150 2 400 450 150 - 65 to + 150
Unit V V mA A mW
O
C/W
O
C C
O
Symbol VF
Min. 0.45
Max. 1 25 5 50 4 4 2.5 -
Unit V nA A A pF ns V -
IR Ctot trr Vfr v
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 21/01/2008
1N4148W
Forward characteristics
VRF =2V
10
3
2nF
60
5K
~ ~ ~
Vo
2 10
I F (mA)
10 1 10-2 10-1 0
Tj=100 C
Rectification Efficiency Measurement Circuit
Tj=25 C
1
2
VF (V)
Amissible power dissipation vs. ambient temperature 1000 10
5 4
Leakage current vs. junction temperature
800
2
103
5
Ptot (mW)
I R (nA)
600
2
10 2
5 2
400
200
10
5 2
VR=20V 0 100 Tj ( C) 200
0
1 100 Tamb ( C) 200
Reverse capacitance vs. reverse voltage Tj=25 C f=1MHz
Amissible repetitive peak forward current vs. pulse duration 100
5 4 3 2
1.1
1.0
Ctot (VR) Ctot (0 V)
10
I FRM (A)
0.9
5 4 3 2
V=0 0.1 0.2 0.5
0.8
1
5 4 3 2
0.7 0 2 4 6 8 10
VR (V)
0.1 10-5 2
5
-4 10 2
5
10
-3 2
5
10-2 2
5
-1 10 2
5
1
2
5
10
tp (s)
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 21/01/2008
1N4148W
PACKAGE OUTLINE
Plastic surface mounted package; 2 leads SOD-123
ALL ROUND
c
HE
D
A
E
bp
UNIT mm
A 1.15 1.05
bp 0.6 0.5
c 0.135 0.127
A
D 2.7 2.6 E 1.65 1.55 HE 3.9 3.7 v 0.2
5
O
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 21/01/2008


▲Up To Search▲   

 
Price & Availability of 1N4148W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X