Part Number Hot Search : 
NTE799 16C15 RN5RG45A ZXXXXT 10F60HF N1N759A U1145 F1510
Product Description
Full Text Search
 

To Download 110MB101A1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 110
(R)
Commercial 3 /4" (19mm) Diameter, 11/2 and 2 Watt Wirewound Variable Resistors
Features
* Inexpensive design * Open construction * Four mounting styles * Incorporated fixed resistor available * Available with nylon knob * Interchangeable mounting with CTS Series 115 preset potentiometer * RoHS compliant
Electrical and Mechanical Specifications
Resistance Range 1 ohm through 10K ohms (linear taper) Resistance Tolerance Standard:20% Special:5% or 10% Power Rating, Watts 2 watts @ 55C derated to no load @ 105C, mounted on steel panel 1.5 watts @ 55C derated to no load @ 105C, mounted on bakelite panel Voltage Rating Determined by resistance value and wattage rating Resistance Taper Standard:Linear taper only Minimum Resistance At ends of rotation: 1% or 1 ohm, whichever is greater Resistance Taper None Incorporated Fixed Resistor A fixed resistor can be incorporated in the Series 110 at the end of CW or CCW rotation to a minimum of 10% of the total resistance. The rotation is shortened by an amount proportional to the ratio of the fixed resistor to the total resistance. Available at extra cost. Angle of Rotation 2465without fixed resistor stop Resistor Adjustment Standard Cross Slot: Provided in drive plate for screwdriver adjustment. Special Molded Knob: Available at extra cost secured to drive plate cross slot. Mounting Types Available Type 110: Solder or clinch-ear mounted Type XPC - 110: Vertically mounted on printed circuit board Type 111: Snap-in mounting Type 112: Eyelet or rivet mounting Rotational Torque 1/2 to 10 inch ounces (36 - 720 gf-cm) Terminals Terminals at end of CW or CCW rotation may be omitted. Refer to terminals on all types by numbers 1 and 3 as indicated on line drawings.
1-3 CTS Electronic Components
(c) 2006 CTS Corporation. All rights reserved. Information subject to change.
www.ctscorp.com
9/30/06
Type 110, Solder or Clinch-Ear Mounted, Long Terminal Length
SCREWDRIVER ADJUSTMENT SLOT 246 KNOB OPTIONAL 17.86 .703 1.57 .062 7.14 .281 PRINTED CIRCUIT PANEL 2.39 .094 5.56 .219 1.52 .060 MIN. 1.40 .055 2.790.05 .110.002 20.580.05 .810.002 10.290.05 .405.002
14.30 .563
END C.C.W. ROT. NO. 1 TERM
57
57
END C.W. ROT. NO. 3 TERM 11.13 .438 10.72 .422
TERM 1.98 x 0.40 .078 .014
40 1.40 .055 2.790.05 .110.002
40
9.400.05 .370.002 1.5 .060
19.94 .785
4.37 .172 5.56 .219
16.66 .656
U - Long Terminal Length
DIMENSION:
mm INCH
TYPE M110, Solder Mounted, Medium Terminal Length
14.68 .578 4.44 .175 PRINTED CIRCUIT PANEL 2.39 .094 8.43 .332 9.400.05 .370.002 1.5 .060
19.90.4 .783.016 246 rot screwdriver adjustment slot KNOB OPTIONAL
20.580.05 .810.002 10.290.05 .405.002 1.52 .060 MIN. 1.40 .055 2.790.05 .110.002
11.1 .437
1.57 .062
14.3 .562
end c.w. rot. no. 1 terminal
57
57
end c.w. rot. no. 3 terminal
1.98 x 0.36 .078 .014 10.67 .420 2.87 .113 REF.
40 1.40 .055 2.790.05 .110.002
40
M - Medium Terminal Length
DIMENSION:
mm INCH
TYPE XPC110, Vertically Mounted
246 21.59 .850 11.91 .469
2.77 DIA. .109 5.77 .227 28.17 1.109 7.62 .300 15.24 .600
23.42 .922 12.7 .500 4.75 .187 57 END C.C.W. ROT. NO. 1 TERM 57
END C.W. ROT. NO. 3 TERM
END TERMINAL 1.98X.081 .078 .032
CENTER TERMINAL 1.98X0.41 .078 .016
DIMENSION:
mm INCH
Type 111, Snap-In Mounted
END C.C.W ROT NO.1 TERM 7.14 .281 MOUNTING PANEL 5.54 .218 10.11 .398 1.57 .062 2.79 .110 246 21.59 .850 14.3 .563 9.40 .370
2 1.5 60 .0
20.22 .796
KNOB OPTIONAL 57 1.4 .055
19.94 .785
57 11.13 .438 END C.W ROT NO.3 TERM 1.57 .062 10.72 .422 3.96 .156 5.56 .219 17.86 .703
40 1 .05 .40 5 2 .11 .79 0 40
SCREWDRIVER ADJUSTMENT SLOT
DIMENSION:
mm INCH
Type 112, Eyelet or Rivet Mounted
240 ROT. 31.75 1.25 25.4 1.000
MOUNTING PANEL
KNOB OPTIONAL
19.94 .785 3.45 .136 9.53 .375 57 40 40 57
14.3 .563
OPTIONAL TERM LOC. B
25.4 1.000 12.7 .500
O3.45 .136
END C.C.W ROT NO.1 TERM
END C.W ROT NO.3 TERM SCREWDRIVER ADJUSTMENT SLOT TERM LOC. A
11.13 .438 1.57 .062 TERMS 1.98/.078 X 0.4/.016
R8.64 .340R. 40 40
DIA. OF HOLE TO SUIT TERM CLEARANCE.
1.57 .062 9.53 .375
8.74 .344
DIMENSION:
mm INCH
Ordering Information
110
SERIES MOUNTING DESIGNATION 110 - CLINCH EAR MOUNT OR VERTICAL MOUNT 111 - SNAP-IN MOUNT 112 - EYELET MOUNT
U
A
KNOB OPTION A - NO KNOB B - .438" (11.1mm) LONG KNOB
103
RESISTANCE CODE EXAMPLES CODERESISTANCE 5A0 5 OHMS 500 50 101 100 501 500 102 1K 252 2.5K 502 5K 103 10K 203 20K
B
RESIST TOL A - 10% B - 20% D - 5%
1
TAPER 1 - LINEAR
TERMINAL STYLE X - PC MOUNT (XPC-110 AND 112 ONLY) U - PC TERMINALS FORMED TO FRONT (110, 111, 112 ONLY) M - PC TERMINALS FORMED TO FRONT MEDIUM LENGTH (110 ONLY)
3-3 CTS Electronic Components
(c) 2006 CTS Corporation. All rights reserved. Information subject to change.
www.ctscorp.com
9/30/06


▲Up To Search▲   

 
Price & Availability of 110MB101A1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X