Part Number Hot Search : 
HMNR88 222M35 ATAR890 TF2005 LP3311S CDRH74 MBT3906 50N50
Product Description
Full Text Search
 

To Download 106123-1200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES AND SPECIFICATIONS
Quad LC Optical Adapter 106123
The new Quad LC Adapter from Molex provides multiple connection options from a single adapter Designed for high-density applications, the quad LC adapter from Molex provides a 4-position LC adapter solution. Four LC ports are provided in 1 adapter, allowing for multiple LC connectors to be mated within the adapter. Connection options include 4 simplex LC connectors, 2 simplex and 1 duplex LC connectors or 2 duplex LC connectors. The quad LC adapter is available in either a snapmount or screw-mount installation style. Individual shutters on one side of the adapter are available as an eye-safety option, providing protection even when the adapter is not fully populated. The adapter is available with either Phosphor Bronze or Zirconia Ceramic alignment sleeves to accommodate either singlemode, multimode or Angle Polish (APC) connectors. Mounting dimensions of the quad LC adapter are identical to the duplex SC adapter and can be used as direct a drop-in replacement. The quad LC adapter from Molex is the newest addition to this robust small form-factor product family. Products include simplex and duplex connectors, adapters and cable assemblies. For more detailed information, please visit: www.molex.com/fiber/ lc.html. Features and Benefits Four LC ports provide multiple simplex or duplex connection options Ceramic or Phosphor Bronze alignment sleeves accommodate singlemode and multimode operation Safety shutters available to prevent eye injury when a connector is not installed SPECIFICATIONS Reference Information Packaging: Individual bag Mates With: Simplex or duplex LC connectors (Series 86024, 86025) Designed In: Millimeters Mechanical Durability: 200 cycles min. Physical Housing: Polymer Alignment sleeve: Zirconia Ceramic or Phosphor Bronze Operating Temperature: -40 to +85C Snap or screw-style mounting allows for installation flexibility SC duplex compatible mounting provides a direct drop-in replacement solution for density upgrade
APPLICATIONS
Quad LC Optical Adapter 106123
Telecommunications - Hubs - Servers - Routers Other Markets - Optical DVI - Storage servers - Local Area Networks (LANs) - Premise distribution
ORDERING INFORMATION
Order No. 106123-0200 106123-1200 106123-2200 106123-3200 106123-0400 106123-1400 106123-2400 106123-3400 106123-0100 106123-1100 106123-2100 106123-3100 106123-0300 106123-1300 106123-2300 106123-3300 Mode Singlemode Multimode Singlemode Multimode Singlemode Multimode Singlemode Multimode Singlemode Multimode Singlemode Multimode Singlemode Multimode Singlemode Multimode Alignment Sleeve Zirconia Ceramic Phosphor Bronze Zirconia Ceramic Phosphor Bronze Zirconia Ceramic Phosphor Bronze Zirconia Ceramic Phosphor Bronze Zirconia Ceramic Phosphor Bronze Zirconia Ceramic Phosphor Bronze Zirconia Ceramic Phosphor Bronze Zirconia Ceramic Phosphor Bronze Mounting Style Screw Screw Screw Screw Snap Snap Snap Snap Screw Screw Screw Screw Snap Snap Snap Snap Housing Color Blue Beige Green Aqua Blue Beige Green Aqua Blue Beige Green Aqua Blue Beige Green Aqua Shutters Yes Yes Yes Yes Yes Yes Yes Yes No No No No No No No No
Americas Headquarters Lisle, Illinois 60532 U.S.A. 1-800-78MOLEX amerinfo@molex.com
Order No. USA-335 Rev. 1
Far East North Headquarters Far East South Headquarters European Headquarters Yamato, Kanagawa, Japan Jurong, Singapore Munich, Germany 81-462-65-2324 65-6-268-6868 49-89-413092-0 feninfo@molex.com fesinfo@molex.com eurinfo@molex.com Visit our website at www.molex.com/product/fiber/quadlc.html
Printed in USA/JI/2006.03
Corporate Headquarters 2222 Wellington Ct. Lisle, IL 60532 U.S.A. 630-969-4550 Fax:630-969-1352
(c)2006, Molex


▲Up To Search▲   

 
Price & Availability of 106123-1200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X