|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
www.SunLED.com Part Number: 4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP ZM2BB91W PRELIMINARY SPEC Features 4.0mmx3.0mm RIGHT ANGLE SMT LED, 2.65mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. PACKAGE :500PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 4. RoHS COMPLIANT. ATTENTION OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.008") unless otherwise noted. 3.Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature VR IF iFS PT TA Tstg M2BB (InGaN) 5 30 100 111 -40 ~ +85 -40 ~ +85 1000 Unit V mA mA mW C V Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=20mA) Wavelength Of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR M2BB (InGaN) 3.2 3.7 10 Unit V V uA P 458 nm D 465 nm Electrostatic Discharge Threshold (HBM) 22 nm C 110 pF Part Number Emitting Color Emitting Material Lens-color Luminous Intensity (IF=20mA) mcd min. typ. 248 Wavelength nm P Viewing Angle 2 1/2 ZM2BB91W Blue InGaN Water Clear 110 458 110 Published Date : FEB 27,2008 Drawing No : SDSA6432 V1 Checked : B.L.LIU P.1/4 www.SunLED.com Part Number: 4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP ZM2BB91W M2BB Published Date : FEB 27,2008 Drawing No : SDSA6432 V1 Checked : B.L.LIU P.2/4 www.SunLED.com Part Number: 4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP ZM2BB91W Recommended Soldering Pattern (Units : mm;Tolerance: 0.1) The device has a single mounting surface. The device must be mounted according to the specifications. Tape Specification (Units : mm) Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. Published Date : FEB 27,2008 Drawing No : SDSA6432 V1 Checked : B.L.LIU P.3/4 www.SunLED.com Part Number: 4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP ZM2BB91W PACKING & LABEL SPECIFICATIONS ZM2BB91W Published Date : FEB 27,2008 Drawing No : SDSA6432 V1 Checked : B.L.LIU P.4/4 |
Price & Availability of ZM2BB91W |