Part Number Hot Search : 
2PB1219 A540LB 2SC3654 STU2040 03952 PE4227 S2964 SH7201
Product Description
Full Text Search
 

To Download W724C0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Z-Power LED X10490 Technical Data Sheet
W724C0
Z-Power series is designed for high current operation and high flux output applications. Z-Power LED's thermal management perform exceeds other power LED solutions. It incorporates state of the art SMD design and Thermal emission material. Z Power LED is ideal light sources for general illumination applications, custom designed solutions, automotive large LCD backlights
W724C0
Features * Super high Flux output and high Luminance
* Designed for high current operation * Low thermal resistance * SMT solderbility * Lead Free product * RoHS compliant
Application * Automotive interior / exterior lighting * Automotive signal lighting * Automotive forward lighting * General Torch * Architectural lighting * Projector light source * Traffic signals * Task lighting * Decorative / Pathway lighting * Remote / Solar powered lighting * Household appliances
Rev. 03 1 May 2008 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
Full Code of Z-Power LED Series
Full code form : X1 X2 X3 X4 X5 X6 - X7 X8 - X9 X10 X11 X12 X13 1. Part Number - X1 : Color - X2 : Z-Power LED series number - X3 : LENS type - X4 : Chip quantity (or Power Dissipation) - X5 : Package outline size - X6 : Type of PCB 2. Internal Number - X7 - X8 3. Code Labeling - X9 : Luminous flux (or Radiant flux for royal blue) - X10 X11 X12 : Dominant wavelength (or x,y coordinates rank code) - X13 : Forward voltage 4. Sticker Diagram on Reel & Aluminum Vinyl Bag
PART NO. : X1 X2 X3 X4 X5 X6 - X7 X8 QUANTITY : ### LOT NUMBER : ########## BIN CODE : X9 X10 X11 X12 X13
For more information about binning and labeling, refer to the Application Note -1
Rev. 03 2 September 2008 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
Outline Dimensions
1. Dome Type
Cathode
Anode
Cathode Mark
Cathode
Notes : 1. 2. 3. 4. All dimensions are in millimeters. (tolerance : 0.2 ) Scale : none Slug of package is connected to anode. The two leads are electrically connected
*The appearance and specifications of the product may be changed for improvement without notice.
Rev. 03 3 September 2008 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
Characteristics for Dome type Z-Power LED
1. Pure White (W724C0)
1-1 Electro-Optical characteristics at IF=2800mA, TA=25C Parameter Symbol V [2] Luminous Flux
[1]
Value Min Typ 700 400 6300 70 3.6 3.3 130 3 4.2 Max 900 -
Unit lm lm K V V deg. C /W
IF=1400mA
V [2] CCT Ra VF
Correlated Color Temperature CRI Forward Voltage View Angle Thermal resistance
[5] [4]
[3]
VF
IF=1400mA
2 1/2 R
1-2 Absolute Maximum Ratings Parameter Forward Current Power Dissipation Junction Temperature Operating Temperature Storage Temperature ESD Sensitivity
[6]
Symbol IF Pd Tj Topr Tstg -
Value 2800 11.8 140 -40 ~ +85 -40 ~ +100 20,000V HBM
Unit mA W C C C -
*Notes : [1] SSC maintains a tolerance of 10% on flux and power measurements. [2] V is the total luminous flux output as measured with an integrated sphere. [3] Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram. CCT 5% tester tolerance. [4] A tolerance of 0.06V on forward voltage measurements [5] R is measured with only emitter. (25 C TJ 110 C) [6] It is included the zener chip to protect the product from ESD.
--------------------------Caution-------------------------1. Please do not drive at rated current more than 5 sec. without proper heat sink.
Rev. 03 4 September 2008 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Relative Spectral Power
Distribution
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
Color spectrum, TA=25C
1.0
S tandard eye response curve
0.8
0.6
0.4
0.2
0.0 300
400
500
600
700
800
900
W a v e le n g t h (n m )
Rev. 03 5 September 2008 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Average Forward Current [mA]
Relative Lumious Flux(a.U)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
Forward Current Characteristics
1. Forward Voltage vs. Forward Current, TA=25
2800 2450 2100 1750 1400 1050 700 350 0 0.0
Pure White
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Forward Voltage [V]
2. Forward Current vs. Normalized Relative Luminous Flux, TA=25
2.5
Pure White
2.0
1.5
1.0
0.5
0.0 0 350 700 1050 1400 1750 2100 2450 2800
Forward Current [mA]
Rev. 03 6 September 2008 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Relative Light Output [%]
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
Light Output Characteristics
1. Relative Light Output vs. Junction Temperature at IF=2800mA, TA=25
160 140 120 100 80 60 40 20 0 25
Pure White
50
75
100
o
125
150
Junction Temperature, TJ [ C]
Rev. 03 7 September 2008 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Current [mA]
Current [mA]
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
Ambient Temperature vs Allowable Forward Current
1-1. Pure White (TJMAX = 140
2000
C,
@1400mA)
1500
1000
RjaT = 20 C/W
500
o
RjaT = 15 C/W RjaT = 10 C/W
o
o
0
0
20
40
60
80
100
o
120
140
Ambient Temperature [ C]
1-2. Pure White (TJMAX = 140
C,
@2800mA)
3000
2500
2000
1500
RjaT = 10 C/W
1000
o
RjaT = 8 C/W
o
500
0
0
20
40
60
80
100
o
120
140
Ambient Temperature [ C]
Rev. 03 8 September 2008 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Relative Intensity
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
Typical Dome Type Radiation pattern
1. Pure White
0
1.0
Pure White
30
0.8
0.6
60
0.4
0.2
0.0 -80 -60 -40 -20 0
90
Angle(deg.)
Rev. 03 9 September 2008 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
150
~
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
Soldering profile
1. Reflow Soldering Conditions / Profile
260 240 220 200
Tm : Reflow machine setting temp (max 30 sec.) Ts : Surface temp of PCB (max) Ts : Surface temp of PCB (recommend) Ts : Surface temp of PCB (min)
180
Pre-heating
Rising 5 C/sec
Cooling -5 C/sec
0 Time [Hr]
2. Hand Soldering conditions
Lead : Not more than 3 seconds @MAX280 Slug : Use a thermal-adhesives
* Caution 1. Reflow soldering should not be done more than one time. 2. Repairing should not be done after the LEDs have been soldered. When repairing is unavoidable, suitable tools have to be used. 3. Die slug is to be soldered. 4. When soldering, do not put stress on the LEDs during heating. 5. After soldering, do not warp the circuit board. 6. Recommend to use a convection type reflow machine with 7 ~ 8 zones.
Rev. 03 10 September 2008 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
Note :
Recommended Soldering
1. Solder pad
5
2. Solder paste pattern
Solder paste
Paste thickness : 0.2mm
1. All dimensions are in millimeters (tolerance : 0.2 ) 2. Scale none *The appearance and specifications of the product may be changed for improvement without notice.
Rev. 03 11 September 2008 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
Note :
Emitter Reel Packaging
MARK
1. The number of loaded products in the reel is 250ea 2. All dimensions are in millimeters 3. Scale none *The appearance and specifications of the product may be changed for improvement without notice.
Rev. 03 12 September 2008 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
Note :
Packaging Structure
Aluminum Vinyl Bag
PART NO. : ######-## QUANTITY : 250 LOT NUMBER : #######-####### BIN CODE : #######
Outer Box
TYPE SIZE(mm) a c b 350 350 370
c ZLED
ZLED
PART : W42180-** PO CODE : ## Q'YT : ###### LOT NO : YMDD-##### DATE : ######
b a
SEOUL SEMICONDUCTOR CO.,LTD
1. 6~10 reels are loaded in box 2. Scale none 3. For more information about binning and labeling, refer to the Application Note - 1
Rev. 03 13 September 2008 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
Precaution for use
* Storage To avoid the moisture penetration, we recommend storing Z Power LEDs in a dry box (or desiccator) with a desiccant . The recommended storage conditions are Temperature 5 to 30 degrees Centigrade. Humidity 50% maximum. * Precaution after opening packaging However LED is correspond SMD, when LED be soldered dip, interfacial separation may affect the light transmission efficiency, causing the light intensity to drop. Attention in followed. a. Soldering should be done right after opening the package(within 24Hrs). b. Keeping of a fraction - Sealing - Temperature : 5 ~ 40 Humidity : less than 30% c. If the package has been opened more than 1week or the color of desiccant changes, components should be dried for 10-12hr at 605 * Any mechanical force or any excess vibration shall not be accepted to apply during cooling process to normal temp. after soldering. * Please avoid rapid cooling after soldering. * Components should not be mounted on warped direction of PCB. * Anti radioactive ray design is not considered for the products listed here in. * Gallium arsenide is used in some of the products listed in this publication. These products are dangerous if they are burned or shredded in the process of disposal. It is also dangerous to drink the liquid or inhale the gas generated by such products when chemically disposed. * This device should not be used in any type of fluid such as water, oil, organic solvent and etc. When washing is required, IPA(Isopropyl Alcohol) should be used. * When the LEDs are illuminating, operating current should be decided after considering the package maximum temperature. * LEDs must be stored to maintain a clean atmosphere. If the LEDs are stored for 3 months or more after being shipped from SSC, a sealed container with a nitrogen atmosphere should be used for storage. * The appearance and specifications of the product may be modified for improvement without notice. * Long time exposure of sunlight or occasional UV exposure will cause lens discoloration. *The slug is connected to the anode. Therefore, we recommend to isolate the heat sink.
Rev. 03 14 September 2008 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)
Z-Power LED X10490 Z-Power LED X10490 Technical Data Sheet
Handling of Silicone resin LEDs
Z-Power LED is encapsulated by silicone resin for the highest flux efficiency. Notes for handling of Silicone resin Z-Power LEDs * Avoid touching silicone resin parts especially by sharp tools such as Pincette(Tweezers) * Avoid leaving fingerprints on silicone resin parts. * Dust sensitivity silicone resin need containers having cover for storage. * When populating boards in SMT production, there are basically no restrictions regarding the form of the pick and place nozzle, except that mechanical pressure on the surface of the resin must be prevent. * Please do not force over 3000 gf impact or pressure diagonally on the silicon lens. It will cause fatal damage of this product * Please do not recommend to cover the silicone resin of the LEDs with other resin (epoxy, urethane, etc)
Rev. 03 15 September 2008 www.ZLED.com Document No. : SSC-QP-7-07-24 (Rev.00)


▲Up To Search▲   

 
Price & Availability of W724C0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X